Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1394BV18-200BZC Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C1394BV18-200BZC
Description  18-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1394BV18-200BZC Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C1394BV18-200BZC Datasheet HTML 4Page - Cypress Semiconductor CY7C1394BV18-200BZC Datasheet HTML 5Page - Cypress Semiconductor CY7C1394BV18-200BZC Datasheet HTML 6Page - Cypress Semiconductor CY7C1394BV18-200BZC Datasheet HTML 7Page - Cypress Semiconductor CY7C1394BV18-200BZC Datasheet HTML 8Page - Cypress Semiconductor CY7C1394BV18-200BZC Datasheet HTML 9Page - Cypress Semiconductor CY7C1394BV18-200BZC Datasheet HTML 10Page - Cypress Semiconductor CY7C1394BV18-200BZC Datasheet HTML 11Page - Cypress Semiconductor CY7C1394BV18-200BZC Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
CY7C1392BV18
CY7C1992BV18
CY7C1393BV18
CY7C1394BV18
Document Number: 38-05623 Rev. *C
Page 8 of 27
When Write access is deselected, the device will ignore all
data inputs after the pending Write operations have been
completed.
Byte Write Operations
Byte Write operations are supported by the CY7C1393BV18.
A Write operation is initiated as described in the Write Opera-
tions section above. The bytes that are written are determined
by BWS0 and BWS1, which are sampled with each set of 18-bit
data words. Asserting the appropriate Byte Write Select input
during the data portion of a Write will allow the data being
presented to be latched and written into the device.
Deasserting the Byte Write Select input during the data portion
of a write will allow the data stored in the device for that byte
to remain unaltered. This feature can be used to simplify
Read/Modify/Write operations to a Byte Write operation.
Single Clock Mode
The CY7C1393BV18 can be used with a single clock that
controls both the input and output registers. In this mode the
device will recognize only a single pair of input clocks (K and
K) that control both the input and output registers. This
operation is identical to the operation if the device had zero
skew between the K/K and C/C clocks. All timing parameters
remain the same in this mode. To use this mode of operation,
the user must tie C and C HIGH at power-on. This function is
a strap option and not alterable during device operation. The
echo clocks are synchronized to input clocks K/K in this mode.
DDR Operation
The CY7C1393BV18 enables high-performance operation
through high clock frequencies (achieved through pipelining)
and double DDR mode of operation. If a Read occurs after a
Write cycle, address and data for the Write are stored in
registers. The write information must be stored because the
SRAM can not perform the last word Write to the array without
conflicting with the Read. The data stays in this register until
the next Write cycle occurs. On the first Write cycle after the
Read(s), the stored data from the earlier Write will be written
into the SRAM array. This is called a Posted Write.
Depth Expansion
Depth expansion requires replicating the LD control signal for
each bank. All other control signals can be common between
banks as appropriate.
Programmable Impedance
An external resistor, RQ, must be connected between the ZQ
pin on the SRAM and VSS to allow the SRAM to adjust its
output driver impedance. The value of RQ must be 5X the
value of the intended line impedance driven by the SRAM. The
allowable range of RQ to guarantee impedance matching with
a tolerance of ±15% is between 175
Ω and 350Ω, with
VDDQ = 1.5V. The output impedance is adjusted every 1024
cycles upon power-up to account for drifts in supply voltage
and temperature.
Echo Clocks
Echo clocks are provided on the DDR-II to simplify data
capture on high-speed systems. Two echo clocks are
generated by the DDR-II. CQ is referenced with respect to C
and CQ is referenced with respect to C. These are
free-running clocks and are synchronized to the output clock
of the Separate I/O DDR. In the single clock mode, CQ is
generated with respect to K and CQ is generated with respect
to K. The timings for the echo clocks are shown in the AC
Timing table.
DLL
These chips utilize a Delay Lock Loop (DLL) that is designed
to function between 80 MHz and the specified maximum clock
frequency. During power-up, when the DOFF is tied HIGH, the
DLL gets locked after 1024 cycles of stable clock. The DLL can
also be reset by slowing or stopping the input clock K and K
for a minimum of 30 ns. However, it is not necessary for the
DLL to be specifically reset in order to lock the DLL to the
desired frequency. The DLL will automatically lock 1024 clock
cycles after a stable clock is presented.the DLL may be
disabled by applying ground to the DOFF pin. For information
refer to the application note “DLL Considerations in
QDRII/DDRII/QDRII+/DDRII+”.
Note:
1. The above application shows four DDR-II SIO being used.
Application Example[1]
LD
#
R/W
#
B
W
#
Vt = VREF
CC#
CQ
CQ#
K#
ZQ
Q
D
K
CC# K
BUS
MASTER
(CPU
or
ASIC)
SRAM 1
SRAM 4
DATA IN
DATA OUT
Address
LD#
R/W#
BWS#
SRAM 1 Input CQ
SRAM 1 Input CQ#
SRAM 4 Input CQ
SRAM 4 Input CQ#
Source K
Source K#
Delayed K
Delayed K#
R = 50 Ohms
R = 250 Ohms
CQ
CQ#
K#
ZQ
Q
LD
#
R/W
#
B
W
S
#
LD
#
R/W
#
Vt
Vt
Vt
R
R
R
A
A
D
R = 250 Ohms
B
W
S
#
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1394BV18-200BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1394AV18 CYPRESS-CY7C1394AV18 Datasheet
332Kb / 21P
   18-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1394AV18-167BZC CYPRESS-CY7C1394AV18-167BZC Datasheet
332Kb / 21P
   18-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1394AV18-200BZC CYPRESS-CY7C1394AV18-200BZC Datasheet
332Kb / 21P
   18-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1394AV18-250BZC CYPRESS-CY7C1394AV18-250BZC Datasheet
332Kb / 21P
   18-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1394CV18 CYPRESS-CY7C1394CV18 Datasheet
695Kb / 30P
   18-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
More results

Similar Description - CY7C1394BV18-200BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1392JV18 CYPRESS-CY7C1392JV18 Datasheet
1Mb / 26P
   18-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1392CV18 CYPRESS-CY7C1392CV18 Datasheet
695Kb / 30P
   18-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1392AV18 CYPRESS-CY7C1392AV18 Datasheet
332Kb / 21P
   18-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1392KV18 CYPRESS-CY7C1392KV18_12 Datasheet
787Kb / 30P
   18-Mbit DDR II SIO SRAM Two-Word Burst Architecture
CY7C1392KV18 CYPRESS-CY7C1392KV18 Datasheet
854Kb / 31P
   18-Mbit DDR II SIO SRAM Two-Word Burst Architecture
CY7C1522AV18 CYPRESS-CY7C1522AV18_07 Datasheet
686Kb / 30P
   72-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1522V18 CYPRESS-CY7C1522V18 Datasheet
446Kb / 28P
   72-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1422JV18 CYPRESS-CY7C1422JV18 Datasheet
678Kb / 28P
   36-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1422AV18 CYPRESS-CY7C1422AV18 Datasheet
466Kb / 28P
   36-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1522AV18 CYPRESS-CY7C1522AV18 Datasheet
1Mb / 28P
   72-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com