Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1415AV18-167BZC Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C1415AV18-167BZC
Description  36-Mbit QDR??II SRAM 4-Word Burst Architecture
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1415AV18-167BZC Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7C1415AV18-167BZC Datasheet HTML 3Page - Cypress Semiconductor CY7C1415AV18-167BZC Datasheet HTML 4Page - Cypress Semiconductor CY7C1415AV18-167BZC Datasheet HTML 5Page - Cypress Semiconductor CY7C1415AV18-167BZC Datasheet HTML 6Page - Cypress Semiconductor CY7C1415AV18-167BZC Datasheet HTML 7Page - Cypress Semiconductor CY7C1415AV18-167BZC Datasheet HTML 8Page - Cypress Semiconductor CY7C1415AV18-167BZC Datasheet HTML 9Page - Cypress Semiconductor CY7C1415AV18-167BZC Datasheet HTML 10Page - Cypress Semiconductor CY7C1415AV18-167BZC Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
CY7C1411AV18
CY7C1426AV18
CY7C1413AV18
CY7C1415AV18
Document Number: 38-05614 Rev. *C
Page 7 of 28
Functional Overview
The CY7C1411AV18, CY7C1426AV18, CY7C1413AV18,
CY7C1415AV18 are synchronous pipelined Burst SRAMs
equipped with both a Read port and a Write port. The Read
port is dedicated to Read operations and the Write port is
dedicated to Write operations. Data flows into the SRAM
through the Write port and out through the Read port. These
devices multiplex the address inputs in order to minimize the
number of address pins required. By having separate Read
and Write ports, the QDR-II completely eliminates the need to
“turn-around” the data bus and avoids any possible data
contention, thereby simplifying system design. Each access
consists of four 8-bit data transfers in the case of
CY7C1411AV18, four 9-bit data transfers in the case of
CY7C1426AV18, four 18-bit data transfers in the case of
CY7C1413AV18, and four 36-bit data in the case of
CY7C1415AV18 transfers in two clock cycles.
Accesses for both ports are initiated on the Positive Input
Clock (K). All synchronous input timing is referenced from the
rising edge of the input clocks (K and K) and all output timing
is referenced to the output clocks (C and C or K and K when
in single clock mode).
All synchronous data inputs (D[x:0]) inputs pass through input
registers controlled by the input clocks (K and K). All
synchronous data outputs (Q[x:0]) outputs pass through output
registers controlled by the rising edge of the output clocks (C
and C or K and K when in single-clock mode).
All synchronous control (RPS, WPS, BWS[x:0]) inputs pass
through input registers controlled by the rising edge of the
input clocks (K and K).
CY7C1413AV18 is described in the following sections. The
same
basic
descriptions
apply
to
CY7C1411AV18,
CY7C1426AV18, and CY7C1415AV18.
Read Operations
The CY7C1413AV18 is organized internally as 4 arrays of
512K x 18. Accesses are completed in a burst of four
sequential 18-bit data words. Read operations are initiated by
asserting RPS active at the rising edge of the Positive Input
Clock (K). The address presented to Address inputs are stored
in the Read address register. Following the next K clock rise,
the corresponding lowest order 18-bit word of data is driven
onto the Q[17:0] using C as the output timing reference. On the
subsequent rising edge of C the next 18-bit data word is driven
onto the Q[17:0]. This process continues until all four 18-bit data
words have been driven out onto Q[17:0]. The requested data
will be valid 0.45 ns from the rising edge of the output clock (C
or C or (K or K when in single-clock mode)). In order to
maintain the internal logic, each read access must be allowed
to complete. Each Read access consists of four 18-bit data
CQ
Echo Clock
CQ is referenced with respect to C. This is a free running clock and is synchronized to the Input
clock for output data (C) of the QDR-II. In the single clock mode, CQ is generated with respect
to K. The timings for the echo clocks are shown in the AC Timing table.
CQ
Echo Clock
CQ is referenced with respect to C. This is a free running clock and is synchronized to the Input
clock for output data (C) of the QDR-II. In the single clock mode, CQ is generated with respect
to K. The timings for the echo clocks are shown in the AC Timing table.
ZQ
Input
Output Impedance Matching Input. This input is used to tune the device outputs to the system
data bus impedance. CQ, CQ, and Q[x:0] output impedance are set to 0.2 x RQ, where RQ is a
resistor connected between ZQ and ground. Alternately, this pin can be connected directly to
VDDQ, which enables the minimum impedance mode. This pin cannot be connected directly to
GND or left unconnected.
DOFF
Input
DLL Turn Off - active LOW. Connecting this pin to ground will turn off the DLL inside the device.
The timings in the DLL turned off operation will be different from those listed in this data sheet.
TDO
Output
TDO for JTAG.
TCK
Input
TCK pin for JTAG.
TDI
Input
TDI pin for JTAG.
TMS
Input
TMS pin for JTAG.
NC
N/A
Not connected to the die. Can be tied to any voltage level.
NC/72M
N/A
Not connected to the die. Can be tied to any voltage level.
NC/144M
N/A
Not connected to the die. Can be tied to any voltage level.
NC/288M
N/A
Not connected to the die. Can be tied to any voltage level.
VREF
Input-
Reference
Reference Voltage Input. Static input used to set the reference level for HSTL inputs and outputs
as well as AC measurement points.
VDD
Power Supply Power supply inputs to the core of the device.
VSS
Ground
Ground for the device.
VDDQ
Power Supply Power supply inputs for the outputs of the device.
Pin Definitions (continued)
Pin Name
I/O
Pin Description
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1415AV18-167BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1415AV18-167BZC CYPRESS-CY7C1415AV18-167BZC Datasheet
735Kb / 31P
   36-Mbit QDR-II SRAM 4-Word Burst Architecture
More results

Similar Description - CY7C1415AV18-167BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1411BV18 CYPRESS-CY7C1411BV18 Datasheet
1Mb / 28P
   36-Mbit QDR??II SRAM 4-Word Burst Architecture
CY7C1411AV18 CYPRESS-CY7C1411AV18_09 Datasheet
735Kb / 31P
   36-Mbit QDR-II SRAM 4-Word Burst Architecture
CY7C1411BV18_0709 CYPRESS-CY7C1411BV18_0709 Datasheet
705Kb / 30P
   36-Mbit QDR??II SRAM 4-Word Burst Architecture
CY7C1411JV18 CYPRESS-CY7C1411JV18_09 Datasheet
698Kb / 28P
   36-Mbit QDR-II SRAM 4-Word Burst Architecture
CY7C1411BV18 CYPRESS-CY7C1411BV18_09 Datasheet
732Kb / 30P
   36-Mbit QDR-II SRAM 4-Word Burst Architecture
CY7C1411JV18 CYPRESS-CY7C1411JV18 Datasheet
644Kb / 26P
   36-Mbit QDR??II SRAM 4-Word Burst Architecture
CY7C1410AV18 CYPRESS-CY7C1410AV18 Datasheet
277Kb / 23P
   36-Mbit QDR-II??SRAM 2-Word Burst Architecture
CY7C1410AV18 CYPRESS-CY7C1410AV18_07 Datasheet
1Mb / 25P
   36-Mbit QDR-II??SRAM 2-Word Burst Architecture
CY7C1410BV18 CYPRESS-CY7C1410BV18 Datasheet
1Mb / 26P
   36-Mbit QDR-II??SRAM 2-Word Burst Architecture
CY7C1410JV18 CYPRESS-CY7C1410JV18 Datasheet
629Kb / 26P
   36-Mbit QDR??II SRAM 2-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com