Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM6541 Datasheet(PDF) 6 Page - PMC-Sierra, Inc

Part # PM6541
Description  E1XC EVALUATION DAUGHTERBOARD
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6541 Datasheet(HTML) 6 Page - PMC-Sierra, Inc

Back Button PM6541 Datasheet HTML 2Page - PMC-Sierra, Inc PM6541 Datasheet HTML 3Page - PMC-Sierra, Inc PM6541 Datasheet HTML 4Page - PMC-Sierra, Inc PM6541 Datasheet HTML 5Page - PMC-Sierra, Inc PM6541 Datasheet HTML 6Page - PMC-Sierra, Inc PM6541 Datasheet HTML 7Page - PMC-Sierra, Inc PM6541 Datasheet HTML 8Page - PMC-Sierra, Inc PM6541 Datasheet HTML 9Page - PMC-Sierra, Inc PM6541 Datasheet HTML 10Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 49 page
background image
PMC-Sierra, Inc.
PM6541 E1XC-EVBD
TELECOM STANDARD PRODUCT
PMC-930917
ISSUE 1
E1XC EVALUATION DAUGHTERBOARD
3
2.3
Decode Logic
Decode logic is provided on the daughterboard to give memory mapped access to
all of the registers within both E1XCs. Registers within the "east" E1XC are
accessible starting at address C000H. Registers within the "west" E1XC are
accessible starting at address C100H. Additional chip selects are provided for
addresses C200H-C2FFH and C300H-C3FFH for use on the prototype area.
2.4
DIP Switches
The DIP switch settings control the operational modes of the MT8940 DPLL device
that is used to generate the backplane clock. Access to the enable inputs for the
various clock outputs is also provided through these switches.
2.5
Clock DPLL
The MT8940 T1/CEPT Digital Trunk DPLL can provide a number of different clocks
with different methods of synchronization, depending upon its mode setting, which
can be used to drive the backplane interface of the E1XCs. The device can output
1.544 MHz, 2.048 MHz, and 4.096 MHz clocks in true or complement format. The
DPLL can be allowed to free-run or it can be synchronized to the receive frame
pulses of either E1XC. PLL control is accomplished with the DIP switches
connected to the inputs.
2.6
Oscillators
Up to four oscillators can be used on the E1XC EVBD daughterboard depending
upon the choice of configuration. The E1XC devices require a 49.152 MHz clock if
all of the device's features are to be utilized. Although two oscillator sockets are
provided, only a single oscillator is necessary if two E1XC devices are used. The
insertion of a jumper (J25) will join the two E1XC XCLK inputs together to allow the
single clock to drive both devices. If a T1XC device is used in place of one of the
E1XC devices then the jumper must be removed to isolate each clock line and a
37.056 MHz oscillator is used to drive the T1XC XCLK input.
The MT8940 DPLL device requires two oscillators to drive internal DPLLs, one at
12.355 MHz, and the other at 16.384 MHz. If the MT8940 is removed from the
daughterboard, then these oscillators can be replaced with ones directly compatible
with the backplane rate. Each oscillator output is directly accessible at header pins,
allowing connections to be made by connecting jumpers to the E1XC devices.


Similar Part No. - PM6541

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
PM65 TRUMPOWER-PM65 Datasheet
220Kb / 2P
   65 WATT MEDICAL POWER SUPPLIES
logo
Powerbox
PM65 POWERBOX-PM65 Datasheet
591Kb / 2P
   50 - 65 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
logo
Tumbler Technologies + ...
PM65-10A TRUMPOWER-PM65-10A Datasheet
220Kb / 2P
   65 WATT MEDICAL POWER SUPPLIES
logo
Powerbox
PM65-10A POWERBOX-PM65-10A Datasheet
591Kb / 2P
   50 - 65 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
logo
Tumbler Technologies + ...
PM65-12A TRUMPOWER-PM65-12A Datasheet
220Kb / 2P
   65 WATT MEDICAL POWER SUPPLIES
More results

Similar Description - PM6541

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11040K MAXIM-MAX11040K_12 Datasheet
1Mb / 32P
   MAX11040K Evaluation Kit/Daughterboard
Rev 0; 11/11
MAX11040DB MAXIM-MAX11040DB Datasheet
1Mb / 31P
   MAX11040 Evaluation Kit/Daughterboard
Rev 1; 5/10
logo
STMicroelectronics
STEVAL-ICB002V1 STMICROELECTRONICS-STEVAL-ICB002V1 Datasheet
105Kb / 4P
   Capacitive touch daughterboard based on the STMPE821
logo
ON Semiconductor
AM306228R1DBGEVB ONSEMI-AM306228R1DBGEVB Datasheet
113Kb / 1P
   Bill of Materials for the AM306228R1DBGEVB Daughterboard
2/11/2010
logo
STMicroelectronics
STEVAL-IKR002V4D STMICROELECTRONICS-STEVAL-IKR002V4D Datasheet
190Kb / 4P
   SPIRIT1 868 MHz low data rate tansceiver daughterboard
Rev 1
STEVAL-TLL008V2 STMICROELECTRONICS-STEVAL-TLL008V2 Datasheet
262Kb / 4P
   Camera flash with SuperCap??daughterboard based on the STCF04
June 2012 Rev 1
STEVAL-IPE011V1 STMICROELECTRONICS-STEVAL-IPE011V1 Datasheet
94Kb / 4P
   Energy meter demonstration kit daughterboard based on the STPMS1
June 2010 Rev 1
logo
Maxim Integrated Produc...
MAX6884 MAXIM-MAX6884 Datasheet
758Kb / 12P
   Evaluation System/Evaluation Kit
Rev 2; 3/21
MAX6652 MAXIM-MAX6652_07 Datasheet
134Kb / 8P
   Evaluation System/Evaluation Kit
Rev 1; 3/07
MAX5581EVKIT MAXIM-MAX5581EVKIT Datasheet
263Kb / 15P
   MAX5581 Evaluation Kit/Evaluation System
Rev 0; 6/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com