Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT71P73204250BQ Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDT71P73204250BQ
Description  18Mb Pipelined DDR?줚I SRAM Burst of 4
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71P73204250BQ Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT71P73204250BQ Datasheet HTML 1Page - Integrated Device Technology IDT71P73204250BQ Datasheet HTML 2Page - Integrated Device Technology IDT71P73204250BQ Datasheet HTML 3Page - Integrated Device Technology IDT71P73204250BQ Datasheet HTML 4Page - Integrated Device Technology IDT71P73204250BQ Datasheet HTML 5Page - Integrated Device Technology IDT71P73204250BQ Datasheet HTML 6Page - Integrated Device Technology IDT71P73204250BQ Datasheet HTML 7Page - Integrated Device Technology IDT71P73204250BQ Datasheet HTML 8Page - Integrated Device Technology IDT71P73204250BQ Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
6.42
3
IDT71P73204 (2M x 8-Bit), 71P73104 (2M x 9-Bit), 71P73804 (1M x 18-Bit) 71P73604 (512K x 36-Bit)
18 Mb DDR II SRAM Burst of 4
Commercial Temperature Range
Pin Definitions
Symbol
Pin Function
Description
DQ[X:0]
Input/Output
Synchronous
Data I/O signals. Data inputs are sampled on the rising edge of K and
K during valid write operations. Data outputs are driven
during a valid read operation. The outputs are aligned with the rising edge of both C and
C during normal operation. When
operating in a single clock mode (C and
C tied high), the outputs are aligned with the rising edge of both K and K. When a
Read operation is not initiated or
LD is high (deselected) during the rising edge of K, DQ[X:O] are automatically driven to high
impedance after any previous read operation in progress completes.
2M x 8 -- DQ[7:0]
2M x 9 -- DQ[8:0]
1M x 18 -- DQ[17:0]
512K x 36 -- DQ[35:0]
BW0, BW1
BW2, BW3
Input
Synchronous
Byte Write Select 0, 1, 2, and 3 are active LOW. Sampled on the rising edge of the K and again on the rising edge of
K clocks
during write operations. Used to select which byte is written into the device during the current portion of the write operations.
Bytes not written remain unaltered. All the byte writes are sampled on the same edge as the data. Deselecting a Byte Write
Select will cause the corresponding byte of data to be ignored and not written in to the device.
2M x 9 --
BW0 controls DQ[8:0]
1M x 18 --
BW0 controls DQ[8:0] and BW1 controls DQ[17:9]
512K x 36 --
BW0 controls DQ[8:0], BW1 controls DQ[17:9], BW2 controls DQ[26:18] and BW3 controls DQ[35:27]
NW0, NW1
Input
Synchronous
Nibble Write Select 0 and 1 are active LOW. Available only on x8 bit parts instead of Byte Write Selects. Sampled on the rising
edge of the K and
K clocks during write operations. Used to select which nibble is written into the device during the current
portion of the write operations. Nibbles not written remain unaltered. All the nibble writes are sampled on the same edge as the
data. Deselecting a Nibble Write Select will cause the corresponding nibble of data to be ignored and not written in to the
device.
2M x 8 --
NW0 controls D[3:0] and NW1 controls D[7:4].
SA
Input
Synchronous
Address Inputs. Addresses are sampled on the rising edge of K clock during active read or write operations.
SA0, SA1
Input
Synchronous
Burst count address bits on x18 and x36 DDRll devices. These bits allow changing the burst order in read or write operations, or
addressing to the individual word of a burst. See page 9 for all possible burst sequences.
LD
Input
Synchronous
Load Control Logic. Sampled on the rising edge of K. If
LD is low, a four word burst read or write operation will initiate
designated by the R/
W input. If LD is high during the rising edge of K, operations in progress will complete, but new operations
will not be initiated.
R/
W
Input
Synchronous
Read or Write Control Logic. If
LD is low during the rising edge of K, the R/W indicates whether a new operation should be a
read or write. If R/
W is high, a read operation will be initiated, if R/W is low, a write operation will be initiated. If the LD input is
high during the rising edge of K, the R/
W input will be ignored.
C
Input Clock
Positive Output Clock Input. C is used in conjunction with
C to clock out the Read data from the device. C and C can be used
together to deskew the flight times of various devices on the board back to the controller. See application example for further
details.
C
Input Clock
Negative Output Clock Input.
C is used in conjunction with C to clock out the Read data from the device. C and C can be used
together to deskew the flight times of various devices on the board back to the controller. See application example for further
details.
K
Input Clock
Positive Input Clock Input. The rising edge of K is used to capture synchronous inputs to the device and to drive out data
through DQ[X:0] when in single clock mode. All accesses are initiated on the rising edge of K.
K
Input Clock
Negative Input Clock Input.
K is used to capture synchronous inputs being presented to the device and to drive out data through
DQ[X:0] when in single clock mode.
CQ,
CQ
Output Clock
Synchronous Echo clock outputs. The rising edges of these outputs are tightly matched to the synchronous data outputs and can
be used as a data valid indication. These signals are free running and do not stop when the output data is three stated.
ZQ
Input
Output Impedance Matching Input. This input is used to tune the device outputs to the system data bus impedance. DQ[X:0]
output impedance is set to 0.2 x RQ, where RQ is a resistor connected between ZQ and ground. Alternately, this pin can be
connected directly to VDDQ, which enables the minimum impedance mode. This pin cannot be connected directly to GND or left
unconnected.
6431 tbl 02a


Similar Part No. - IDT71P73204250BQ

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71P71804 IDT-IDT71P71804 Datasheet
228Kb / 23P
   18Mb Pipelined DDR?줚I SRAM Burst of 2
IDT71P72104 IDT-IDT71P72104 Datasheet
589Kb / 22P
   18Mb Pipelined QDRII SRAM Burst of 2
IDT71P72104S167BQ IDT-IDT71P72104S167BQ Datasheet
589Kb / 22P
   18Mb Pipelined QDRII SRAM Burst of 2
IDT71P72104S200BQ IDT-IDT71P72104S200BQ Datasheet
589Kb / 22P
   18Mb Pipelined QDRII SRAM Burst of 2
IDT71P72104S250BQ IDT-IDT71P72104S250BQ Datasheet
589Kb / 22P
   18Mb Pipelined QDRII SRAM Burst of 2
More results

Similar Description - IDT71P73204250BQ

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71P71804 IDT-IDT71P71804 Datasheet
228Kb / 23P
   18Mb Pipelined DDR?줚I SRAM Burst of 2
IDT71P79204 IDT-IDT71P79204 Datasheet
629Kb / 23P
   18Mb Pipelined DDR?줚I SIO SRAM Burst of 2
IDT71P74204 IDT-IDT71P74204 Datasheet
578Kb / 22P
   18Mb Pipelined QDR II SRAM Burst of 4
IDT71P72204 IDT-IDT71P72204 Datasheet
589Kb / 22P
   18Mb Pipelined QDRII SRAM Burst of 2
logo
GSI Technology
GS8182S18D GSI-GS8182S18D Datasheet
1Mb / 31P
   18Mb Burst of 2 DDR SigmaSIO-II SRAM
GS8182S08 GSI-GS8182S08 Datasheet
764Kb / 36P
   18Mb Burst of 2 SigmaSIO DDR-IITM SRAM
GS8180D18D GSI-GS8180D18D Datasheet
848Kb / 28P
   18Mb Burst of 4 SigmaQuad SRAM
GS8180DV18D GSI-GS8180DV18D Datasheet
847Kb / 28P
   18Mb Burst of 4 SigmaQuad SRAM
GS8182D19BD-435I GSI-GS8182D19BD-435I Datasheet
554Kb / 27P
   18Mb SigmaQuad-II Burst of 4 SRAM
GS8182D19BD-375I GSI-GS8182D19BD-375I Datasheet
554Kb / 27P
   18Mb SigmaQuad-II Burst of 4 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com