Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM50RVA120 Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # PM50RVA120
Description  FLAT-BASE TYPE INSULATED PACKAGE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PM50RVA120 Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  PM50RVA120_05 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PM50RVA120_05 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PM50RVA120_05 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PM50RVA120_05 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PM50RVA120_05 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PM50RVA120_05 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor PM50RVA120_05 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MITSUBISHI <INTELLIGENT POWER MODULES>
PM50RVA120
FLAT-BASE TYPE
INSULATED PACKAGE
Jun. 2005
3.5
3.5
Mounting part
screw : M5
Main terminal
screw : M5
Symbol
Parameter
Mounting torque
Mounting torque
Weight
Test Condition
Unit
N • m
N • m
g
Limits
Min.
Typ.
Max.
2.5
2.5
3.0
3.0
560
MECHANICAL RATINGS AND CHARACTERISTICS
(Note-2) Fault output is given only when the internal SC, OT & UV protection.
Fault output of OT protection operate by lower arm.
Fault output of OT, UV protection given pulse while over level.
VD = 15V
Base-plate
Temperature detection, VD = 15V
–20
≤ Tj ≤ 125°C
VD = 15V, VFO = 15V
(Note-2)
VD = 15V
(Note-2)
Trip level
Reset level
Trip level
Reset level
Circuit Current
Input ON Threshold Voltage
Input OFF Threshold Voltage
Over Current Trip Level
Short Circuit Trip Level
Over Current Delay Time
Short Circuit Current Delay
Time
Over Temperature Protection
Supply Circuit Under-Voltage
Protection
Fault Output Current
Minimum Fault Output Pulse
Width
Vth(ON)
Vth(OFF)
OC
SC
toff(OC)
toff(SC)
OT
OTr
UV
UVr
IFO(H)
IFO(L)
tFO
–20
≤ Tj ≤ 125°C, VD = 15V, Break part
–20
≤ Tj ≤ 125°C, VD = 15V
VD = 15V, Break part
Inverter part
Brake part
CONTROL PART
ID
Parameter
Symbol
µs
°C
V
mA
ms
60
18
1.8
2.3
125
12.5
0.01
15
mA
1.2
1.7
22
59
111
11.5
1.0
Max.
Min.
Typ.
Unit
Limits
44
13
1.5
2.0
52
10
10
118
100
12.0
12.5
10
1.8
V
µs
A
A
VD = 15V, VCIN = 15V
Applied between : UP-VUPC, VP-VVPC, WP-VWPC
UN • VN • WN • Br-VNC
Test Condition
VN1-VNC
V*P1-V*PC
Rth(j-c)Q
Rth(j-c)F
Rth(j-c)Q
Rth(j-c)F
Rth(c-f)
Symbol
THERMAL RESISTANCES
0.37
0.70
0.93
1.50
0.027
°C/W
Inverter IGBT part (per 1/6 module)
Inverter FWDi part (per 1/6 module)
Brake IGBT part
Brake FWDi part
Case to fin, Thermal grease applied (per 1 module)
Parameter
Test Condition
Unit
Limits
Min.
Typ.
Max.
Junction to case Thermal
Resistances
Contact Thermal Resistance
RECOMMENDED CONDITIONS FOR USE
Recommended value
Unit
Test Condition
Symbol
Parameter
V
Applied across P-N terminals
Applied between : VUP1-VUPC, VVP1-VVPC
VWP1-VWPC, VN1-VNC
(Note-3)
Applied between : UP-VUPC, VP-VVPC, WP-VWPC
UN • VN • WN • Br-VNC
For IPM’s each input signals
Using Application Circuit input signal of IPM,
Sinusoidal PWM VVVF inverter
Supply Voltage
Control Supply Voltage
Input ON Voltage
Input OFF Voltage
Arm Shoot-through
Blocking Time
PWM Input Frequency
≤ 800
15
± 1.5
≤ 0.8
≥ 4.0
≥ 3.0
≤ 20
VCC
VCIN(ON)
VCIN(OFF)
tdead
fPWM
VD
V
µs
kHz
V
(Note-3) With ripple satisfying the following conditions dv/dt swing
≤ ±5V/µs, Variation ≤ 2V peak to peak


Similar Part No. - PM50RVA120_05

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM50RVA120 MITSUBISHI-PM50RVA120 Datasheet
925Kb / 6P
   USING INTELLIGENT POWER MODULES
PM50RVA120 MITSUBISHI-PM50RVA120 Datasheet
72Kb / 8P
   FLAT-BASE TYPE INSULATED PACKAGE
logo
Powerex Power Semicondu...
PM50RVA120 POWEREX-PM50RVA120 Datasheet
86Kb / 8P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (50 Amperes/1200 Volts)
More results

Similar Description - PM50RVA120_05

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM50CSE060 MITSUBISHI-PM50CSE060 Datasheet
131Kb / 6P
   FLAT-BASE FLAT-BASE TYPE INSULATED PACKAGE
PM100DSA120 MITSUBISHI-PM100DSA120 Datasheet
62Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM30CTJ060 MITSUBISHI-PM30CTJ060 Datasheet
133Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM400DSA060 MITSUBISHI-PM400DSA060 Datasheet
63Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM75RSA060 MITSUBISHI-PM75RSA060 Datasheet
84Kb / 8P
   FLAT-BASE TYPE INSULATED PACKAGE
PM50CTK060 MITSUBISHI-PM50CTK060 Datasheet
144Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM200CSA060 MITSUBISHI-PM200CSA060 Datasheet
72Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM10CSJ060 MITSUBISHI-PM10CSJ060 Datasheet
57Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM100CSA120 MITSUBISHI-PM100CSA120 Datasheet
72Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM50RSA060 MITSUBISHI-PM50RSA060 Datasheet
85Kb / 8P
   FLAT-BASE TYPE INSULATED PACKAGE
PM20CTM060 MITSUBISHI-PM20CTM060 Datasheet
136Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com