Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1387DV25-250BZXI Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C1387DV25-250BZXI
Description  18-Mbit (512K x 36/1M x 18) Pipelined DCD Sync SRAM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1387DV25-250BZXI Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY7C1387DV25-250BZXI Datasheet HTML 2Page - Cypress Semiconductor CY7C1387DV25-250BZXI Datasheet HTML 3Page - Cypress Semiconductor CY7C1387DV25-250BZXI Datasheet HTML 4Page - Cypress Semiconductor CY7C1387DV25-250BZXI Datasheet HTML 5Page - Cypress Semiconductor CY7C1387DV25-250BZXI Datasheet HTML 6Page - Cypress Semiconductor CY7C1387DV25-250BZXI Datasheet HTML 7Page - Cypress Semiconductor CY7C1387DV25-250BZXI Datasheet HTML 8Page - Cypress Semiconductor CY7C1387DV25-250BZXI Datasheet HTML 9Page - Cypress Semiconductor CY7C1387DV25-250BZXI Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
CY7C1386DV25, CY7C1386FV25
CY7C1387DV25, CY7C1387FV25
Document Number: 38-05548 Rev. *E
Page 6 of 30
Pin Definitions
Name
IO
Description
A0, A1, A
Input-
Synchronous
Address inputs used to select one of the address locations. Sampled at the
rising edge of the CLK if ADSP or ADSC is active LOW, and CE1, CE2, and CE3 [2]
are sampled active. A1: A0 are fed to the two-bit counter..
BWA, BWB
BWC, BWD
Input-
Synchronous
Byte write select inputs, active LOW. Qualified with BWE to conduct byte writes
to the SRAM. Sampled on the rising edge of CLK.
GW
Input-
Synchronous
Global write enable input, active LOW. When asserted LOW on the rising edge
of CLK, a global write is conducted (all bytes are written, regardless of the values
on BWX and BWE).
BWE
Input-
Synchronous
Byte write enable input, active LOW. Sampled on the rising edge of CLK. This
signal must be asserted LOW to conduct a byte write.
CLK
Input-
Clock
Clock input. Used to capture all synchronous inputs to the device. Also used to
increment the burst counter when ADV is asserted LOW, during a burst operation.
CE1
Input-
Synchronous
Chip enable 1 input, active LOW. Sampled on the rising edge of CLK. Used in
conjunction with CE2 and CE3 [2] to select or deselect the device. ADSP is ignored
if CE1 is HIGH. CE1 is sampled only when a new external address is loaded.
CE2 [2]
Input-
Synchronous
Chip enable 2 input, active HIGH. Sampled on the rising edge of CLK. Used in
conjunction with CE1 and CE3 [2] to select or deselect the device. CE2 is sampled
only when a new external address is loaded.
CE3 [2]
Input-
Synchronous
Chip enable 3 input, active LOW. Sampled on the rising edge of CLK. Used in
conjunction with CE1 and CE2 to select or deselect the device. Not connected for
BGA. Where referenced, CE3 [2] is assumed active throughout this document for
BGA. CE3 is sampled only when a new external address is loaded.
OE
Input-
Asynchronous
Output enable, asynchronous input, active LOW. Controls the direction of the
IO pins. When LOW, the IO pins behave as outputs. When deasserted HIGH, DQ
pins are tri-stated, and act as input data pins. OE is masked during the first clock
of a read cycle when emerging from a deselected state.
ADV
Input-
Synchronous
Advance input signal, sampled on the rising edge of CLK, active LOW. When
asserted, it automatically increments the address in a burst cycle.
ADSP
Input-
Synchronous
Address strobe from processor, sampled on the rising edge of CLK, active
LOW. When asserted LOW, addresses presented to the device are captured in the
address registers. A1: A0 are also loaded into the burst counter. When ADSP and
ADSC are both asserted, only ADSP is recognized. ASDP is ignored when CE1 is
deasserted HIGH.
ADSC
Input-
Synchronous
Address strobe from controller, sampled on the rising edge of CLK, active
LOW. When asserted LOW, addresses presented to the device are captured in the
address registers. A1: A0 are also loaded into the burst counter. When ADSP and
ADSC are both asserted, only ADSP is recognized.
ZZ
Input-
Asynchronous
ZZ sleep input, active HIGH. When asserted HIGH places the device in a
non-time-critical sleep condition with data integrity preserved. For normal operation,
this pin has to be LOW or left floating. ZZ pin has an internal pull down.
DQs, DQPs
IO-
Synchronous
Bidirectional data IO lines. As inputs, they feed into an on-chip data register that
is triggered by the rising edge of CLK. As outputs, they deliver the data contained
in the memory location specified by the addresses presented during the previous
clock rise of the read cycle. The direction of the pins is controlled by OE. When OE
is asserted LOW, the pins behave as outputs. When HIGH, DQs and DQPX are
placed in a tri-state condition.
VDD
Power Supply
Power supply inputs to the core of the device.


Similar Part No. - CY7C1387DV25-250BZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1387D CYPRESS-CY7C1387D Datasheet
481Kb / 29P
   18-Mbit (512K x 36/1 Mbit x 18) Pipelined DCD Sync SRAM
CY7C1387D CYPRESS-CY7C1387D Datasheet
1Mb / 36P
   18-Mbit (512 K x 36/1 M x 18) Pipelined DCD Sync SRAM
CY7C1387D-167AXC CYPRESS-CY7C1387D-167AXC Datasheet
481Kb / 29P
   18-Mbit (512K x 36/1 Mbit x 18) Pipelined DCD Sync SRAM
CY7C1387D-167AXC CYPRESS-CY7C1387D-167AXC Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1 Mbit x 18) Pipelined DCD Sync SRAM
CY7C1387D-167AXC CYPRESS-CY7C1387D-167AXC Datasheet
1Mb / 36P
   18-Mbit (512 K x 36/1 M x 18) Pipelined DCD Sync SRAM
More results

Similar Description - CY7C1387DV25-250BZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1386C CYPRESS-CY7C1386C Datasheet
554Kb / 34P
   18-Mb (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1386CV25 CYPRESS-CY7C1386CV25 Datasheet
547Kb / 36P
   18-Mb (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1386D CYPRESS-CY7C1386D_07 Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1 Mbit x 18) Pipelined DCD Sync SRAM
CY7C1387D CYPRESS-CY7C1387D Datasheet
481Kb / 29P
   18-Mbit (512K x 36/1 Mbit x 18) Pipelined DCD Sync SRAM
CY7C1386B CYPRESS-CY7C1386B Datasheet
789Kb / 32P
   512K x 36/1M x 18 Pipelined DCD SRAM
CY7C1444AV25 CYPRESS-CY7C1444AV25 Datasheet
440Kb / 26P
   36-Mbit (1M x 36/2M x 18) Pipelined DCD Sync SRAM
CY7C1444AV33 CYPRESS-CY7C1444AV33 Datasheet
479Kb / 26P
   36-Mbit (1M x 36/2Mx 18) Pipelined DCD Sync SRAM
CY7C1380D CYPRESS-CY7C1380D Datasheet
469Kb / 29P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM
CY7C1366C CYPRESS-CY7C1366C_06 Datasheet
549Kb / 29P
   9-Mbit (256K x 36/512K x 18) Pipelined DCD Sync SRAM
CY7C1366C CYPRESS-CY7C1366C Datasheet
458Kb / 27P
   9-Mbit (256K x 36/512K x 18) Pipelined DCD Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com