Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT77V1253 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDT77V1253
Description  TRIPLE PORT PHY (PHYSICAL LAYER) FOR 25.6 AND 51.2 MBPS ATM NETWORKS
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT77V1253 Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT77V1253 Datasheet HTML 1Page - Integrated Device Technology IDT77V1253 Datasheet HTML 2Page - Integrated Device Technology IDT77V1253 Datasheet HTML 3Page - Integrated Device Technology IDT77V1253 Datasheet HTML 4Page - Integrated Device Technology IDT77V1253 Datasheet HTML 5Page - Integrated Device Technology IDT77V1253 Datasheet HTML 6Page - Integrated Device Technology IDT77V1253 Datasheet HTML 7Page - Integrated Device Technology IDT77V1253 Datasheet HTML 8Page - Integrated Device Technology IDT77V1253 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
3
TRIPLE PORT PHY (PHYSICAL LAYER) FOR 25.6
AND 51.2 MBPS ATM NETWORKS
IDT77V1253
TABLE 1 — SIGNAL DESCRIPTIONS
LINE SIDE SIGNALS
SIGNAL NAME
PIN NUMBER
I/O
SIGNAL DESCRIPTION
RX0+,-
139, 138
In
Port 0 positive and negative receive differential input pair.
RX1+,-
133, 132
In
Port 1 positive and negative receive differential input pair.
RX2+,-
121, 120
In
Port 2 positive and negative receive differential input pair.
TX0+,-
4, 3
Out
Port 0 positive and negative transmit differential output pair.
TX1+,-
144, 143
Out
Port 1 positive and negative transmit differential output pair.
TX2+,-
110, 109
Out
Port 2 positive and negative transmit differential output pair.
UTILITY BUS SIGNALS
SIGNAL NAME
PIN NUMBER
I/O
SIGNAL DESCRIPTION
AD[7:0]
101, 100, 99, 98,
96, 95, 94, 93
In/Out
Utility bus address/data bus. The address input is sampled on the falling
e dge of ALE. Data is output on this bus when a read is performed. Input
data is sampled at the completion of a write operation.
ALE
91
In
Utility bus address latch enable. Asynchronous input. An address on the
AD bus is sampled on the falling edge of ALE. ALE may be either high
low when the AD bus is being used for data.
CS
90
In
Utility bus asynchronous chip select.
CS must be asserted to read or
write an internal register. It may remain asserted at all times if desired.
RD
89
In
Utility bus read enable. Active low asynchronous input. After latching
an address, a read is performed by deasserting
WR and asserting
RD and CS.
WR
88
In
Utility bus write enable. Active low asynchronous input. After latching
an address, a write is performed by deasserting
RD, placing data
on the AD bus, and asserting
WR and CS. Data is sampled.
MISCELLANEOUS SIGNALS
SIGNAL NAME
PIN NUMBER
I/O
SIGNAL DESCRIPTION
DA
103
In
Reserved signal. This input must be connected to logic low.
DNC
12, 82, 105, 106
Out
Do Not Connect. Do not connect these pins to anything external to the
chip. They must remain open.
INT
85
Out
Interrupt.
INT is an open-drain output, driven low to indicate an interrupt.
Once low,
INT remains low until the interrupt status in the appropriate
interrupt Status Register is read. Interrupt sources are programmable
via the interrupt Mask Registers.
MA
114
In
Reserved signal. This input must be connected to logic low.
MB
115
In
Reserved signal. This input must be connected to logic low.
MM
6
In
Reserved signal. This input must be connected to logic high.
MODE[1:0]
7, 8
In
Mod e Selects. They determine the configuration of the PHY/ATM
interface. 00 = UTOPIA Level 2. 01 = UTOPIA Le vel 1. 10 = DPI.
11 is reserved.
OSC
126
In
TTL line rate clock source, driven by a 100 ppm oscillator. 32 MHz
for 25.6 Mb ps; 64 MHz for 51.2 Mbps.
RST
87
In
Reset. Active low asynchronous input resets all control logic, counters
and FIFOs. A reset must be performed after power up prior to normal
operation of the part.
RXLED[2:0]
81, 80, 79
Out
Receive LED drivers. Driven low for 223 RCLK or DPICLK cycles,
beginning with RXSOC when that port receives a good (non-null and
non-errored) cell. Drives 8 mA both high and low. One per port.
4781 tbl 01


Similar Part No. - IDT77V1253

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT77V1254L25 IDT-IDT77V1254L25 Datasheet
840Kb / 47P
   Quad Port PHY (Physical Layer) for 25.6 and 51.2 ATM Networks
IDT77V1254L25L25PG IDT-IDT77V1254L25L25PG Datasheet
840Kb / 47P
   Quad Port PHY (Physical Layer) for 25.6 and 51.2 ATM Networks
IDT77V1254L25L25PGI IDT-IDT77V1254L25L25PGI Datasheet
840Kb / 47P
   Quad Port PHY (Physical Layer) for 25.6 and 51.2 ATM Networks
More results

Similar Description - IDT77V1253

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT77V1254L25 IDT-IDT77V1254L25 Datasheet
840Kb / 47P
   Quad Port PHY (Physical Layer) for 25.6 and 51.2 ATM Networks
IDT77V126L200 IDT-IDT77V126L200 Datasheet
229Kb / 30P
   Single Port PHY (Physical Layer) for 25.6, 51.2, and 204.8 Mbps ATM Networks and Backplane Applications
IDT77V1264L200 IDT-IDT77V1264L200 Datasheet
390Kb / 49P
   Quad Port PHY (Physical Layer) for 25.6, 51.2, and 204.8 Mbps ATM Networks and Backplane Applications
IDT77V106L25 IDT-IDT77V106L25 Datasheet
216Kb / 27P
   3.3V ATM PHY for 25.6 and 51.2 Mbps
IDT77105 IDT-IDT77105 Datasheet
335Kb / 24P
   PHY (TC-PMD) for 25.6 Mbps ATM Networks
IDT77V107 IDT-IDT77V107 Datasheet
325Kb / 24P
   Single ATM PHY for 25.6 and 51.2 Mbps with Utopia Level 2
logo
Bel Fuse Inc.
S558-5999-85 BEL-S558-5999-85 Datasheet
245Kb / 2P
   ATM 25.6 MBPS INTERFACEMODULE
S553-1084-04 BEL-S553-1084-04 Datasheet
259Kb / 2P
   ATM 25.6 MBPS INTERFACE MODULE
S556-2006-32 BEL-S556-2006-32 Datasheet
224Kb / 2P
   ATM 25.6 MBPS FILTER MODULE
logo
Rhombus Industries Inc.
T-11229 RHOMBUS-IND-T-11229 Datasheet
29Kb / 1P
   ATM 25.6 MBPS INTERFACE TRANSFORMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com