Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FW168 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # FW168
Description  P-Channel Silicon MOSFET General-Purpose Switching Device
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FW168 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  FW168 Datasheet HTML 1Page - Sanyo Semicon Device FW168 Datasheet HTML 2Page - Sanyo Semicon Device FW168 Datasheet HTML 3Page - Sanyo Semicon Device FW168 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
FW168
No. A0386-3/4
--10
2
3
5
7
2
3
5
7
2
3
5
7
2
3
--1.0
--0.01
--0.1
23
23
5 7
23
5 7
23
5 7
--0.01
--0.1
--1.0
--10
5
IT10948
100
µ
s
Operation in this area
is limited by RDS(on).
1ms
10ms
100ms
ID= --4A
IDP= --16A
DC
operation
0
3
100
1000
7
5
7
5
3
2
2
--30
--5
--15
--20
--25
--10
Ciss, Coss, Crss -- VDS
IT09627
SW Time -- ID
IT09626
IT09625
--0.4
--0.5
--0.6
--0.7
--0.8
--0.9
--1.0
--1.1
--0.1
--10
--1.0
7
5
3
2
7
5
3
2
IS -- VSD
IT09624
yfs -- ID
f=1MHz
Ciss
Coss
Crss
--0.01
--0.1
23
5 7
23
5 7
5
--1.0
--10
7
23
10
7
5
2
3
5
7
2
3
0.1
1.0
VDS= --10V
25°
C
Ta=
--25
°C
75
°C
VGS=0V
100
1.0
10
1000
3
2
5
7
3
2
5
7
3
2
5
7
--0.01
--0.1
23
5
7
23
5
7
5
7
--1.0
--10
23
VDD= --15V
VGS= --10V
td(off)
tf
td(on)
VGS -- Qg
IT10947
0
0
--1
--2
--3
--4
--5
--6
--7
--8
13
4
6
7
8
10
11
12
9
5
--10
--9
123
VDS= --10V
ID= --4A
tr
Total Gate Charge, Qg -- nC
Drain Current, ID -- A
Diode Forward Voltage, VSD -- V
Drain Current, ID -- A
Drain-to-Source Voltage, VDS -- V
A S O
Drain-to-Source Voltage, VDS -- V
Ta=25
°C
Single pulse
Mounted on a ceramic board (2000mm2!0.8mm) 1unit
≤10µs
RDS(on) -- VGS
RDS(on) -- Ta
Ambient Temperature, Ta --
°C
Gate-to-Source Voltage, VGS -- V
IT10945
IT10946
0
0
200
180
--16
--2
--4
--6
--8
--10
--12
--60
--40
--20
0
20
40
60
80
100
120
140
160
--14
160
140
80
40
120
100
60
20
0
180
160
100
40
140
120
80
60
20
ID=
--2A,
VGS
= --4.5
V
ID=
--2A,
VGS
= --4.0
V
Ta=25
°C
ID= --2A
--
4A
ID=
--4A, VGS
= --10.0
V


Similar Part No. - FW168

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FW163 SANYO-FW163 Datasheet
44Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device
FW169 SANYO-FW169 Datasheet
44Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device
More results

Similar Description - FW168

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SJ663 SANYO-2SJ663 Datasheet
42Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device
2SJ665 SANYO-2SJ665 Datasheet
41Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device
CPH3341 SANYO-CPH3341 Datasheet
38Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device
ECH8305 SANYO-ECH8305_07 Datasheet
40Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device
ECH8611 SANYO-ECH8611 Datasheet
42Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device
EMH2302 SANYO-EMH2302 Datasheet
42Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device
FSS174 SANYO-FSS174 Datasheet
43Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device
2SJ670 SANYO-2SJ670 Datasheet
42Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device
CPH3325 SANYO-CPH3325 Datasheet
39Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device
CPH3326 SANYO-CPH3326 Datasheet
38Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com