Electronic Components Datasheet Search |
|
IDT7140SA55L48G Datasheet(PDF) 10 Page - Integrated Device Technology |
|
IDT7140SA55L48G Datasheet(HTML) 10 Page - Integrated Device Technology |
10 / 19 page IDT7130SA/LA and IDT7140SA/LA High-Speed 1K x 8 Dual-Port Static SRAM Military, Industrial and Commercial Temperature Ranges 10 AC Electrical Characteristics Over the Operating Temperature Supply Voltage Range(5) NOTES: 1. Transition is measured 0mV from Low or High-impedance voltage with Output Test Load (Figure 2). This parameter is guaranteed by device characterization but is not production tested. 2. PLCC, TQFP and STQFP packages only. 3. For MASTER/SLAVE combination, tWC = tBAA + tWP, since R/ W = VIL must occur after tBAA. 4. If OE is LOW during a R/W controlled write cycle, the write pulse width must be the larger of tWP or (tWZ + tDW) to allow the I/O drivers to turn off data to be placed on the bus for the required tDW. If OE is HIGH during a R/W controlled write cycle, this requirement does not apply and the write pulse can be as short as the specified tWP. 5. 'X' in part numbers indicates power rating (SA or LA). Symbol Parameter 7130X20 (2) 7140X20 (2) Com'l Only 7130X25 7140X25 Com'l, Ind & Military 7130X35 7140X35 Com'l & Military Unit Min. Max. Min. Max. Min. Max. WRITE CYCLE tWC Write Cycle Time (3) 20 ____ 25 ____ 35 ____ ns tEW Chip Enable to End-of-Write 15 ____ 20 ____ 30 ____ ns tAW Address Valid to End-of-Write 15 ____ 20 ____ 30 ____ ns tAS Address Set-up Time 0 ____ 0 ____ 0 ____ ns tWP Write Pulse Width (4) 15 ____ 15 ____ 25 ____ ns tWR Write Recovery Time 0 ____ 0 ____ 0 ____ ns tDW Data Valid to End-of-Write 10 ____ 12 ____ 15 ____ ns tHZ Output High-Z Time(1) ____ 10 ____ 10 ____ 15 ns tDH Data Hold Time 0 ____ 0 ____ 0 ____ ns tWZ Write Enable to Output in High-Z (1) ____ 10 ____ 10 ____ 15 ns tOW Output Active from End-of-Write (1) 0 ____ 0 ____ 0 ____ ns 2689 tbl 10a Symbol Parameter 7130X55 7140X55 Com'l, Ind & Military 7130X100 7140X100 Com'l, Ind & Military Unit Min. Max. Min. Max. WRITE CYCLE tWC Write Cycle Time (3) 55 ____ 100 ____ ns tEW Chip Enable to End-of-Write 40 ____ 90 ____ ns tAW Address Valid to End-of-Write 40 ____ 90 ____ ns tAS Address Set-up Time 0 ____ 0 ____ ns tWP Write Pulse Width (4) 30 ____ 55 ____ ns tWR Write Recovery Time 0 ____ 0 ____ ns tDW Data Valid to End-of-Write 20 ____ 40 ____ ns tHZ Output High-Z Time(1) ____ 25 ____ 40 ns tDH Data Hold Time 0 ____ 0 ____ ns tWZ Write Enable to Output in High-Z (1) ____ 25 ____ 40 ns tOW Output Active from End-of-Write (1) 0 ____ 0 ____ ns 2689 tbl 10b |
Similar Part No. - IDT7140SA55L48G |
|
Similar Description - IDT7140SA55L48G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |