Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM75CSD120 Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # PM75CSD120
Description  FLAT-BASE TYPE INSULATED PACKAGE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PM75CSD120 Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  PM75CSD120 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PM75CSD120 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PM75CSD120 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PM75CSD120 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PM75CSD120 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PM75CSD120 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor PM75CSD120 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor PM75CSD120 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MITSUBISHI <INTELLIGENT POWER MODULES>
PM75CSD120
FLAT-BASE TYPE
INSULATED PACKAGE
Jul. 2005
MITSUBISHI <INTELLIGENT POWER MODULES>
PM75CSD120
FLAT-BASE TYPE
INSULATED PACKAGE
PM75CSD120
FEATURE
a) Adopting new 4th generation planar IGBT chip, which per-
formance is improved by 1
µm fine rule process.
b) Using new Diode which is designed to get soft reverse
recovery characteristics.
c) Keeping the package compatibility.
The layout/position of both terminal pin and mounting hole
is same as S-series 3rd generation IPM.
•3
φ 75A, 1200V Current-sense IGBT for 15kHz switching
• Monolithic gate drive & protection logic
• Detection, protection & status indication circuits for over-
current, short-circuit, over-temperature & under-voltage
(P-Fo available from upper leg devices)
• Acoustic noise-less 11/15kW class inverter application
• UL Recognized
Yellow Card No.E80276(N)
File No.E80271
APPLICATION
General purpose inverter, servo drives and other motor controls
PACKAGE OUTLINES
Dimensions in mm
19
18
17
16
15
14
13
12
11
9
10
78
6
5
4
3
2
1
WV
U
A
MOUNTING HOLES
12
2-
φ2.54
110±1
95±0.5
24.5
0.5±0.3
3.22
66.44
26
26
17.02
10
10
3-2
4-R6
6-M5NUTS
4-
φ5.5
6-2
3-2
3-2
10
LABEL
3.22
3-2
φ2.54
22
21.2
–0.5
+1.0
1. VUPC
2. UFO
3. UP
4. VUP1
5. VVPC
6. VFO
7. VP
8. VVP1
9. VWPC
10. WFO
11. WP
12. VWP1
13. VNC
14. VN1
15. NC
16. UN
17. VN
18. WN
19. Fo
Screwing depth
Min9.0
Terminal code
A : DETAIL
19-
0.5
0.5


Similar Part No. - PM75CSD120

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PM75CSD120 POWEREX-PM75CSD120 Datasheet
85Kb / 4P
   Intellimod??Module Three Phase IGBT Inverter Output (75 Amperes/600 Volts)
More results

Similar Description - PM75CSD120

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM50CSE060 MITSUBISHI-PM50CSE060 Datasheet
131Kb / 6P
   FLAT-BASE FLAT-BASE TYPE INSULATED PACKAGE
PM100DSA120 MITSUBISHI-PM100DSA120 Datasheet
62Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM30CTJ060 MITSUBISHI-PM30CTJ060 Datasheet
133Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM400DSA060 MITSUBISHI-PM400DSA060 Datasheet
63Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM75RSA060 MITSUBISHI-PM75RSA060 Datasheet
84Kb / 8P
   FLAT-BASE TYPE INSULATED PACKAGE
PM50CTK060 MITSUBISHI-PM50CTK060 Datasheet
144Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM200CSA060 MITSUBISHI-PM200CSA060 Datasheet
72Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM10CSJ060 MITSUBISHI-PM10CSJ060 Datasheet
57Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM100CSA120 MITSUBISHI-PM100CSA120 Datasheet
72Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM50RSA060 MITSUBISHI-PM50RSA060 Datasheet
85Kb / 8P
   FLAT-BASE TYPE INSULATED PACKAGE
PM20CTM060 MITSUBISHI-PM20CTM060 Datasheet
136Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com