Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM75RSE060 Datasheet(PDF) 6 Page - Mitsubishi Electric Semiconductor

Part # PM75RSE060
Description  FLAT-BASE TYPE INSULATED PACKAGE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PM75RSE060 Datasheet(HTML) 6 Page - Mitsubishi Electric Semiconductor

  PM75RSE060_05 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PM75RSE060_05 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PM75RSE060_05 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PM75RSE060_05 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PM75RSE060_05 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PM75RSE060_05 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor PM75RSE060_05 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor PM75RSE060_05 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor PM75RSE060_05 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
MITSUBISHI <INTELLIGENT POWER MODULES>
PM75RSE060
FLAT-BASE TYPE
INSULATED PACKAGE
Jul. 2005
NOTES FOR STABLE AND SAFE OPERATION ;
Design the PCB pattern to minimize wiring length between opto-coupler and IPM’s input terminal, and also to minimize the
stray capacity between the input and output wirings of opto-coupler.
Quick opto-couplers: TPLH, TPLH ≤ 0.8µs. Use High CMR type. The line between opto-coupler and intelligent module
should be shortened as much as possible to minimize the floating capacitance.
Slow switching opto-coupler: recommend to use at CTR = 100 ~ 200%, Input current = 8 ~ 10mA, to work in active.
Use 4 isolated control power supplies (VD). Also, care should be taken to minimize the instantaneous voltage charge of the
power supply.
Make inductance of DC bus line as small as possible, and minimize surge voltage using snubber capacitor between P and N
terminal.
Use line noise filter capacitor (ex. 4.7nF) between each input AC line and ground to reject common-mode noise from AC line
and improve noise immunity of the system.
OUT
Si
GND
GND
In
Vcc
U
V
W
B
N
P
M
¡
IF
+
: Interface which is the same as the U-phase
OUT
Si
GND
GND
In
Vcc
OUT
Si
GND
GND
In
Vcc
OUT
Si
GND
GND
In
Fo
Vcc
OUT
Si
GND
GND
In
Fo
TEMP
Vcc
OUT
Si
GND
GND
In
Fo
Vcc
VWP1
WP
VWPC
Th
UN
VN
VN1
WN
VNC
Rfo
Fo
VVP1
VP
VVPC
≥0.1µ
4.7k
1k
≥0.1µ
≥0.1µ
20k
20k
20k
≥10µ
≥10µ
≥10µ
20k
≥10µ
≥0.1µ
VUP1
UP
VUPC
Br
¡
¡
IF
IF
IF
5V
¡
OUT
Si
GND
GND
In
Fo
Vcc
VD
VD
VD
VD
Fig. 8 Application Example Circuit


Similar Part No. - PM75RSE060_05

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM75RSE060 MITSUBISHI-PM75RSE060 Datasheet
136Kb / 6P
   MITSUBISHI INTELLIGENT POWER MODULES
More results

Similar Description - PM75RSE060_05

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM50CSE060 MITSUBISHI-PM50CSE060 Datasheet
131Kb / 6P
   FLAT-BASE FLAT-BASE TYPE INSULATED PACKAGE
PM100DSA120 MITSUBISHI-PM100DSA120 Datasheet
62Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM30CTJ060 MITSUBISHI-PM30CTJ060 Datasheet
133Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM400DSA060 MITSUBISHI-PM400DSA060 Datasheet
63Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM75RSA060 MITSUBISHI-PM75RSA060 Datasheet
84Kb / 8P
   FLAT-BASE TYPE INSULATED PACKAGE
PM50CTK060 MITSUBISHI-PM50CTK060 Datasheet
144Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM200CSA060 MITSUBISHI-PM200CSA060 Datasheet
72Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM10CSJ060 MITSUBISHI-PM10CSJ060 Datasheet
57Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM100CSA120 MITSUBISHI-PM100CSA120 Datasheet
72Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM50RSA060 MITSUBISHI-PM50RSA060 Datasheet
85Kb / 8P
   FLAT-BASE TYPE INSULATED PACKAGE
PM20CTM060 MITSUBISHI-PM20CTM060 Datasheet
136Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com