Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT7140SA35FG Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDT7140SA35FG
Description  HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7140SA35FG Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT7140SA35FG Datasheet HTML 1Page - Integrated Device Technology IDT7140SA35FG Datasheet HTML 2Page - Integrated Device Technology IDT7140SA35FG Datasheet HTML 3Page - Integrated Device Technology IDT7140SA35FG Datasheet HTML 4Page - Integrated Device Technology IDT7140SA35FG Datasheet HTML 5Page - Integrated Device Technology IDT7140SA35FG Datasheet HTML 6Page - Integrated Device Technology IDT7140SA35FG Datasheet HTML 7Page - Integrated Device Technology IDT7140SA35FG Datasheet HTML 8Page - Integrated Device Technology IDT7140SA35FG Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3
IDT7130SA/LA and IDT7140SA/LA
High-Speed 1K x 8 Dual-Port Static SRAM
Military, Industrial and Commercial Temperature Ranges
INDEX
IDT7130/40TF or PF
PP64-1 & PN64-1(4)
64-Pin STQFP
64-Pin TQFP
Top View(5)
8
9
10
11
12
13
14
15
16
1
2
3
4
5
6
7
46
45
44
43
42
41
40
39
38
37
36
35
34
47
48
33
I/O6R
N/C
A0R
A1R
A2R
A3R
A4R
A5R
A6R
A7R
A8R
A9R
I/O7R
OER
N/C
N/C
I/O2L
A0L
OEL
A1L
A2L
A3L
A4L
A5L
A6L
A7L
A8L
A9L
I/O0L
I/O1L
N/C
N/C
2689 drw 05
,
01/08/02
IDT7130/40J
J52-1(4)
52-Pin PLCC
Top View(5)
INDEX
OER
A0R
A1R
A2R
A3R
A4R
A5R
A6R
A7R
A8R
A9R
N/C
I/O7R
46
45
44
43
42
41
40
39
38
37
36
35
34
I/O3L
A1L
A2L
A3L
A4L
A5L
A6L
A7L
A8L
A9L
I/O0L
I/O1L
I/O2L
8
9
10
11
12
13
14
15
16
17
18
19
20
47
48
49
50
51
52
1
2
3
4
5
6
7
33
32
31
30
29
28
27
26
25
24
23
22
21
2689 drw 04
,
01/08/02
Pin Configurations(1,2,3) (con't.)
NOTES:
1. All VCC pins must be connected to power supply.
2. All GND pins must be connected to ground supply.
3. J52-1 package body is approximately .75 in x .75 in x .17 in.
PP64-1 package body is approximately 10 mm x 10 mm x 1.4mm.
PN64-1 package body is approximately 14mm x 14mm x 1.4mm.
4. This package code is used to reference the package diagram.
5. This text does not indicate orientation of the actual part-marking.


Similar Part No. - IDT7140SA35FG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7140SA35F IDT-IDT7140SA35F Datasheet
218Kb / 14P
   HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM
IDT7140SA35FB IDT-IDT7140SA35FB Datasheet
218Kb / 14P
   HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM
More results

Similar Description - IDT7140SA35FG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7130-LA55J IDT-IDT7130-LA55J Datasheet
278Kb / 10P
   HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM
IDT7130SA IDT-IDT7130SA_16 Datasheet
936Kb / 21P
   HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM
IDT7130SA55JI IDT-IDT7130SA55JI Datasheet
278Kb / 10P
   HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM
IDT7130SA IDT-IDT7130SA_18 Datasheet
205Kb / 21P
   HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM
IDT7130SA IDT-IDT7130SA Datasheet
218Kb / 14P
   HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM
7130SA55P IDT-7130SA55P Datasheet
168Kb / 14P
   HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM
IDT71V30S IDT-IDT71V30S_17 Datasheet
125Kb / 15P
   HIGH-SPEED 3.3V 1K X 8 DUAL-PORT STATIC RAM
IDT71V30S IDT-IDT71V30S_15 Datasheet
628Kb / 15P
   HIGH-SPEED 3.3V 1K X 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
71V30 RENESAS-71V30 Datasheet
376Kb / 16P
   HIGH-SPEED 3.3V 1K X 8 DUAL-PORT STATIC RAM
JUNE 2019
logo
Integrated Device Techn...
IDT71V30 IDT-IDT71V30 Datasheet
120Kb / 14P
   HIGH-SPEED 3.3V 1K X 8 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com