Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT7140SA35FG Datasheet(PDF) 9 Page - Integrated Device Technology

Part # IDT7140SA35FG
Description  HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7140SA35FG Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button IDT7140SA35FG Datasheet HTML 5Page - Integrated Device Technology IDT7140SA35FG Datasheet HTML 6Page - Integrated Device Technology IDT7140SA35FG Datasheet HTML 7Page - Integrated Device Technology IDT7140SA35FG Datasheet HTML 8Page - Integrated Device Technology IDT7140SA35FG Datasheet HTML 9Page - Integrated Device Technology IDT7140SA35FG Datasheet HTML 10Page - Integrated Device Technology IDT7140SA35FG Datasheet HTML 11Page - Integrated Device Technology IDT7140SA35FG Datasheet HTML 12Page - Integrated Device Technology IDT7140SA35FG Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
9
IDT7130SA/LA and IDT7140SA/LA
High-Speed 1K x 8 Dual-Port Static SRAM
Military, Industrial and Commercial Temperature Ranges
Timing Waveform of Read Cycle No. 2, Either Side(3)
NOTES:
1. Timing depends on which signal is asserted last,
OE or CE.
2. Timing depends on which signal is deaserted first,
OE or CE.
3. R/
W = VIH and OE = VIL, and the address is valid prior to or coincidental with CE transition LOW.
4.
Start of valid data depends on which timing becomes effective last tAOE, tACE, tAA, and tBDD.
Timing Waveform of Read Cycle No. 1, Either Side(1)
ADDRESS
DATAOUT
tRC
tOH
PREVIOUS DATA VALID
tAA
tOH
DATA VALID
2689 drw 08
tBDDH
(2,3)
BUSYOUT
NOTES:
1. R/
W = VIH, CE = VIL, and is OE = VIL. Address is valid prior to the coincidental with CE transition LOW.
2. tBDD delay is required only in the case where the opposite port is completing a write operation to the same the address location. For simultaneous read operations,
BUSY has no relationship to valid output data.
3. Start of valid data depends on which timing becomes effective last tAOE, tACE, tAA, and tBDD.
CE
tACE
tAOE
tHZ
tLZ
tPD
VALID DATA
tPU
50%
OE
DATAOUT
CURRENT
ICC
ISS
50%
2689 drw 09
(4)
(1)
(1)
(2)
(2)
(4)
tLZ
tHZ


Similar Part No. - IDT7140SA35FG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7140SA35F IDT-IDT7140SA35F Datasheet
218Kb / 14P
   HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM
IDT7140SA35FB IDT-IDT7140SA35FB Datasheet
218Kb / 14P
   HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM
More results

Similar Description - IDT7140SA35FG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7130-LA55J IDT-IDT7130-LA55J Datasheet
278Kb / 10P
   HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM
IDT7130SA IDT-IDT7130SA_16 Datasheet
936Kb / 21P
   HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM
IDT7130SA55JI IDT-IDT7130SA55JI Datasheet
278Kb / 10P
   HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM
IDT7130SA IDT-IDT7130SA_18 Datasheet
205Kb / 21P
   HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM
IDT7130SA IDT-IDT7130SA Datasheet
218Kb / 14P
   HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM
7130SA55P IDT-7130SA55P Datasheet
168Kb / 14P
   HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM
IDT71V30S IDT-IDT71V30S_17 Datasheet
125Kb / 15P
   HIGH-SPEED 3.3V 1K X 8 DUAL-PORT STATIC RAM
IDT71V30S IDT-IDT71V30S_15 Datasheet
628Kb / 15P
   HIGH-SPEED 3.3V 1K X 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
71V30 RENESAS-71V30 Datasheet
376Kb / 16P
   HIGH-SPEED 3.3V 1K X 8 DUAL-PORT STATIC RAM
JUNE 2019
logo
Integrated Device Techn...
IDT71V30 IDT-IDT71V30 Datasheet
120Kb / 14P
   HIGH-SPEED 3.3V 1K X 8 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com