Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1416BV18-250BZXC Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C1416BV18-250BZXC
Description  36-Mbit DDR-II SRAM 2-Word Burst Architecture
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1416BV18-250BZXC Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY7C1416BV18-250BZXC Datasheet HTML 2Page - Cypress Semiconductor CY7C1416BV18-250BZXC Datasheet HTML 3Page - Cypress Semiconductor CY7C1416BV18-250BZXC Datasheet HTML 4Page - Cypress Semiconductor CY7C1416BV18-250BZXC Datasheet HTML 5Page - Cypress Semiconductor CY7C1416BV18-250BZXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1416BV18-250BZXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1416BV18-250BZXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1416BV18-250BZXC Datasheet HTML 9Page - Cypress Semiconductor CY7C1416BV18-250BZXC Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
PRELIMINARY
CY7C1416BV18
CY7C1427BV18
CY7C1418BV18
CY7C1420BV18
Document Number: 001-07033 Rev. *B
Page 6 of 28
Pin Definitions
Pin Name
I/O
Pin Description
DQ[x:0]
Input/Output-
Synchronous
Data Input/Output signals. Inputs are sampled on the rising edge of K and K clocks during valid
Write operations. These pins drive out the requested data during a Read operation. Valid data is
driven out on the rising edge of both the C and C clocks during Read operations or K and K when
in single clock mode. When read access is deselected, Q[x:0] are automatically tri-stated.
CY7C1416BV18
− DQ
[7:0]
CY7C1427BV18
− DQ
[8:0]
CY7C1418BV18
− DQ
[17:0]
CY7C1420BV18
− DQ
[35:0]
LD
Input-
Synchronous
Synchronous Load. This input is brought LOW when a bus cycle sequence is to be defined.
This definition includes address and Read/Write direction. All transactions operate on a burst of
2 data. LD must meet the set-up and hold times around edge of K.
NWS0, NWS1
Input-
Synchronous
Nibble Write Select 0, 1
− active LOW (CY7C1416BV18 only). Sampled on the rising edge of
the K and K clocks during Write operations. Used to select which nibble is written into the device
during the current portion of the Write operations. Nibbles not written remain unaltered.
NWS0 controls D[3:0] and NWS1 controls D[7:4].
All the Nibble Write Selects are sampled on the same edge as the data. Deselecting a Nibble
Write Select will cause the corresponding nibble of data to be ignored and not written into the
device.
BWS0, BWS1,
BWS2, BWS3
Input-
Synchronous
Byte Write Select 0, 1, 2, and 3 - active LOW. Sampled on the rising edge of the K and K clocks
during Write operations. Used to select which byte is written into the device during the current
portion of the Write operations. Bytes not written remain unaltered.
CY7C1427BV18
− BWS
0 controls D[8:0]
CY7C1418BV18
− BWS
0 controls D[8:0] and BWS1 controls D[17:9].
CY7C1420BV18
− BWS
0 controls D[8:0], BWS1 controls D[17:9], BWS2 controls D[26:18] and BWS3
controls D[35:27].
All the Byte Write Selects are sampled on the same edge as the data. Deselecting a Byte Write
Select will cause the corresponding byte of data to be ignored and not written into the device.
A, A0
Input-
Synchronous
Address Inputs. These address inputs are multiplexed for both Read and Write operations.
Internally, the device is organized as 4M x 8 (2 arrays each of 2M x 8) for CY7C1416BV18 and
4M x 9 (2 arrays each of 2M x 9) for CY7C1420BV18, a single 2M x 18 array for CY7C1427BV18,
and a single array of 1M x 36 for CY7C1418BV18.
CY7C1416BV18 – Since the least significant bit of the address internally is a “0,” only 21 external
address inputs are needed to access the entire memory array.
CY7C1420BV18 – Since the least significant bit of the address internally is a “0,” only 21 external
address inputs are needed to access the entire memory array.
CY7C1427BV18 – A0 is the input to the burst counter. These are incremented in a linear fashion
internally. 21 address inputs are needed to access the entire memory array.
CY7C1418BV18 – A0 is the input to the burst counter. These are incremented in a linear fashion
internally. 20 address inputs are needed to access the entire memory array. All the address inputs
are ignored when the appropriate port is deselected.
R/W
Input-
Synchronous
Synchronous Read/Write Input. When LD is LOW, this input designates the access type (Read
when R/W is HIGH, Write when R/W is LOW) for loaded address. R/W must meet the set-up and
hold times around edge of K.
C
Input-
Clock
Positive Input Clock for Output Data. C is used in conjunction with C to clock out the Read data
from the device. C and C can be used together to deskew the flight times of various devices on
the board back to the controller. See application example for further details.
C
Input-
Clock
Negative Input Clock for Output Data. C is used in conjunction with C to clock out the Read
data from the device. C and C can be used together to deskew the flight times of various devices
on the board back to the controller. See application example for further details.
K
Input-
Clock
Positive Input Clock Input. The rising edge of K is used to capture synchronous inputs to the
device and to drive out data through Q[x:0] when in single clock mode. All accesses are initiated
on the rising edge of K.
K
Input-
Clock
Negative Input Clock Input. K is used to capture synchronous data being presented to the device
and to drive out data through Q[x:0] when in single clock mode.
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1416BV18-250BZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1416BV18-250BZXC CYPRESS-CY7C1416BV18-250BZXC Datasheet
672Kb / 29P
   36-Mbit DDR-II SRAM 2-Word Burst Architecture
More results

Similar Description - CY7C1416BV18-250BZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1416KV18 CYPRESS-CY7C1416KV18 Datasheet
1Mb / 32P
   36-Mbit DDR II SRAM 2-Word Burst Architecture
CY7C1416BV18 CYPRESS-CY7C1416BV18_07 Datasheet
672Kb / 29P
   36-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1416JV18 CYPRESS-CY7C1416JV18 Datasheet
630Kb / 26P
   36-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1416AV18 CYPRESS-CY7C1416AV18_06 Datasheet
495Kb / 28P
   36-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1416AV18 CYPRESS-CY7C1416AV18 Datasheet
272Kb / 24P
   36-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1422JV18 CYPRESS-CY7C1422JV18 Datasheet
678Kb / 28P
   36-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1422KV18 CYPRESS-CY7C1422KV18 Datasheet
944Kb / 32P
   36-Mbit DDR II SIO SRAM 2-Word Burst Architecture
CY7C1422AV18 CYPRESS-CY7C1422AV18 Datasheet
466Kb / 28P
   36-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1422BV18 CYPRESS-CY7C1422BV18 Datasheet
1Mb / 28P
   36-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1422BV18 CYPRESS-CY7C1422BV18_07 Datasheet
658Kb / 30P
   36-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com