Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1446AV33 Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY7C1446AV33
Description  36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined Sync SRAM
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1446AV33 Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY7C1446AV33 Datasheet HTML 7Page - Cypress Semiconductor CY7C1446AV33 Datasheet HTML 8Page - Cypress Semiconductor CY7C1446AV33 Datasheet HTML 9Page - Cypress Semiconductor CY7C1446AV33 Datasheet HTML 10Page - Cypress Semiconductor CY7C1446AV33 Datasheet HTML 11Page - Cypress Semiconductor CY7C1446AV33 Datasheet HTML 12Page - Cypress Semiconductor CY7C1446AV33 Datasheet HTML 13Page - Cypress Semiconductor CY7C1446AV33 Datasheet HTML 14Page - Cypress Semiconductor CY7C1446AV33 Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
CY7C1440AV33
CY7C1442AV33
CY7C1446AV33
Document #: 38-05383 Rev. *E
Page 11 of 31
IEEE 1149.1 Serial Boundary Scan (JTAG)
The CY7C1440AV33/CY7C1442AV33/CY7C1446AV33 incor-
porates a serial boundary scan test access port (TAP). This
part is fully compliant with IEEE Standard 1149.1. The TAP
operates using JEDEC-standard 3.3V or 2.5V I/O logic levels.
The CY7C1440AV33/CY7C1442AV33/CY7C1446AV33 contains
a TAP controller, instruction register, boundary scan register,
bypass register, and ID register.
Disabling the JTAG Feature
It is possible to operate the SRAM without using the JTAG
feature. To disable the TAP controller, TCK must be tied LOW
(VSS) to prevent clocking of the device. TDI and TMS are inter-
nally pulled up and may be unconnected. They may alternately
be connected to VDD through a pull-up resistor. TDO should be
left unconnected. Upon power-up, the device will come up in
a reset state which will not interfere with the operation of the
device.
TAP Controller State Diagram
The 0/1 next to each state represents the value of TMS at the
rising edge of TCK.
Test Access Port (TAP)
Test Clock (TCK)
The test clock is used only with the TAP controller. All inputs
are captured on the rising edge of TCK. All outputs are driven
from the falling edge of TCK.
Test MODE SELECT (TMS)
The TMS input is used to give commands to the TAP controller
and is sampled on the rising edge of TCK. It is allowable to
leave this ball unconnected if the TAP is not used. The ball is
pulled up internally, resulting in a logic HIGH level.
Test Data-In (TDI)
The TDI ball is used to serially input information into the
registers and can be connected to the input of any of the
registers. The register between TDI and TDO is chosen by the
instruction that is loaded into the TAP instruction register. TDI
is internally pulled up and can be unconnected if the TAP is
unused in an application. TDI is connected to the most signif-
icant bit (MSB) of any register. (See Tap Controller Block
Diagram.)
Test Data-Out (TDO)
The TDO output ball is used to serially clock data-out from the
registers. The output is active depending upon the current
state of the TAP state machine. The output changes on the
falling edge of TCK. TDO is connected to the least significant
bit (LSB) of any register. (See Tap Controller State Diagram.)
TAP Controller Block Diagram
Truth Table for Read/Write[4, 8, 9]
Function (CY7C1446AV33)
GW
BWE
BWX
Read
HH
X
Read
H
L
All BW = H
Write Byte x – (DQx and DQPx)H
L
L
Write All Bytes
H
L
All BW = L
Write All Bytes
L
X
X
TEST-LOGIC
RESET
RUN-TEST/
IDLE
SELECT
DR-SCAN
SELECT
IR-SCAN
CAPTURE-DR
SHIFT-DR
CAPTURE-IR
SHIFT-IR
EXIT1-DR
PAUSE-DR
EXIT1-IR
PAUSE-IR
EXIT2-DR
UPDATE-DR
EXIT2-IR
UPDATE-IR
1
1
1
0
1
1
0
0
1
1
1
0
0
0
0
0
0
0
0
0
1
0
1
1
0
1
0
1
1
1
1
0
Bypass Register
0
Instruction Register
0
1
2
Identification Register
0
1
2
29
30
31
.
.
.
Boundary Scan Register
0
1
2
.
.
x
.
.
.
Selection
Circuitr
y
Selection
Circuitry
TCK
TMS
TAP CONTROLLER
TDI
TDO
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1446AV33

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1446AV33 CYPRESS-CY7C1446AV33 Datasheet
392Kb / 27P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined Sync SRAM
CY7C1446AV33-167BGC CYPRESS-CY7C1446AV33-167BGC Datasheet
392Kb / 27P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined Sync SRAM
CY7C1446AV33-167BGXC CYPRESS-CY7C1446AV33-167BGXC Datasheet
392Kb / 27P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined Sync SRAM
CY7C1446AV33-200BGC CYPRESS-CY7C1446AV33-200BGC Datasheet
392Kb / 27P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined Sync SRAM
CY7C1446AV33-200BGXC CYPRESS-CY7C1446AV33-200BGXC Datasheet
392Kb / 27P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined Sync SRAM
More results

Similar Description - CY7C1446AV33

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1440AV33 CYPRESS-CY7C1440AV33 Datasheet
392Kb / 27P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined Sync SRAM
CY7C1440AV25 CYPRESS-CY7C1440AV25 Datasheet
524Kb / 32P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined Sync SRAM
CY7C1480V33 CYPRESS-CY7C1480V33_07 Datasheet
1Mb / 32P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
CY7C1480V25 CYPRESS-CY7C1480V25_06 Datasheet
578Kb / 31P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
CY7C1480V33 CYPRESS-CY7C1480V33 Datasheet
398Kb / 30P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
CY7C1480V25 CYPRESS-CY7C1480V25 Datasheet
1Mb / 32P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
CY7C1480BV33 CYPRESS-CY7C1480BV33 Datasheet
974Kb / 34P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
CY7C1480V33 CYPRESS-CY7C1480V33_06 Datasheet
578Kb / 31P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
CY7C1480BV25 CYPRESS-CY7C1480BV25 Datasheet
933Kb / 31P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
CY7C1444AV25 CYPRESS-CY7C1444AV25 Datasheet
440Kb / 26P
   36-Mbit (1M x 36/2M x 18) Pipelined DCD Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com