Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1473V25-133AXC Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C1473V25-133AXC
Description  72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM with NoBL??Architecture
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1473V25-133AXC Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C1473V25-133AXC Datasheet HTML 5Page - Cypress Semiconductor CY7C1473V25-133AXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1473V25-133AXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1473V25-133AXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1473V25-133AXC Datasheet HTML 9Page - Cypress Semiconductor CY7C1473V25-133AXC Datasheet HTML 10Page - Cypress Semiconductor CY7C1473V25-133AXC Datasheet HTML 11Page - Cypress Semiconductor CY7C1473V25-133AXC Datasheet HTML 12Page - Cypress Semiconductor CY7C1473V25-133AXC Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
CY7C1471V25
CY7C1473V25
CY7C1475V25
Document #: 38-05287 Rev. *I
Page 9 of 32
Functional Overview
The CY7C1471V25, CY7C1473V25, and CY7C1475V25 are
synchronous flow through burst SRAMs designed specifically
to eliminate wait states during write-read transitions. All
synchronous inputs pass through input registers controlled by
the rising edge of the clock. The clock signal is qualified with
the Clock Enable input signal (CEN). If CEN is HIGH, the clock
signal is not recognized and all internal states are maintained.
All synchronous operations are qualified with CEN. Maximum
access delay from the clock rise (tCDV) is 6.5 ns (133-MHz
device).
Accesses are initiated by asserting all three Chip Enables
(CE1, CE2, CE3) active at the rising edge of the clock. If CEN
is active LOW and ADV/LD is asserted LOW, the address
presented to the device is latched. The access can either be
a read or write operation, depending on the status of the Write
Enable (WE). Byte Write Select (BWX) can be used to conduct
Byte Write operations.
Write operations are qualified by the WE. All writes are
simplified with on-chip synchronous self timed write circuitry.
Three synchronous Chip Enables (CE1, CE2, CE3) and an
asynchronous Output Enable (OE) simplify depth expansion.
All operations (reads, writes, and deselects) are pipelined.
ADV/LD must be driven LOW after the device is deselected to
load a new address for the next operation.
Single Read Accesses
A read access is initiated when the following conditions are
satisfied at clock rise: (1) CEN is asserted LOW, (2) CE1, CE2,
and CE3 are ALL asserted active, (3) WE is deasserted HIGH,
and (4) ADV/LD is asserted LOW. The address presented to
the address inputs is latched into the Address Register and
presented to the memory array and control logic. The control
logic determines that a read access is in progress and allows
the requested data to propagate to the output buffers. The data
is available within 6.5 ns (133-MHz device) provided OE is
active LOW. After the first clock of the read access, the output
buffers are controlled by OE and the internal control logic. OE
must be driven LOW to drive out the requested data. On the
subsequent clock, another operation (read/write/deselect) can
be initiated. When the SRAM is deselected at clock rise by one
of the chip enable signals, the output is tri-stated immediately.
Burst Read Accesses
The CY7C1471V25, CY7C1473V25, and CY7C1475V25 has
an on-chip burst counter that enables the user the ability to
supply a single address and conduct up to four reads without
reasserting the address inputs. ADV/LD must be driven LOW
to load a new address into the SRAM, as described in the
Single Read Access section. The sequence of the burst
counter is determined by the MODE input signal. A LOW input
on MODE selects a linear burst mode, a HIGH selects an inter-
leaved burst sequence. Both burst counters use A0 and A1 in
the burst sequence, and wraps around when incremented
sufficiently. A HIGH input on ADV/LD increments the internal
burst counter regardless of the state of chip enable inputs or
WE. WE is latched at the beginning of a burst cycle. Therefore,
the type of access (read or write) is maintained throughout the
burst sequence.
Single Write Accesses
Write accesses are initiated when these conditions are
satisfied at clock rise:
•CEN is asserted LOW
•CE1, CE2, and CE3 are ALL asserted active
•WE is asserted LOW.
The address presented to the address bus is loaded into the
Address Register. The write signals are latched into the
Control Logic block. The data lines are automatically tri-stated
regardless of the state of the OE input signal. This allows the
external logic to present the data on DQs and DQPX.
On the next clock rise the data presented to DQs and DQPX
(or a subset for Byte Write operations, see “Truth Table for
Read/Write” on page 12 for details) inputs is latched into the
device and the write is complete. Additional accesses
(read/write/deselect) can be initiated on this cycle.
The data written during the write operation is controlled by
BWX signals. The CY7C1471V25, CY7C1473V25, and
CY7C1475V25 provide Byte Write capability that is described
in the “Truth Table for Read/Write” on page 12. The input WE
with the selected BWx input selectively writes to only the
desired bytes. Bytes not selected during a Byte Write
operation remain unaltered. A synchronous self timed write
mechanism is provided to simplify the write operations. Byte
Write
capability
is
included
to
greatly
simplify
read/modify/write sequences, which can be reduced to simple
byte write operations.
TDI
JTAG serial input
Synchronous
Serial data-In to the JTAG circuit. Sampled on the rising edge of TCK. If the JTAG feature
is not used, this pin can be left floating or connected to VDD through a pull up resistor. This
pin is not available on TQFP packages.
TMS
JTAG serial input
Synchronous
Serial data-In to the JTAG circuit. Sampled on the rising edge of TCK. If the JTAG feature
is not used, this pin can be disconnected or connected to VDD. This pin is not available on
TQFP packages.
TCK
JTAG-Clock
Clock input to the JTAG circuitry. If the JTAG feature is not used, this pin must be
connected to VSS. This pin is not available on TQFP packages.
NC
-
No Connects. Not internally connected to the die. 144M, 288M, 576M, and 1G are address
expansion pins and are not internally connected to the die.
Pin Definitions (continued)
Name
IO
Description


Similar Part No. - CY7C1473V25-133AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1473V25-133AXC CYPRESS-CY7C1473V25-133AXC Datasheet
373Kb / 30P
   72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM with NoBL Architecture
More results

Similar Description - CY7C1473V25-133AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1471V33 CYPRESS-CY7C1471V33_07 Datasheet
1Mb / 32P
   72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM with NoBL??Architecture
CY7C1471V25 CYPRESS-CY7C1471V25 Datasheet
373Kb / 30P
   72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM with NoBL Architecture
CY7C1471BV33 CYPRESS-CY7C1471BV33 Datasheet
907Kb / 32P
   72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM with NoBL Architecture
CY7C1471BV25 CYPRESS-CY7C1471BV25 Datasheet
848Kb / 30P
   72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM with NoBL Architecture
CY7C1471V33 CYPRESS-CY7C1471V33 Datasheet
375Kb / 29P
   72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM with NoBL Architecture
CY7C1474V25 CYPRESS-CY7C1474V25 Datasheet
382Kb / 27P
   72-Mbit(2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL??Architecture
CY7C1470V33 CYPRESS-CY7C1470V33_06 Datasheet
520Kb / 29P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL??Architecture
CY7C1470V25 CYPRESS-CY7C1470V25_06 Datasheet
517Kb / 28P
   72-Mbit(2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL Architecture
CY7C1470BV25 CYPRESS-CY7C1470BV25 Datasheet
868Kb / 29P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL??Architecture
CY7C1470BV33 CYPRESS-CY7C1470BV33 Datasheet
902Kb / 30P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com