Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1481V25 Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C1481V25
Description  72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1481V25 Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C1481V25 Datasheet HTML 4Page - Cypress Semiconductor CY7C1481V25 Datasheet HTML 5Page - Cypress Semiconductor CY7C1481V25 Datasheet HTML 6Page - Cypress Semiconductor CY7C1481V25 Datasheet HTML 7Page - Cypress Semiconductor CY7C1481V25 Datasheet HTML 8Page - Cypress Semiconductor CY7C1481V25 Datasheet HTML 9Page - Cypress Semiconductor CY7C1481V25 Datasheet HTML 10Page - Cypress Semiconductor CY7C1481V25 Datasheet HTML 11Page - Cypress Semiconductor CY7C1481V25 Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
CY7C1481V25
CY7C1483V25
CY7C1487V25
Document #: 38-05281 Rev. *H
Page 8 of 30
VDD
Power Supply
Power supply inputs to the core of the device.
VDDQ
I/O Power
Supply
Power supply for the I/O circuitry.
VSS
Ground
Ground for the core of the device.
VSSQ[2]
I/O Ground
Ground for the I/O circuitry.
MODE
Input-Static
Selects Burst Order. When tied to GND selects linear burst sequence. When tied to
VDD or left floating selects interleaved burst sequence. This is a strap pin and should
remain static during device operation. Mode Pin has an internal pull up.
TDO
JTAG Serial
Output
Synchronous
Serial data-out to the JTAG circuit. Delivers data on the negative edge of TCK. If
the JTAG feature is not used, this pin should be left unconnected. This pin is not
available on TQFP packages.
TDI
JTAG Serial
Input
Synchronous
Serial data-in to the JTAG circuit. Sampled on the rising edge of TCK. If the JTAG
feature is not used, this pin can be left floating or connected to VDD through a pull up
resistor. This pin is not available on TQFP packages.
TMS
JTAG Serial
Input
Synchronous
Serial data-in to the JTAG circuit. Sampled on the rising edge of TCK. If the JTAG
feature is not used, this pin can be disconnected or connected to VDD. This pin is not
available on TQFP packages.
TCK
JTAG Clock
Clock input to the JTAG circuitry. If the JTAG feature is not used, this pin must be
connected to VSS. This pin is not available on TQFP packages.
NC
-
No Connects. Not internally connected to the die. 144M, 288M, 576M, and 1G are
address expansion pins are not internally connected to the die.
Pin Definitions (continued)
Pin Name
I/O
Description
Note
2. Applicable for TQFP package. For BGA package VSS serves as ground for the core and the IO circuitry.
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1481V25

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1481V33 CYPRESS-CY7C1481V33 Datasheet
638Kb / 30P
   2M x 36/4M x 18/1M x 72 Flow-through SRAM
CY7C1481V33 CYPRESS-CY7C1481V33 Datasheet
1Mb / 30P
   72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM
CY7C1481V33-100AC CYPRESS-CY7C1481V33-100AC Datasheet
638Kb / 30P
   2M x 36/4M x 18/1M x 72 Flow-through SRAM
CY7C1481V33-100AXC CYPRESS-CY7C1481V33-100AXC Datasheet
1Mb / 30P
   72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM
CY7C1481V33-100AXI CYPRESS-CY7C1481V33-100AXI Datasheet
1Mb / 30P
   72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM
More results

Similar Description - CY7C1481V25

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1481V33 CYPRESS-CY7C1481V33_07 Datasheet
1Mb / 30P
   72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM
CY7C1481V33 CYPRESS-CY7C1481V33 Datasheet
638Kb / 30P
   2M x 36/4M x 18/1M x 72 Flow-through SRAM
CY7C1471V33 CYPRESS-CY7C1471V33_07 Datasheet
1Mb / 32P
   72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM with NoBL??Architecture
CY7C1471V25 CYPRESS-CY7C1471V25 Datasheet
373Kb / 30P
   72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM with NoBL Architecture
CY7C1471V25 CYPRESS-CY7C1471V25_07 Datasheet
1Mb / 32P
   72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM with NoBL??Architecture
CY7C1471BV33 CYPRESS-CY7C1471BV33 Datasheet
907Kb / 32P
   72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM with NoBL Architecture
CY7C1471BV25 CYPRESS-CY7C1471BV25 Datasheet
848Kb / 30P
   72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM with NoBL Architecture
CY7C1471V33 CYPRESS-CY7C1471V33 Datasheet
375Kb / 29P
   72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM with NoBL Architecture
CY7C1441AV33 CYPRESS-CY7C1441AV33 Datasheet
572Kb / 31P
   36-Mbit (1M x 36/2M x 18/512K x 72) Flow-Through SRAM
CY7C1441AV25 CYPRESS-CY7C1441AV25 Datasheet
529Kb / 31P
   36-Mbit (1M x 36/2M x 18/512K x 72) Flow-Through SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com