Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1443AV33-133BZI Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C1443AV33-133BZI
Description  36-Mbit (1M x 36/2M x 18/512K x 72) Flow-Through SRAM
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1443AV33-133BZI Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C1443AV33-133BZI Datasheet HTML 1Page - Cypress Semiconductor CY7C1443AV33-133BZI Datasheet HTML 2Page - Cypress Semiconductor CY7C1443AV33-133BZI Datasheet HTML 3Page - Cypress Semiconductor CY7C1443AV33-133BZI Datasheet HTML 4Page - Cypress Semiconductor CY7C1443AV33-133BZI Datasheet HTML 5Page - Cypress Semiconductor CY7C1443AV33-133BZI Datasheet HTML 6Page - Cypress Semiconductor CY7C1443AV33-133BZI Datasheet HTML 7Page - Cypress Semiconductor CY7C1443AV33-133BZI Datasheet HTML 8Page - Cypress Semiconductor CY7C1443AV33-133BZI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
36-Mbit (1M x 36/2M x 18/512K x 72)
Flow-Through SRAM
CY7C1441AV33
CY7C1443AV33
CY7C1447AV33
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document #: 38-05357 Rev. *F
Revised June 23, 2006
Features
• Supports 133-MHz bus operations
• 1M x 36/2M x 18/512K x 72 common I/O
• 3.3V core power supply
• 2.5V or 3.3V I/O power supply
• Fast clock-to-output times
— 6.5 ns (133-MHz version)
• Provide high-performance 2-1-1-1 access rate
• User-selectable burst counter supporting Intel®
Pentium® interleaved or linear burst sequences
• Separate processor and controller address strobes
• Synchronous self-timed write
• Asynchronous output enable
• CY7C1441AV33, CY7C1443AV33 available in
JEDEC-standard lead-free 100-pin TQFP package,
lead-free and non-lead-free 165-ball FBGA package.
CY7C1447AV33 available in lead-free and non-lead-free
209-ball FBGA package
• IEEE 1149.1 JTAG-Compatible Boundary Scan
• “ZZ” Sleep Mode option
Functional Description[1]
The CY7C1441AV33/CY7C1443AV33/CY7C1447AV33 are
3.3V, 1M x 36/2M x 18/512K x 72 Synchronous Flow-through
SRAMs, respectively designed to interface with high-speed
microprocessors with minimum glue logic. Maximum access
delay from clock rise is 6.5 ns (133-MHz version). A 2-bit
on-chip counter captures the first address in a burst and incre-
ments the address automatically for the rest of the burst
access. All synchronous inputs are gated by registers
controlled by a positive-edge-triggered Clock Input (CLK). The
synchronous inputs include all addresses, all data inputs,
address-pipelining Chip Enable (CE1), depth-expansion Chip
Enables (CE2 and CE3), Burst Control inputs (ADSC, ADSP,
and ADV), Write Enables (BWx, and BWE), and Global Write
(GW). Asynchronous inputs include the Output Enable (OE)
and the ZZ pin.
The CY7C1441AV33/CY7C1443AV33/CY7C1447AV33 allows
either interleaved or linear burst sequences, selected by the
MODE input pin. A HIGH selects an interleaved burst
sequence, while a LOW selects a linear burst sequence. Burst
accesses can be initiated with the Processor Address Strobe
(ADSP) or the cache Controller Address Strobe (ADSC)
inputs. Address advancement is controlled by the Address
Advancement (ADV) input.
Addresses and chip enables are registered at rising edge of
clock when either Address Strobe Processor (ADSP) or
Address Strobe Controller (ADSC) are active. Subsequent
burst addresses can be internally generated as controlled by
the Advance pin (ADV).
The
CY7C1441AV33/CY7C1443AV33/CY7C1447AV33
operates from a +3.3V core power supply while all outputs may
operate with either a +2.5 or +3.3V supply. All inputs and
outputs are JEDEC-standard JESD8-5-compatible.
Selection Guide
133 MHz
100 MHz
Unit
Maximum Access Time
6.5
8.5
ns
Maximum Operating Current
310
290
mA
Maximum CMOS Standby Current
120
120
mA
Note:
1. For best-practices recommendations, please refer to the Cypress application note System Design Guidelines on www.cypress.com.
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1443AV33-133BZI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1443AV33 CYPRESS-CY7C1443AV33 Datasheet
1Mb / 34P
   36-Mbit (1 M x 36/2 M x 18/512 k x 72) Flow-Through SRAM
More results

Similar Description - CY7C1443AV33-133BZI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1441AV25 CYPRESS-CY7C1441AV25 Datasheet
529Kb / 31P
   36-Mbit (1M x 36/2M x 18/512K x 72) Flow-Through SRAM
CY7C1461AV25 CYPRESS-CY7C1461AV25 Datasheet
459Kb / 29P
   36-Mbit (1M x 36/2M x 18/512K x 72) Flow-Through SRAM with NoBL??Architecture
CY7C1481V25 CYPRESS-CY7C1481V25 Datasheet
1Mb / 30P
   72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM
CY7C1481V33 CYPRESS-CY7C1481V33_07 Datasheet
1Mb / 30P
   72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM
CY7C1381CV25 CYPRESS-CY7C1381CV25 Datasheet
501Kb / 35P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1440AV33 CYPRESS-CY7C1440AV33_06 Datasheet
581Kb / 31P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined Sync SRAM
CY7C1381D CYPRESS-CY7C1381D_07 Datasheet
1Mb / 29P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1381D CYPRESS-CY7C1381D Datasheet
469Kb / 29P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1381DV25 CYPRESS-CY7C1381DV25 Datasheet
1Mb / 28P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1440AV33 CYPRESS-CY7C1440AV33 Datasheet
392Kb / 27P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com