Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1511V18 Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C1511V18
Description  72-Mbit QDR?? II SRAM 4-Word Burst Architecture
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1511V18 Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C1511V18_06 Datasheet HTML 4Page - Cypress Semiconductor CY7C1511V18_06 Datasheet HTML 5Page - Cypress Semiconductor CY7C1511V18_06 Datasheet HTML 6Page - Cypress Semiconductor CY7C1511V18_06 Datasheet HTML 7Page - Cypress Semiconductor CY7C1511V18_06 Datasheet HTML 8Page - Cypress Semiconductor CY7C1511V18_06 Datasheet HTML 9Page - Cypress Semiconductor CY7C1511V18_06 Datasheet HTML 10Page - Cypress Semiconductor CY7C1511V18_06 Datasheet HTML 11Page - Cypress Semiconductor CY7C1511V18_06 Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
CY7C1511V18
CY7C1526V18
CY7C1513V18
CY7C1515V18
Document #: 38-05363 Rev. *D
Page 8 of 28
to complete. Each Read access consists of four 18-bit data
words and takes 2 clock cycles to complete. Therefore, Read
accesses to the device can not be initiated on two consecutive
K clock rises. The internal logic of the device will ignore the
second Read request. Read accesses can be initiated on
every other K clock rise. Doing so will pipeline the data flow
such that data is transferred out of the device on every rising
edge of the output clocks (C and C or K and K when in
single-clock mode).
When the read port is deselected, the CY7C1513V18 will first
complete the pending read transactions. Synchronous internal
circuitry will automatically tri-state the outputs following the
next rising edge of the Positive Output Clock (C). This will
allow for a seamless transition between devices without the
insertion of wait states in a depth expanded memory.
Write Operations
Write operations are initiated by asserting WPS active at the
rising edge of the Positive Input Clock (K). On the following K
clock rise the data presented to D[17:0] is latched and stored
into the lower 18-bit Write Data register, provided BWS[1:0] are
both asserted active. On the subsequent rising edge of the
Negative Input Clock (K) the information presented to D[17:0]
is also stored into the Write Data Register, provided BWS[1:0]
are both asserted active. This process continues for one more
cycle until four 18-bit words (a total of 72 bits) of data are
stored in the SRAM. The 72 bits of data are then written into
the memory array at the specified location. Therefore, Write
accesses to the device can not be initiated on two consecutive
K clock rises. The internal logic of the device will ignore the
second Write request. Write accesses can be initiated on
every other rising edge of the Positive Input Clock (K). Doing
so will pipeline the data flow such that 18 bits of data can be
transferred into the device on every rising edge of the input
clocks (K and K).
When deselected, the write port will ignore all inputs after the
pending Write operations have been completed.
Byte Write Operations
Byte Write operations are supported by the CY7C1513V18. A
write operation is initiated as described in the Write Operation
section above. The bytes that are written are determined by
BWS0 and BWS1, which are sampled with each set of 18-bit
data words. Asserting the appropriate Byte Write Select input
during the data portion of a write will allow the data being
presented to be latched and written into the device.
Deasserting the Byte Write Select input during the data portion
of a write will allow the data stored in the device for that byte
to remain unaltered. This feature can be used to simplify
Read/Modify/Write operations to a Byte Write operation.
Single Clock Mode
The CY7C1513V18 can be used with a single clock that
controls both the input and output registers. In this mode the
device will recognize only a single pair of input clocks (K and
K) that control both the input and output registers. This
operation is identical to the operation if the device had zero
skew between the K/K and C/C clocks. All timing parameters
remain the same in this mode. To use this mode of operation,
the user must tie C and C HIGH at power on. This function is
a strap option and not alterable during device operation.
Concurrent Transactions
The Read and Write ports on the CY7C1513V18 operate
completely independently of one another. Since each port
latches the address inputs on different clock edges, the user
can Read or Write to any location, regardless of the trans-
action on the other port. If the ports access the same location
when a read follows a write in successive clock cycles, the
SRAM will deliver the most recent information associated with
the specified address location. This includes forwarding data
from a Write cycle that was initiated on the previous K clock
rise.
Read accesses and Write access must be scheduled such that
one transaction is initiated on any clock cycle. If both ports are
selected on the same K clock rise, the arbitration depends on
the previous state of the SRAM. If both ports were deselected,
the Read port will take priority. If a Read was initiated on the
previous cycle, the Write port will assume priority (since Read
operations can not be initiated on consecutive cycles). If a
Write was initiated on the previous cycle, the Read port will
assume priority (since Write operations can not be initiated on
consecutive cycles). Therefore, asserting both port selects
active from a deselected state will result in alternating
Read/Write operations being initiated, with the first access
being a Read.
Depth Expansion
The CY7C1513V18 has a Port Select input for each port. This
allows for easy depth expansion. Both Port Selects are
sampled on the rising edge of the Positive Input Clock only (K).
Each port select input can deselect the specified port.
Deselecting a port will not affect the other port. All pending
transactions (Read and Write) will be completed prior to the
device being deselected.
Programmable Impedance
An external resistor, RQ, must be connected between the ZQ
pin on the SRAM and VSS to allow the SRAM to adjust its
output driver impedance. The value of RQ must be 5X the
value of the intended line impedance driven by the SRAM, The
allowable range of RQ to guarantee impedance matching with
a tolerance of ±15% is between 175
Ω and 350Ω, with
VDDQ = 1.5V. The output impedance is adjusted every 1024
cycles upon powerup to account for drifts in supply voltage and
temperature.
Echo Clocks
Echo clocks are provided on the QDR-II to simplify data
capture on high speed systems. Two echo clocks are
generated by the QDR-II. CQ is referenced with respect to C
and CQ is referenced with respect to C. These are free running
clocks and are synchronized to the output clock of the QDR-II.
In the single clock mode, CQ is generated with respect to K
and CQ is generated with respect to K. The timings for the
echo clocks are shown in the AC timing table.
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1511V18_06

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1511V18-167BZC CYPRESS-CY7C1511V18-167BZC Datasheet
381Kb / 23P
   72-Mbit QDR??II SRAM 4-Word Burst Architecture
CY7C1511V18-200BZC CYPRESS-CY7C1511V18-200BZC Datasheet
381Kb / 23P
   72-Mbit QDR??II SRAM 4-Word Burst Architecture
CY7C1511V18-250BZC CYPRESS-CY7C1511V18-250BZC Datasheet
381Kb / 23P
   72-Mbit QDR??II SRAM 4-Word Burst Architecture
More results

Similar Description - CY7C1511V18_06

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1511KV18 CYPRESS-CY7C1511KV18_09 Datasheet
837Kb / 31P
   72-Mbit QDR II SRAM 4-Word Burst Architecture
CY7C1561KV18 CYPRESS-CY7C1561KV18 Datasheet
833Kb / 28P
   72-Mbit QDR-II SRAM 4-Word Burst Architecture
CY7C1511V18 CYPRESS-CY7C1511V18 Datasheet
381Kb / 23P
   72-Mbit QDR??II SRAM 4-Word Burst Architecture
CY7C1511JV18 CYPRESS-CY7C1511JV18 Datasheet
703Kb / 29P
   72-Mbit QDR-II SRAM 4-Word Burst Architecture
CY7C2561KV18 CYPRESS-CY7C2561KV18 Datasheet
845Kb / 29P
   72-Mbit QDR-II SRAM 4-Word Burst Architecture
CY7C1511KV18 CYPRESS-CY7C1511KV18_11 Datasheet
807Kb / 33P
   72-Mbit QDR II SRAM 4-Word Burst Architecture
CY7C1511AV18 CYPRESS-CY7C1511AV18 Datasheet
709Kb / 31P
   72-Mbit QDR??II SRAM 4-Word Burst Architecture
CY7C1513KV18 CYPRESS-CY7C1513KV18 Datasheet
831Kb / 31P
   72-Mbit QDR-II SRAM 4-Word Burst Architecture
CY7C1510KV18 CYPRESS-CY7C1510KV18_09 Datasheet
836Kb / 30P
   72-Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1510JV18 CYPRESS-CY7C1510JV18_09 Datasheet
654Kb / 26P
   72-Mbit QDR??II SRAM 2-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com