Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1526V18 Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C1526V18
Description  72-Mbit QDR?? II SRAM 4-Word Burst Architecture
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1526V18 Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C1526V18 Datasheet HTML 5Page - Cypress Semiconductor CY7C1526V18 Datasheet HTML 6Page - Cypress Semiconductor CY7C1526V18 Datasheet HTML 7Page - Cypress Semiconductor CY7C1526V18 Datasheet HTML 8Page - Cypress Semiconductor CY7C1526V18 Datasheet HTML 9Page - Cypress Semiconductor CY7C1526V18 Datasheet HTML 10Page - Cypress Semiconductor CY7C1526V18 Datasheet HTML 11Page - Cypress Semiconductor CY7C1526V18 Datasheet HTML 12Page - Cypress Semiconductor CY7C1526V18 Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
CY7C1511V18
CY7C1526V18
CY7C1513V18
CY7C1515V18
Document #: 38-05363 Rev. *D
Page 9 of 28
DLL
These chips utilize a Delay Lock Loop (DLL) that is designed
to function between 80 MHz and the specified maximum clock
frequency. During power-up, when the DOFF is tied HIGH, the
DLL gets locked after 1024 cycles of stable clock. The DLL can
also be reset by slowing or stopping the input clock K and K
for a minimum of 30 ns. However, it is not necessary for the
DLL to be specifically reset in order to lock the DLL to the
desired frequency. The DLL will automatically lock 1024 clock
cycles after a stable clock is presented.the DLL may be
disabled by applying ground to the DOFF pin. For information
refer to the application note “DLL Considerations in
QDRII™/DDRII/QDRII+/DDRII+”.
Application Example[2]
Truth Table[3, 4, 5, 6, 7, 8]
Operation
K
RPS WPS
DQ
DQ
DQ
DQ
Write Cycle:
Load address on the
rising edge of K; input
write data on two
consecutive K and K
rising edges.
L-H
H[9]
L[10]
D(A) at K(t + 1)
↑ D(A + 1) at K(t + 1) ↑ D(A + 2) at K(t + 2) ↑ D(A + 3) at K(t + 2) ↑
Read Cycle:
Load address on the
rising edge of K; wait
one and a half cycle;
read data on two
consecutive C and C
rising edges.
L-H
L[10]
X
Q(A) at C(t + 1)
↑ Q(A + 1) at C(t + 2) ↑ Q(A + 2) at C(t + 2) ↑ Q(A + 3) at C(t + 3) ↑
NOP: No Operation
L-H
H
H
D = X
Q = High-Z
D = X
Q = High-Z
D = X
Q = High-Z
D = X
Q = High-Z
Standby: Clock
Stopped
Stopped X
X
Previous State
Previous State
Previous State
Previous State
Notes:
2. The above application shows four QDR-II being used.
3. X = “Don't Care,” H = Logic HIGH, L = Logic LOW,
represents rising edge.
4. Device will power-up deselected and the outputs in a tri-state condition.
5. “A” represents address location latched by the devices when transaction was initiated. A + 1, A + 2, and A +3 represents the address sequence in the burst.
6. “t” represents the cycle at which a read/write operation is started. t + 1, t + 2, and t + 3 are the first, second and third clock cycles respectively succeeding the
“t” clock cycle.
7. Data inputs are registered at K and K rising edges. Data outputs are delivered on C and C rising edges, except when in single clock mode.
8. It is recommended that K = K and C = C = HIGH when clock is stopped. This is not essential, but permits most rapid restart by overcoming transmission line
charging symmetrically.
9. If this signal was LOW to initiate the previous cycle, this signal becomes a “Don’t Care” for this operation.
10. This signal was HIGH on previous K clock rise. Initiating consecutive Read or Write operations on consecutive K clock rises is not permitted. The device will
ignore the second Read or Write request.
Vt = Vddq/2
CC#
D
A
K
CC#
D
A
K
BUS
MASTER
(CPU
or
ASIC)
SRAM #1
SRAM #4
DATA IN
DATA OUT
Address
RPS#
WPS#
BWS#
Source K
Source K#
Delayed K
Delayed K#
R = 50ohms
R = 250ohms
R = 250ohms
R
P
S
#
W
P
S
#
B
W
S
#
R
P
S
#
W
P
S
#
B
W
S
#
Vt
Vt
Vt
R
R
R
ZQ
CQ/CQ#
Q
K#
ZQ
CQ/CQ#
Q
K#
CLKIN/CLKIN#
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1526V18

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1526V18 CYPRESS-CY7C1526V18 Datasheet
381Kb / 23P
   72-Mbit QDR??II SRAM 4-Word Burst Architecture
CY7C1526V18-167BZC CYPRESS-CY7C1526V18-167BZC Datasheet
381Kb / 23P
   72-Mbit QDR??II SRAM 4-Word Burst Architecture
CY7C1526V18-200BZC CYPRESS-CY7C1526V18-200BZC Datasheet
381Kb / 23P
   72-Mbit QDR??II SRAM 4-Word Burst Architecture
CY7C1526V18-250BZC CYPRESS-CY7C1526V18-250BZC Datasheet
381Kb / 23P
   72-Mbit QDR??II SRAM 4-Word Burst Architecture
More results

Similar Description - CY7C1526V18

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1511KV18 CYPRESS-CY7C1511KV18_09 Datasheet
837Kb / 31P
   72-Mbit QDR II SRAM 4-Word Burst Architecture
CY7C1561KV18 CYPRESS-CY7C1561KV18 Datasheet
833Kb / 28P
   72-Mbit QDR-II SRAM 4-Word Burst Architecture
CY7C1511V18 CYPRESS-CY7C1511V18 Datasheet
381Kb / 23P
   72-Mbit QDR??II SRAM 4-Word Burst Architecture
CY7C1511JV18 CYPRESS-CY7C1511JV18 Datasheet
703Kb / 29P
   72-Mbit QDR-II SRAM 4-Word Burst Architecture
CY7C2561KV18 CYPRESS-CY7C2561KV18 Datasheet
845Kb / 29P
   72-Mbit QDR-II SRAM 4-Word Burst Architecture
CY7C1511KV18 CYPRESS-CY7C1511KV18_11 Datasheet
807Kb / 33P
   72-Mbit QDR II SRAM 4-Word Burst Architecture
CY7C1511AV18 CYPRESS-CY7C1511AV18 Datasheet
709Kb / 31P
   72-Mbit QDR??II SRAM 4-Word Burst Architecture
CY7C1513KV18 CYPRESS-CY7C1513KV18 Datasheet
831Kb / 31P
   72-Mbit QDR-II SRAM 4-Word Burst Architecture
CY7C1510KV18 CYPRESS-CY7C1510KV18_09 Datasheet
836Kb / 30P
   72-Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1510JV18 CYPRESS-CY7C1510JV18_09 Datasheet
654Kb / 26P
   72-Mbit QDR??II SRAM 2-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com