Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT7M9514S150M Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT7M9514S150M
Description  IDT79RV4640/IDT79RC64V474 PCI MEZZANINE CARD
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7M9514S150M Datasheet(HTML) 6 Page - Integrated Device Technology

  IDT7M9514S150M Datasheet HTML 1Page - Integrated Device Technology IDT7M9514S150M Datasheet HTML 2Page - Integrated Device Technology IDT7M9514S150M Datasheet HTML 3Page - Integrated Device Technology IDT7M9514S150M Datasheet HTML 4Page - Integrated Device Technology IDT7M9514S150M Datasheet HTML 5Page - Integrated Device Technology IDT7M9514S150M Datasheet HTML 6Page - Integrated Device Technology IDT7M9514S150M Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
1999
Integrated Device Technology, Inc.
©
IDT
IDT7M9510 / IDT7M9514
7M9510SR Version
The "SR" version of the 7M9510 is intended for customers using the I-Cube
RaptorTM Fast Ethernet Switch Design. In this configuration, the Boot ROM
shipped with the 7M9510 contains the most recent version of the I-Cube "Mini-
Boot Monitor" (MBM). For applications other than the I-Cube RaptorTM
Reference Design and the I-Cube FPGA configuration PROM, the recom-
mended board configuration is the 7M9510SE which ships with IDT/Sim and
IDT FPGA configuration PROM.
7M9510SE Version (EVALUATION)
The "SE" version of the 7M9510 is packaged to support software develop-
mentandprototyping. CurrentlytheEvaluationpackagecontainsthefollowing
material:
- 1 7M9510S
- 1 8MB (2M x 32) EDO DRAM SIMM
- 1 512KB (512K x 8) IDT/Sim Boot ROM
Alternately, the 7M9710 Development Kit may be ordered. This kit
includes all of the 7M9510SE components listed above. In addition the
7M9710 includes the following items:
- 1 set of 7M9510 board schematics
- 1 copy of 7M9510 Datasheet
- 2 10 pin Serial Port to DB9 Adapter Cables
- 2 6 foot DB9 to DB9 null modem serial cables
- 1 7M9502 PCI Backplane
- 1 7M9710 Quickstart Guide
4
N
P
)
1
(
#
n
i
Pe
m
a
N
l
a
n
g
i
Se
m
a
N
l
a
n
g
i
S#
n
i
P
11
#
O
/I
R
E
S
UC
N2
33
#
O
/I
R
E
S
UC
N4
55
#
O
/I
R
E
S
U6
#
O
/I
R
E
S
U6
77
#
O
/I
R
E
S
U8
#
O
/I
R
E
S
U8
99
#
O
/I
R
E
S
U0
1
#
O
/I
R
E
S
U0
1
1
11
1
#
O
/I
R
E
S
U2
1
#
O
/I
R
E
S
U2
1
3
13
1
#
O
/I
R
E
S
U4
1
#
O
/I
R
E
S
U4
1
5
1C
N6
1
#
O
/I
R
E
S
U6
1
7
1C
NC
N8
1
8
1C
NC
N0
2
1
21
2
#
O
/I
R
E
S
U2
2
#
O
/I
R
E
S
U2
2
3
23
2
#
O
/I
R
E
S
U4
2
#
O
/I
R
E
S
U4
2
5
2C
N6
2
#
O
/I
R
E
S
U6
2
7
27
2
#
O
/I
R
E
S
U8
2
#
O
/I
R
E
S
U8
2
9
29
2
#
O
/I
R
E
S
U0
3
#
O
/I
R
E
S
U0
3
1
3C
NC
N2
3
3
33
3
#
O
/I
R
E
S
U4
3
#
O
/I
R
E
S
U4
3
5
3C
NC
N6
3
7
3C
NC
N8
3
9
3C
NC
N0
4
1
4C
NC
N2
4
3
4C
NC
N4
4
5
4C
NC
N6
4
7
4C
NC
N8
4
9
4C
NC
N0
5
1
5C
NC
N2
5
3
5C
NC
N4
5
5
5C
NC
N6
5
7
57
5
#
O
/I
R
E
S
U8
5
#
O
/I
R
E
S
U8
5
9
59
5
#
O
/I
R
E
S
U0
6
#
O
/I
R
E
S
U0
6
1
61
6
#
O
/I
R
E
S
U2
6
#
O
/I
R
E
S
U2
6
3
63
6
#
O
/I
R
E
S
U4
6
#
O
/I
R
E
S
U4
6
NOTES:
1. All of the User I/O pins are mapped through the on board FPGA.
4095 tbl 06


Similar Part No. - IDT7M9514S150M

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT7M9514 RENESAS-IDT7M9514 Datasheet
203Kb / 8P
   IDT79RV4640/IDT79RC64V474 PCI MEZZANINE CARD
Mar 2020
More results

Similar Description - IDT7M9514S150M

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
7M9514 RENESAS-7M9514 Datasheet
203Kb / 8P
   IDT79RV4640/IDT79RC64V474 PCI MEZZANINE CARD
Mar 2020
logo
National Instruments Co...
778040-01 NI-778040-01 Datasheet
560Kb / 3P
   GPIB Interface for PCI Mezzanine Bus
PMC-GPIB NI-PMC-GPIB Datasheet
609Kb / 3P
   GPIB Interface for PCI Mezzanine Bus
logo
Advantech Co., Ltd.
UNOP-1000I ADVANTECH-UNOP-1000I Datasheet
351Kb / 1P
   PCI & Mini-PCI Expansion Card
30-Oct-2015
logo
Broadcom Corporation.
BCM957454M4540C BOARDCOM-BCM957454M4540C Datasheet
837Kb / 21P
   Single-Port 1/10/25/40/50/100 Gb/s Ethernet PCI Express Gen3 x16 OCP Mezzanine Card
July 18, 2018
logo
MolexKits
76650-0172 MOLEXKITS-76650-0172 Datasheet
38Kb / 2P
   Mezzanine PCB Connectors
logo
Advantech Co., Ltd.
NMC-1012 ADVANTECH-NMC-1012 Datasheet
459Kb / 1P
   8 Ports 10GbE SFP Network Mezzanine Card
21-Mar-2022
NMC-6003 ADVANTECH-NMC-6003 Datasheet
612Kb / 1P
   2 Ports 100GbE QSFP28 Network Mezzanine Card
27-Oct-2020
NMC-2503 ADVANTECH-NMC-2503 Datasheet
458Kb / 1P
   4 Ports 25GbE SFP28 Network Mezzanine Card
21-Mar-2022
logo
Molex Electronics Ltd.
75003-0X05 MOLEX-75003-0X05 Datasheet
608Kb / 2P
   Combination High Speed Mezzanine
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com