Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT7M9514SE150M Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT7M9514SE150M
Description  IDT79RV4640/IDT79RC64V474 PCI MEZZANINE CARD
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7M9514SE150M Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT7M9514SE150M Datasheet HTML 1Page - Integrated Device Technology IDT7M9514SE150M Datasheet HTML 2Page - Integrated Device Technology IDT7M9514SE150M Datasheet HTML 3Page - Integrated Device Technology IDT7M9514SE150M Datasheet HTML 4Page - Integrated Device Technology IDT7M9514SE150M Datasheet HTML 5Page - Integrated Device Technology IDT7M9514SE150M Datasheet HTML 6Page - Integrated Device Technology IDT7M9514SE150M Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
1999
Integrated Device Technology, Inc.
©
March 1999
IDT79RV4640/IDT79RC64V474
PCI MEZZANINE CARD
PRELIMINARY
IDT7M9510
IDT7M9514
FEATURES:
• PCI Mezzanine Card (PMC) (IEEE 1386) form factor
• 7M9510 High performance IDT79RV4640 MIPS Processor
– 100Mhz, 150Mhz, 180Mhz, 200MHz CPU speeds supported
50MHz maximum CPU bus frequency
33MHz maximum PCI bus frequency
• 7M9514 High performance IDT79RC64V474 MIPS Processor
– 180Mhz, 200Mhz, 250Mhz CPU speeds supported
50MHz maximum CPU bus frequency
33MHz maximum PCI bus frequency
• DRAM
72-position SIMM slot
4MB to 128MB of DRAM supported
32-bit width
• Flash
2MB of on board Flash memory
32-bit width
• EPROM
up to 512KB
8-bit width
32 Pin PLCC socket
• Two serial interface ports (16550A compatible)
• Uses Galileo GT-64011 PCI System controller
DMA
– four independent channels
– chaining via linked lists of records
– byte alignment on source and destination
– transfers through a 32 byte internal FIFO
which moves data between PCI, memory and devices
FUNCTIONAL BLOCK DIAGRAM
–PCI
– host to PCI bridge
– PCI to main memory bridge
– fully compatible to PCI rev 2.1
– high performance PCI interfaces via 96 bytes of posted write
and read prefetch buffers
• Other Features
Manual Cold Reset (Pushbutton and two pin header)
hardware based masking of interrupts
Configurable Timer Interrupt Generator
32 Bits of user defined I/O mapped through system FPGA
VxWorks Board Support Package available from IDT
DESCRIPTION:
The IDT7M9510/7M9514 is a Single Board Computer utilizing IDT's
79RV4640/79RC64V474 MIPS processor. This CPU Mezzanine Card is
designed for use in applications where low profile, parallel board to board
mounting is required. The 7M9510/7M9514 consists of an IDT79RV4640 /
IDT79RC64V474 processor based subsystem that can either form the core
CPU function for an embedded application, or can be an optional add-in
accelerator to a PCI based system through a PCI v2.1 compatible, PMC
Standard (IEEE P1386.1) connector.
Thecardconforms,inlengthandwidthtothestandardsinglesizePMCform
factor as specified in IEEE P1386.1, and it contains all the features required of
atypicalCPUsubsystemforembeddedprocessorapplications. Someofthese
features include: DRAM, Flash, serial ports and full PCI interrupt support.
4095 drw 01
DR AM
EPR O M
SIO
Serial
connector
System
FPG A
Flash
Watch Dog
Tim e r
Device Bus
ID T
RV4640/
RC64V474
G T-64011
33M hz
PCI Bus
8
32
Serial
connector
32
PM C User I/O Header
32
32


Similar Part No. - IDT7M9514SE150M

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT7M9514 RENESAS-IDT7M9514 Datasheet
203Kb / 8P
   IDT79RV4640/IDT79RC64V474 PCI MEZZANINE CARD
Mar 2020
More results

Similar Description - IDT7M9514SE150M

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
7M9514 RENESAS-7M9514 Datasheet
203Kb / 8P
   IDT79RV4640/IDT79RC64V474 PCI MEZZANINE CARD
Mar 2020
logo
National Instruments Co...
778040-01 NI-778040-01 Datasheet
560Kb / 3P
   GPIB Interface for PCI Mezzanine Bus
PMC-GPIB NI-PMC-GPIB Datasheet
609Kb / 3P
   GPIB Interface for PCI Mezzanine Bus
logo
Advantech Co., Ltd.
UNOP-1000I ADVANTECH-UNOP-1000I Datasheet
351Kb / 1P
   PCI & Mini-PCI Expansion Card
30-Oct-2015
logo
Broadcom Corporation.
BCM957454M4540C BOARDCOM-BCM957454M4540C Datasheet
837Kb / 21P
   Single-Port 1/10/25/40/50/100 Gb/s Ethernet PCI Express Gen3 x16 OCP Mezzanine Card
July 18, 2018
logo
MolexKits
76650-0172 MOLEXKITS-76650-0172 Datasheet
38Kb / 2P
   Mezzanine PCB Connectors
logo
Advantech Co., Ltd.
NMC-1012 ADVANTECH-NMC-1012 Datasheet
459Kb / 1P
   8 Ports 10GbE SFP Network Mezzanine Card
21-Mar-2022
NMC-6003 ADVANTECH-NMC-6003 Datasheet
612Kb / 1P
   2 Ports 100GbE QSFP28 Network Mezzanine Card
27-Oct-2020
NMC-2503 ADVANTECH-NMC-2503 Datasheet
458Kb / 1P
   4 Ports 25GbE SFP28 Network Mezzanine Card
21-Mar-2022
logo
Molex Electronics Ltd.
75003-0X05 MOLEX-75003-0X05 Datasheet
608Kb / 2P
   Combination High Speed Mezzanine
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com