Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME8820AENU280Z Datasheet(PDF) 9 Page - Analog Microelectronics

Part # AME8820AENU280Z
Description  High PSRR, CSP, 150mA CMOS LDO
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8820AENU280Z Datasheet(HTML) 9 Page - Analog Microelectronics

Back Button AME8820AENU280Z Datasheet HTML 5Page - Analog Microelectronics AME8820AENU280Z Datasheet HTML 6Page - Analog Microelectronics AME8820AENU280Z Datasheet HTML 7Page - Analog Microelectronics AME8820AENU280Z Datasheet HTML 8Page - Analog Microelectronics AME8820AENU280Z Datasheet HTML 9Page - Analog Microelectronics AME8820AENU280Z Datasheet HTML 10Page - Analog Microelectronics AME8820AENU280Z Datasheet HTML 11Page - Analog Microelectronics AME8820AENU280Z Datasheet HTML 12Page - Analog Microelectronics AME8820AENU280Z Datasheet HTML 13Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
AME, Inc.
Rev.B.01
9
AME8820
High PSRR, CSP, 150mA CMOS LDO
As protection from damage due to excessive junc-
tion temperatures, the AME8820 has internal protec-
tion circuit. When junction temperature reaches ap-
proximately 150oC, the output device is turned off. Once
the device has cooled down to below approximately
125oC, regulator operation resumes.
For reliable operation,design is for worst case junc-
tion temperature of < 125oC taking into account worst
case ambient temperature and load conditions. De-
pending on each package type, presenting different
power dissipation, thermal resistance, and ambient
temperature, the thermal protection circuit may cycle
on and off. This cycling limits the dissipation of the
regulator, protecting it from damage due to overheat-
ing.
Any tendency to activate the thermal protection cir-
cuit indicates excessive power dissipation or inad-
equate heatsink. For reliable operation, junction tem-
perature should be limited to +125oC maximum. To
estimate the margin of safety in a complete Power
design (including heatsink), increase the ambient tem-
perature until the thermal protection is triggered; use
worst-case loads and signal conditions. For good reli-
ability, thermal protection should trigger at least +35oC
above the maximum expected ambient condition of
your particular application. This configuration produces
a worst-case junction temperature of +125oC at the
highest expected ambient temperature and worst-case
load. The internal protection circuitry of the AME8820
has designed to protect against overload conditions.
It was not intended to replace proper heatsinking. Con-
tinuously running the AME8820 into Thermal protec-
tion disables the output when the thermal shutdown
will degrade device reliability.
Using equation (1) and (2) to calculate T
J :
n Over Temperature Protection
T
J =
T
A + (PD x R
θJA)
(1)
P
D = (VIN-VOUT) x IOUT + VIN x IQ
(2)


Similar Part No. - AME8820AENU280Z

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8821 AME-AME8821 Datasheet
179Kb / 15P
   250mA Hi-PSRR, Low-Quiescent LDO with In-Rush Current Control For USB Application
AME8821AEEV180Y AME-AME8821AEEV180Y Datasheet
179Kb / 15P
   250mA Hi-PSRR, Low-Quiescent LDO with In-Rush Current Control For USB Application
AME8821AEEV180Y AME-AME8821AEEV180Y Datasheet
239Kb / 15P
   250mA Hi-PSRR, Low-Quiescent LDO with In-Rush Current Control For USB Application
AME8821AEEV180Z AME-AME8821AEEV180Z Datasheet
179Kb / 15P
   250mA Hi-PSRR, Low-Quiescent LDO with In-Rush Current Control For USB Application
AME8821AEEV180Z AME-AME8821AEEV180Z Datasheet
239Kb / 15P
   250mA Hi-PSRR, Low-Quiescent LDO with In-Rush Current Control For USB Application
More results

Similar Description - AME8820AENU280Z

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8838 AME-AME8838 Datasheet
279Kb / 19P
   High PSRR, 150mA CMOS LDO
AME8833 AME-AME8833 Datasheet
284Kb / 14P
   High PSRR, 150mA CMOS LDO
AME8833AEIV300 AME-AME8833AEIV300 Datasheet
292Kb / 14P
   High PSRR, 150mA CMOS LDO
logo
Micrel Semiconductor
MIC5252 MICREL-MIC5252 Datasheet
86Kb / 9P
   150MA HIGH PSRR LOW NOISE UCAP CMOS LDO
logo
Holtek Semiconductor In...
HT75B15 HOLTEK-HT75B15 Datasheet
2Mb / 15P
   High PSRR 150mA LDO Regulator
logo
Micrel Semiconductor
MIC5252 MICREL-MIC5252_04 Datasheet
647Kb / 9P
   150mA High PSRR, Low Noise 關Cap CMOS LDO
logo
AMETHERM Circuit Protec...
AME8755 AMETHERM-AME8755 Datasheet
175Kb / 14P
   High PSRR, Low Quiescent Current, 150mA Dual CMOS LDO
logo
Analog Microelectronics
AME8890 AME-AME8890_08 Datasheet
90Kb / 13P
   150mA CMOS LDO
AME8890 AME-AME8890 Datasheet
42Kb / 8P
   150mA CMOS LDO
AME8822 AME-AME8822 Datasheet
217Kb / 18P
   High PSRR, 250mA CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com