Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDTRC5000-200G Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDTRC5000-200G
Description  MULTI-ISSUE 64-BIT MICROPROCESSOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDTRC5000-200G Datasheet(HTML) 2 Page - Integrated Device Technology

  IDTRC5000-200G Datasheet HTML 1Page - Integrated Device Technology IDTRC5000-200G Datasheet HTML 2Page - Integrated Device Technology IDTRC5000-200G Datasheet HTML 3Page - Integrated Device Technology IDTRC5000-200G Datasheet HTML 4Page - Integrated Device Technology IDTRC5000-200G Datasheet HTML 5Page - Integrated Device Technology IDTRC5000-200G Datasheet HTML 6Page - Integrated Device Technology IDTRC5000-200G Datasheet HTML 7Page - Integrated Device Technology IDTRC5000-200G Datasheet HTML 8Page - Integrated Device Technology IDTRC5000-200G Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
IDT RC5000
COMMERCIAL TEMPERATURE RANGE
2
DESCRIPTION
The RC5000
serves
many performance critical
embedded applications, such
as high-end internet-
working systems, color printers, and graphics terminals.
The RC5000 is optimized for high-performance appli-
cations, with special emphasis on system bandwidth and
floating point operations, through integration of high-
performance computational units and a high-performance
memory hierarchy. For this class of application, the result
is a relatively low-cost CPU capable of approximately 330
Dhrystone MIPS.
IDT’s objectives in offering the RC5000 include:
Offering a high performance upgrade path to existing
embedded customers in the internetworking, office
automation and visualization markets.
Providing a significant improvement in the floating-
point performance currently available in a moderately
priced MIPS CPU.
Providing improvements in the memory hierarchy of
desktop systems by using large primary caches and
integrating a secondary cache controller.
Enabling improvements in performance through the
use of the MIPS-IV ISA.
Instruction Issue Mechanism
The RC5000 recognizes two general classes of
instructions for multi-issue:
• Floating-point ALU
• All others
These instruction classes are pre-decoded by the
RC5000, as they are brought on-chip. The pre-decoded
information is stored in the instruction cache.
Assuming that there are no pending resource
conflicts, the RC5000 can issue one instruction per class
per pipeline clock cycle. Note that this broad separation of
classes insures that there are no data dependencies to
restrict multi-issue.
However, long-latency resources in either the floating-
point ALU (e.g. DIV or SQRT instructions) or instructions
in the integer unit (such as multiply) can restrict the issue
of instructions. Note that the R5000 does not perform out-
of-order or speculative execution; instead, the pipeline
slips until the required resource becomes available.
There are no alignment restrictions on dual-issue
instruction pairs. The RC5000 fetches two instructions
from the cache per cycle. Thus, for optimal performance,
compilers should attempt to align branch targets to allow
dual-issue on the first target cycle, since the instruction
cache only performs aligned fetches.
Instruction Set Architecture
The RC5000 implements the MIPS-IV 64-bit ISA,
including CP1 and CP1X functional units (and their
instruction set).
Integer Pipeline
The RC5000 is a limited dual-issue machine that
utilizes a traditional 5-stage integer pipeline. This basic
integer pipeline of the RC5000 is illustrated in Figure 1.
The integer instruction execution speed is tabulated
(in number of pipeline clocks) as follows:
The RC5000’s short pipeline keeps the load and
branch latencies very low. The caches contain special
logic that allows any combination of loads and stores to
execute in back-to-back cycles without requiring pipeline
slips or stalls. (This presumes, of course, that the opera-
tion does not miss in the cache.)
Operation
Latency
Repeat
Load
2
1
Store
2
1
MULT/MULTU
8
8
DMULT/DMULTU
12
12
DIV/DIVU
36
36
DDIV/DDIVU
68
68
Other Integer ALU
1
1
Branch
2
2
Jump
2
2


Similar Part No. - IDTRC5000-200G

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
IDT-3030 ADVANTECH-IDT-3030 Datasheet
164Kb / 1P
   Accessories Connectors and Cables
1-Mar-2007
IDT-3120E ADVANTECH-IDT-3120E Datasheet
2Mb / 3P
   Slide Rail
IDT-3120E ADVANTECH-IDT-3120E Datasheet
541Kb / 2P
   2U Rackmount Chassis for ATX/MicroATX Motherboard
IDT-3120E ADVANTECH-IDT-3120E Datasheet
845Kb / 2P
   Micro Computer, Intel® Core™ i7/i5/i3 CPU, H81, 4 Expansions 2PCI/2PCIe, 300W 80Plus PSU
5-Dec-2014
IDT-5101 ADVANTECH-IDT-5101 Datasheet
109Kb / 1P
   Accessories 5.25 Industrial Disk Tray
1-Mar-2007
More results

Similar Description - IDTRC5000-200G

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
79RC5000 IDT-79RC5000 Datasheet
297Kb / 15P
   MULTI-ISSUE 64-BIT MICROPROCESSOR
logo
NEC
UPD30181A NEC-UPD30181A Datasheet
573Kb / 72P
   64-/32-BIT MICROPROCESSOR
logo
Integrated Device Techn...
IDT79R4700 IDT-IDT79R4700_08 Datasheet
785Kb / 25P
   64-Bit RISC Microprocessor
logo
NEC
UPD30181 NEC-UPD30181 Datasheet
1Mb / 444P
   64-/32-Bit Microprocessor
logo
Integrated Device Techn...
IDT79R4700 IDT-IDT79R4700 Datasheet
328Kb / 25P
   64-Bit RISC Microprocessor
logo
NEC
UPD30102 NEC-UPD30102 Datasheet
2Mb / 701P
   64/32-bit Microprocessor
logo
Renesas Technology Corp
IDT79R4700 RENESAS-IDT79R4700 Datasheet
984Kb / 26P
   64-Bit RISC Microprocessor
December 5, 2008
logo
Toshiba Semiconductor
TMPR4925XB TOSHIBA-TMPR4925XB Datasheet
151Kb / 32P
   64-bit RISC MICROPROCESSOR
logo
NEC
UPD30121 NEC-UPD30121 Datasheet
436Kb / 76P
   VR4121TM 64-/32-BIT MICROPROCESSOR
logo
Aeroflex Circuit Techno...
ACT5260111111 AEROFLEX-ACT5260111111 Datasheet
119Kb / 8P
   ACT5260 64-Bit Superscaler Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com