Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C64113C Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C64113C
Description  Full-Speed USB (12-Mbps) Function
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C64113C Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C64113C Datasheet HTML 5Page - Cypress Semiconductor CY7C64113C Datasheet HTML 6Page - Cypress Semiconductor CY7C64113C Datasheet HTML 7Page - Cypress Semiconductor CY7C64113C Datasheet HTML 8Page - Cypress Semiconductor CY7C64113C Datasheet HTML 9Page - Cypress Semiconductor CY7C64113C Datasheet HTML 10Page - Cypress Semiconductor CY7C64113C Datasheet HTML 11Page - Cypress Semiconductor CY7C64113C Datasheet HTML 12Page - Cypress Semiconductor CY7C64113C Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 51 page
background image
CY7C64013C
CY7C64113C
Document #: 38-08001 Rev. *B
Page 9 of 51
3.0
Pin Configurations
1
2
3
4
5
6
7
9
11
12
13
14
15
16
18
17
XTALIN
10
8
19
20
31
30
29
33
32
35
34
37
36
39
38
41
40
43
42
45
44
46
48
47
21
22
23
24
25
27
26
28
VCC
P1[1]
P1[0]
P1[2]
P1[4]
P1[6]
P3[0]
P3[2]
VREF
P1[3]
P1[5]
P1[7]
P3[1]
D+[0]
D–[0]
P3[3]
GND
P3[5]
P3[7]
P2[1]
P2[3]
GND
P2[5]
P2[7]
DAC[7]
P0[7]
P0[5]
P0[3]
P0[1]
DAC[1]
XTALOUT
GND
P3[4]
NC
P3[6]
P2[0]
P2[2]
GND
P2[4]
P2[6]
DAC[0]
VPP
P0[0]
P0[2]
P0[4]
P0[6]
DAC[2]
CY7C64113C
48-pin SSOP
CY7C64013C
1
2
3
4
5
6
7
9
11
12
13
14
XTALIN
10
8
15
17
16
19
18
21
20
23
22
25
24
26
28
27
VCC
P1[1]
P1[0]
P1[2]
P3[0]
P3[2]
GND
P2[2]
VREF
GND
P3[1]
D+[0]
D–[0]
P2[3]
P2[5]
P0[7]
P0[5]
P0[3]
P0[1]
P0[6]
XTALOUT
P2[4]
P2[6]
VPP
P0[0]
P0[2]
P0[4]
28-pin SOIC
CY7C64013C
28-pin PDIP
TOP VIEW
1
2
3
4
5
6
7
9
11
12
13
14
XTALIN
10
8
15
17
16
19
18
21
20
23
22
25
24
26
28
27
VCC
P1[0]
P1[2]
P3[0]
P3[2]
P2[2]
GND
P2[4]
VREF
P1[1]
GND
P3[1]
D+[0]
D–[0]
P2[3]
P2[5]
P0[7]
P0[5]
P0[3]
P0[1]
XTALOUT
P2[6]
VPP
P0[0]
P0[2]
P0[4]
P0[6]
[+] Feedback
[+] Feedback


Similar Part No. - CY7C64113C

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C64113C CYPRESS-CY7C64113C Datasheet
1Mb / 53P
   Full-Speed USB (12-Mbps) Function
More results

Similar Description - CY7C64113C

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C64013 CYPRESS-CY7C64013 Datasheet
400Kb / 48P
   Full-Speed USB (12 Mbps) Function
CY7C64013C CYPRESS-CY7C64013C_11 Datasheet
1Mb / 53P
   Full-Speed USB (12-Mbps) Function
logo
Panasonic Semiconductor
MN101E35 PANASONIC-MN101E35 Datasheet
325Kb / 3P
   Conforms to USB 2.0: Full-speed (12 Mbps) supported
logo
Cypress Semiconductor
CY7C66013 CYPRESS-CY7C66013 Datasheet
449Kb / 58P
   Full-Speed USB (12 Mbps) Peripheral Controller with Integrated Hub
CY7C66013C CYPRESS-CY7C66013C_08 Datasheet
1Mb / 58P
   Full-Speed USB (12 Mbps) Peripheral Controller with Integrated Hub
CY7C66013 CYPRESS-CY7C66013 Datasheet
435Kb / 53P
   Full-Speed USB (12 Mbps) Peripheral Controller with Integrated Hub
CY7C66013C CYPRESS-CY7C66013C Datasheet
2Mb / 61P
   Full-Speed USB (12 Mbps) Peripheral Controller with Integrated Hub
CY7C66013C CYPRESS-CY7C66013C_11 Datasheet
1Mb / 61P
   Full Speed USB (12 Mbps) Peripheral Controller with Integrated Hub
logo
ATMEL Corporation
AT43USB321 ATMEL-AT43USB321 Datasheet
61Kb / 4P
   Full-speed USB Hub/Function Microcontroller
AT43320 ATMEL-AT43320 Datasheet
60Kb / 4P
   Full-speed USB Hub/Function Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com