Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C64013C-SXC Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY7C64013C-SXC
Description  Full-Speed USB (12-Mbps) Function
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C64013C-SXC Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY7C64013C-SXC Datasheet HTML 7Page - Cypress Semiconductor CY7C64013C-SXC Datasheet HTML 8Page - Cypress Semiconductor CY7C64013C-SXC Datasheet HTML 9Page - Cypress Semiconductor CY7C64013C-SXC Datasheet HTML 10Page - Cypress Semiconductor CY7C64013C-SXC Datasheet HTML 11Page - Cypress Semiconductor CY7C64013C-SXC Datasheet HTML 12Page - Cypress Semiconductor CY7C64013C-SXC Datasheet HTML 13Page - Cypress Semiconductor CY7C64013C-SXC Datasheet HTML 14Page - Cypress Semiconductor CY7C64013C-SXC Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 51 page
background image
CY7C64013C
CY7C64113C
Document #: 38-08001 Rev. *B
Page 11 of 51
GPIO Configuration
0x08
R/W
GPIO Port Configurations
20
HAPI and I2C Configuration
0x09
R/W
HAPI Width and I2C Position Configuration
24
USB Device Address A
0x10
R/W
USB Device Address A
34
EP A0 Counter Register
0x11
R/W
USB Address A, Endpoint 0 Counter
35
EP A0 Mode Register
0x12
R/W
USB Address A, Endpoint 0 Configuration
34
EP A1 Counter Register
0x13
R/W
USB Address A, Endpoint 1 Counter
35
EP A1 Mode Register
0x14
R/W
USB Address A, Endpoint 1 Configuration
35
EP A2 Counter Register
0x15
R/W
USB Address A, Endpoint 2 Counter
35
EP A2 Mode Register
0x16
R/W
USB Address A, Endpoint 2 Configuration
35
USB Status & Control
0x1F
R/W
USB Upstream Port Traffic Status and Control
34
Global Interrupt Enable
0x20
R/W
Global Interrupt Enable
29
Endpoint Interrupt Enable
0x21
R/W
USB Endpoint Interrupt Enables
29
Timer (LSB)
0x24
R
Lower 8 Bits of Free-running Timer (1 MHz)
23
Timer (MSB)
0x25
R
Upper 4 Bits of Free-running Timer
24
WDT Clear
0x26
W
Watchdog Timer Clear
18
I2C Control & Status
0x28
R/W
I2C Status and Control
25
I2C Data
0x29
R/W
I2C Data
25
DAC Data
0x30
R/W
DAC Data
22
DAC Interrupt Enable
0x31
W
Interrupt Enable for each DAC Pin
23
DAC Interrupt Polarity
0x32
W
Interrupt Polarity for each DAC Pin
23
DAC Isink
0x38-0x3F
W
Input Sink Current Control for each DAC Pin
22
Reserved
0x40
Reserved
EP A3 Counter Register
0x41
R/W
USB Address A, Endpoint 3 Counter
35
EP A3 Mode Register
0x42
R/W
USB Address A, Endpoint 3 Configuration
34
EP A4 Counter Register
0x43
R/W
USB Address A, Endpoint 4 Counter
35
EP A4 Mode Register
0x44
R/W
USB Address A, Endpoint 4 Configuration
35
Reserved
0x48
Reserved
Reserved
0x49
Reserved
Reserved
0x4A
Reserved
Reserved
0x4B
Reserved
Reserved
0x4C
Reserved
Reserved
0x4D
Reserved
Reserved
0x4E
Reserved
Reserved
0x4F
Reserved
Reserved
0x50
Reserved
Reserved
0x51
Reserved
Processor Status & Control
0xFF
R/W
Microprocessor Status and Control Register
26
Table 4-2. I/O Register Summary (continued)
Register Name
I/O Address
Read/Write
Function
Page
[+] Feedback
[+] Feedback


Similar Part No. - CY7C64013C-SXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C64013C-SXC CYPRESS-CY7C64013C-SXC Datasheet
1Mb / 53P
   Full-Speed USB (12-Mbps) Function
CY7C64013C-SXCT CYPRESS-CY7C64013C-SXCT Datasheet
1Mb / 53P
   Full-Speed USB (12-Mbps) Function
More results

Similar Description - CY7C64013C-SXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C64013 CYPRESS-CY7C64013 Datasheet
400Kb / 48P
   Full-Speed USB (12 Mbps) Function
CY7C64013C CYPRESS-CY7C64013C_11 Datasheet
1Mb / 53P
   Full-Speed USB (12-Mbps) Function
logo
Panasonic Semiconductor
MN101E35 PANASONIC-MN101E35 Datasheet
325Kb / 3P
   Conforms to USB 2.0: Full-speed (12 Mbps) supported
logo
Cypress Semiconductor
CY7C66013 CYPRESS-CY7C66013 Datasheet
449Kb / 58P
   Full-Speed USB (12 Mbps) Peripheral Controller with Integrated Hub
CY7C66013C CYPRESS-CY7C66013C_08 Datasheet
1Mb / 58P
   Full-Speed USB (12 Mbps) Peripheral Controller with Integrated Hub
CY7C66013 CYPRESS-CY7C66013 Datasheet
435Kb / 53P
   Full-Speed USB (12 Mbps) Peripheral Controller with Integrated Hub
CY7C66013C CYPRESS-CY7C66013C Datasheet
2Mb / 61P
   Full-Speed USB (12 Mbps) Peripheral Controller with Integrated Hub
CY7C66013C CYPRESS-CY7C66013C_11 Datasheet
1Mb / 61P
   Full Speed USB (12 Mbps) Peripheral Controller with Integrated Hub
logo
ATMEL Corporation
AT43USB321 ATMEL-AT43USB321 Datasheet
61Kb / 4P
   Full-speed USB Hub/Function Microcontroller
AT43320 ATMEL-AT43320 Datasheet
60Kb / 4P
   Full-speed USB Hub/Function Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com