Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C66013C Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C66013C
Description  Full-Speed USB (12 Mbps) Peripheral Controller with Integrated Hub
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C66013C Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7C66013C Datasheet HTML 3Page - Cypress Semiconductor CY7C66013C Datasheet HTML 4Page - Cypress Semiconductor CY7C66013C Datasheet HTML 5Page - Cypress Semiconductor CY7C66013C Datasheet HTML 6Page - Cypress Semiconductor CY7C66013C Datasheet HTML 7Page - Cypress Semiconductor CY7C66013C Datasheet HTML 8Page - Cypress Semiconductor CY7C66013C Datasheet HTML 9Page - Cypress Semiconductor CY7C66013C Datasheet HTML 10Page - Cypress Semiconductor CY7C66013C Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 61 page
background image
CY7C66013C
CY7C66113C
Document #: 38-08024 Rev. *B
Page 7 of 61
2.0
Functional Overview
The CY7C66013C and CY7C66113C are compound devices with a full-speed USB microcontroller in combination with a USB
hub. Each device is well-suited for combination peripheral functions with hubs, such as a keyboard hub function. The eight-bit
one-time-programmable microcontroller with a 12-Mbps USB Hub supports as many as four downstream ports.
2.1
GPIO
The CY7C66013C features 29 GPIO pins to support USB and other applications. The I/O pins are grouped into four ports (P0[7:0],
P1[7:0], P2[7:0], P3[4:0]) where each port can be configured as inputs with internal pull-ups, open drain outputs, or traditional
CMOS outputs. Ports 0 to 2 are rated at 8 mA per pin (typical) sink current. Port 3 pins are rated at 12 mA per pin (typical) sink
current, which allows these pins to drive LEDs. Multiple GPIO pins can be connected together to drive a single output for more
drive current capacity. Additionally, each I/O pin can be used to generate a GPIO interrupt to the microcontroller. All of the GPIO
interrupts all share the same “GPIO” interrupt vector.
The CY7C66113C has 31 GPIO pins (P0[7:0], P1[7:0], P2[7:0], P3[6:0]).
2.2
DAC
The CY7C66113C has an additional port P4[7:0] that features an additional eight programmable sink current I/O pins (DAC).
Every DAC pin includes an integrated 14-k
Ω pull-up resistor. When a ‘1’ is written to a DAC I/O pin, the output current sink is
disabled and the output pin is driven HIGH by the internal pull-up resistor. When a ‘0’ is written to a DAC I/O pin, the internal
pull-up is disabled and the output pin provides the programmed amount of sink current. A DAC I/O pin can be used as an input
with an internal pull-up by writing a ‘1’ to the pin.
The sink current for each DAC I/O pin can be individually programmed to one of sixteen values using dedicated Isink registers.
DAC bits DAC[1:0] can be used as high current outputs with a programmable sink current range of 3.2 to 16 mA (typical). DAC
bits DAC[7:2] have a programmable current sink range of 0.2 to 1.0 mA (typical). Multiple DAC pins can be connected together
to drive a single output that requires more sink current capacity. Each I/O pin can be used to generate a DAC interrupt to the
microcontroller. Also, the interrupt polarity for each DAC I/O pin is individually programmable.
2.3
Clock
The microcontroller uses an external 6-MHz crystal and an internal oscillator to provide a reference to an internal PLL-based
clock generator. This technology allows the customer application to use an inexpensive 6-MHz fundamental crystal that reduces
the clock-related noise emissions (EMI). A PLL clock generator provides the 6-, 12-, and 48-MHz clock signals for distribution
within the microcontroller.
2.4
Memory
The CY7C66013C and CY7C66113C have 8 KB of PROM.
2.5
Power-on Reset, Watchdog, and Free-running Timer
These parts include POR logic, a WDT, and a 12-bit free-running timer. The POR logic detects when power is applied to the
device, resets the logic to a known state, and begins executing instructions at PROM address 0x0000. The WDT is used to ensure
that the microcontroller recovers after a period of inactivity. The firmware may become inactive for a variety of reasons, including
errors in the code or a hardware failure such as waiting for an interrupt that never occurs.
2.6
I2C and HAPI Interface
The microcontroller can communicate with external electronics through the GPIO pins. An I2C-compatible interface accommo-
dates a 100-kHz serial link with an external device. There is also a Hardware-assisted Parallel Interface (HAPI) which can be
used to transfer data to an external device.
2.7
Timer
The free-running 12-bit timer clocked at 1 MHz provides two interrupt sources, 128-
µs and 1.024-ms. The timer can be used to
measure the duration of an event under firmware control by reading the timer at the start of the event and after the event is
complete. The difference between the two readings indicates the duration of the event in microseconds. The upper four bits of
the timer are latched into an internal register when the firmware reads the lower eight bits. A read from the upper four bits actually
reads data from the internal register, instead of the timer. This feature eliminates the need for firmware to try to compensate if the
upper four bits increment immediately after the lower eight bits are read.
[+] Feedback
[+] Feedback


Similar Part No. - CY7C66013C

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C66013C CYPRESS-CY7C66013C Datasheet
1Mb / 58P
   Full-Speed USB (12 Mbps) Peripheral Controller with Integrated Hub
CY7C66013C CYPRESS-CY7C66013C Datasheet
1Mb / 61P
   Full Speed USB (12 Mbps) Peripheral Controller with Integrated Hub
CY7C66013C-PVXC CYPRESS-CY7C66013C-PVXC Datasheet
1Mb / 58P
   Full-Speed USB (12 Mbps) Peripheral Controller with Integrated Hub
CY7C66013C-PVXC CYPRESS-CY7C66013C-PVXC Datasheet
1Mb / 61P
   Full Speed USB (12 Mbps) Peripheral Controller with Integrated Hub
CY7C66013C CYPRESS-CY7C66013C_08 Datasheet
1Mb / 58P
   Full-Speed USB (12 Mbps) Peripheral Controller with Integrated Hub
More results

Similar Description - CY7C66013C

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C66013 CYPRESS-CY7C66013 Datasheet
449Kb / 58P
   Full-Speed USB (12 Mbps) Peripheral Controller with Integrated Hub
CY7C66013C CYPRESS-CY7C66013C_08 Datasheet
1Mb / 58P
   Full-Speed USB (12 Mbps) Peripheral Controller with Integrated Hub
CY7C66013C CYPRESS-CY7C66013C_11 Datasheet
1Mb / 61P
   Full Speed USB (12 Mbps) Peripheral Controller with Integrated Hub
CY7C66013 CYPRESS-CY7C66013 Datasheet
435Kb / 53P
   Full-Speed USB (12 Mbps) Peripheral Controller with Integrated Hub
CY7C64013C CYPRESS-CY7C64013C_11 Datasheet
1Mb / 53P
   Full-Speed USB (12-Mbps) Function
CY7C64013 CYPRESS-CY7C64013 Datasheet
400Kb / 48P
   Full-Speed USB (12 Mbps) Function
CY7C64013C CYPRESS-CY7C64013C Datasheet
2Mb / 51P
   Full-Speed USB (12-Mbps) Function
logo
SMSC Corporation
USB97C102 SMSC-USB97C102 Datasheet
521Kb / 80P
   Multi-Endpoint USB Peripheral Controller with Integrated 5 Port HUB
logo
Cypress Semiconductor
CY7C64713 CYPRESS-CY7C64713_08 Datasheet
1Mb / 54P
   EZ-USB FX1??USB Microcontroller Full-speed USB Peripheral Controller
CY7C6471314 CYPRESS-CY7C6471314 Datasheet
758Kb / 50P
   EZ-USB FX1??USB Microcontroller Full-speed USB Peripheral Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com