Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C67300 Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C67300
Description  EZ-Host??Programmable Embedded USB Host and Peripheral Controller with Automotive AEC Grade Support
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C67300 Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7C67300 Datasheet HTML 3Page - Cypress Semiconductor CY7C67300 Datasheet HTML 4Page - Cypress Semiconductor CY7C67300 Datasheet HTML 5Page - Cypress Semiconductor CY7C67300 Datasheet HTML 6Page - Cypress Semiconductor CY7C67300 Datasheet HTML 7Page - Cypress Semiconductor CY7C67300 Datasheet HTML 8Page - Cypress Semiconductor CY7C67300 Datasheet HTML 9Page - Cypress Semiconductor CY7C67300 Datasheet HTML 10Page - Cypress Semiconductor CY7C67300 Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 98 page
background image
CY7C67300
Document #: 38-08015 Rev. *H
Page 7 of 98
Figure 4 illustrates the interface for connecting an 8-bit ROM
or 8-bit RAM to the EZ-Host external memory interface. In 8-bit
mode, up to 512K bytes of external ROM or RAM are
supported.
General Purpose IO Interface (GPIO)
EZ-Host has up to 32 GPIO signals available. Several other
optional interfaces use GPIO pins as well and may reduce the
overall number of available GPIOs.
GPIO Description
All Inputs are sampled asynchronously with state changes
occurring at a rate of up to two 48 MHz clock cycles. GPIO pins
are latched directly into registers, a single flip-flop.
Unused Pin Descriptions
Ensure to tristate unused USB pins with the D+ line pulled high
through the internal pull up resistor and the D– line pulled low
through the internal pull down resistor.
Configure unused GPIO pins as outputs so they are driven low.
UART Interface
EZ-Host has a built in UART interface. The UART interface
supports data rates from 900 to 115.2K baud. It can be used
as a development port or for other interface requirements. The
UART interface is exposed through GPIO pins.
UART Features
• Supports baud rates of 900 to 115.2K
•8-N-1
UART Pins.
I2C EEPROM Interface
EZ-Host provides a master-only I2C interface for external
serial EEPROMs. The serial EEPROM can be used to store
application specific code and data. Use the I2C interface for
loading code out of EEPROM, it is not a general I2C interface.
The I2C EEPROM interface is a BIOS implementation and is
exposed through GPIO pins. Refer to the BIOS documentation
for additional details on this interface.
I2C EEPROM Features
• Supports EEPROMs up to 64 KB (512K bit)
• Auto-detection of EEPROM size
I2C EEPROM Pins
Serial Peripheral Interface
EZ-Host provides a SPI interface for added connectivity.
EZ-Host may be configured as either an SPI master or SPI
slave. The SPI interface can be exposed through GPIO pins
or the External Memory port.
SPI Features
• Master or slave mode operation
• DMA block transfer and PIO byte transfer modes
• Full duplex or half duplex data communication
• 8-byte receive FIFO and 8-byte transmit FIFO
• Selectable master SPI clock rates from 250 kHz to 12 MHz
• Selectable master SPI clock phase and polarity
• Slave SPI signaling synchronization and filtering
• Slave SPI clock rates up to 2 MHz
• Maskable interrupts for block and byte transfer modes
• Individual bit transfer for non-byte aligned serial communi-
cation in PIO mode
• Programmable delay timing for the active/inactive master
SPI clock
• Auto or manual control for master mode slave select signal
• Complete access to internal memory
Figure 4. Interfacing up to 512k × 8 for External Code/Data
Table 7.
UART Interface Pins
Pin Name
Pin Number
TX
42
RX
43
EZ-Host
CY7C67300
External Memory Array
Up to 512k x8
A[18:0]
nWR
nRD
nXMEMSEL
A[18:0]
WE
OE
CE
D[7:0]
D[7:0]
Up to 512k x 8 External Code/Data (Page Mode)
Table 8.
I2C EEPROM Interface Pins
Pin Name
Pin Number
GPIO Number
SMALL EEPROM
SCK
39
GPIO31
SDA
40
GPIO30
LARGE EEPROM
SCK
40
GPIO30
SDA
39
GPIO31


Similar Part No. - CY7C67300

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C67300 CYPRESS-CY7C67300 Datasheet
668Kb / 119P
   EZ-Host Programmable Embedded USB Host/Peripheral Controller
CY7C67300 CYPRESS-CY7C67300 Datasheet
1Mb / 99P
   EZ-Host Programmable Embedded USB Host and Peripheral Controller with Automotive AEC Grade Support
CY7C67300 CYPRESS-CY7C67300 Datasheet
1Mb / 102P
   EZ-Host Programmable Embedded USB Host and Peripheral Controller
CY7C67300-100AI CYPRESS-CY7C67300-100AI Datasheet
668Kb / 119P
   EZ-Host Programmable Embedded USB Host/Peripheral Controller
CY7C67300-100AXA CYPRESS-CY7C67300-100AXA Datasheet
1Mb / 99P
   EZ-Host Programmable Embedded USB Host and Peripheral Controller with Automotive AEC Grade Support
More results

Similar Description - CY7C67300

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C67300 CYPRESS-CY7C67300_06 Datasheet
268Kb / 9P
   EZ-Host??Programmable Embedded USB Host and Peripheral Controller with Automotive AEC Grade Support
CY7C67300 CYPRESS-CY7C67300_13 Datasheet
917Kb / 112P
   EZ-Host??Programmable Embedded USB Host and Peripheral Controller with Automotive AEC Grade Support
CY7C67300 CYPRESS-CY7C67300_08 Datasheet
1Mb / 99P
   EZ-Host Programmable Embedded USB Host and Peripheral Controller with Automotive AEC Grade Support
CY7C67300 CYPRESS-CY7C67300_11 Datasheet
1Mb / 102P
   EZ-Host Programmable Embedded USB Host and Peripheral Controller
CY7C67300 CYPRESS-CY7C67300 Datasheet
668Kb / 119P
   EZ-Host Programmable Embedded USB Host/Peripheral Controller
CY7C67200 CYPRESS-CY7C67200_13 Datasheet
1Mb / 92P
   EZ-OTG??Programmable USB On-The-Go Host/Peripheral Controller
CY7C67200 CYPRESS-CY7C67200 Datasheet
618Kb / 98P
   EZ-OTG Programmable USB On-The-Go Host/Peripheral Controller
logo
Maxim Integrated Produc...
MAX3421E MAXIM-MAX3421E_07 Datasheet
371Kb / 32P
   USB Peripheral/Host Controller with SPI Interface
Rev 3; 7/07
MAX3421E MAXIM-MAX3421E_14 Datasheet
260Kb / 28P
   USB Peripheral/Host Controller with SPI Interface
Rev 4; 7/13
MAX3421E MAXIM-MAX3421E_13 Datasheet
290Kb / 28P
   USB Peripheral/Host Controller with SPI Interface
Rev 4; 7/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com