Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C67300-100AXI Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY7C67300-100AXI
Description  EZ-Host??Programmable Embedded USB Host and Peripheral Controller with Automotive AEC Grade Support
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C67300-100AXI Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY7C67300-100AXI Datasheet HTML 1Page - Cypress Semiconductor CY7C67300-100AXI Datasheet HTML 2Page - Cypress Semiconductor CY7C67300-100AXI Datasheet HTML 3Page - Cypress Semiconductor CY7C67300-100AXI Datasheet HTML 4Page - Cypress Semiconductor CY7C67300-100AXI Datasheet HTML 5Page - Cypress Semiconductor CY7C67300-100AXI Datasheet HTML 6Page - Cypress Semiconductor CY7C67300-100AXI Datasheet HTML 7Page - Cypress Semiconductor CY7C67300-100AXI Datasheet HTML 8Page - Cypress Semiconductor CY7C67300-100AXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 98 page
background image
CY7C67300
Document #: 38-08015 Rev. *H
Page 4 of 98
USB Features
• USB 2.0-compliant for full and low speed
• Up to four downstream USB host ports
• Up to two upstream USB peripheral ports
• Configurable endpoint buffers (pointer and length), must
reside in internal RAM
• Up to eight available peripheral endpoints (one control
endpoint)
• Supports control, interrupt, bulk, and isochronous transfers
• Internal DMA channels for each endpoint
• Internal pull up and pull down resistors
• Internal series termination resistors on USB data lines
USB Pins
OTG Interface
EZ-Host has one USB port that is compatible with the USB
On-The-Go supplement to the USB 2.0 specification. The USB
OTG port has a various hardware features to support Session
Request Protocol (SRP) and Host Negotiation Protocol (HNP).
OTG is only supported on USB PORT 1A.
OTG Features
• Internal charge pump to supply and control VBUS
• VBUS valid status (above 4.4V)
• VBUS status for 2.4V< VBUS <0.8V
• ID pin status
• Switchable 2K ohm internal discharge resistor on VBUS
• Switchable 500 ohm internal pull up resistor on VBUS
• Individually switchable internal pull up and pull down
resistors on the USB data lines
OTG Pins
External Memory Interface
EZ-Host provides a robust interface to a wide variety of
external memory arrays. All available external memory array
locations can contain either code or data. The CY16 RISC
processor directly addresses a flat memory space from
0x0000 to 0xFFFF.
2 Hosts + 1 Peripheral
Host
Host
Peripheral
2 Hosts + 1 Peripheral
Host
Host
Peripheral
2 Hosts + 1 Peripheral
Peripheral
Host
Host
2 Hosts + 1 Peripheral
Peripheral
Host
Host
1 Host + 1 Peripheral
Host
Peripheral
1 Host + 1 Peripheral
Host
Peripheral
1 Host + 1 Peripheral
Host
Peripheral
1 Host + 1 Peripheral
Host
Peripheral
1 Host + 1 Peripheral
Peripheral
Host
1 Host + 1 Peripheral
Peripheral
Host
1 Host + 1 Peripheral
Peripheral
Host
1 Host + 1 Peripheral
Peripheral
Host
2 Peripherals
Peripheral
Peripheral
2 Peripherals
Peripheral
Peripheral
2 Peripherals
Peripheral
Peripheral
2 Peripherals
Peripheral
Peripheral
1 Peripheral
Any Port
Table 3.
USB Port Configuration Options (continued)
Port Configurations
Port 1A
Port 1B
Port 2A
Port 2B
Table 4.
USB Interface Pins
Pin Name
Pin Number
DM1A
22
DP1A
23
DM1B
18
DP1B
19
DM2A
9
DP2A
10
DM2B
4
DP2B
5
Table 5.
OTG Interface Pins
Pin Name
Pin Number
DM1A
22
DP1A
23
OTGVBUS
11
OTGID
41
CSwitchA
13
CSwitchB
12


Similar Part No. - CY7C67300-100AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C67300-100AXI CYPRESS-CY7C67300-100AXI Datasheet
1Mb / 99P
   EZ-Host Programmable Embedded USB Host and Peripheral Controller with Automotive AEC Grade Support
CY7C67300-100AXI CYPRESS-CY7C67300-100AXI Datasheet
1Mb / 102P
   EZ-Host Programmable Embedded USB Host and Peripheral Controller
CY7C67300-100AXI CYPRESS-CY7C67300-100AXI Datasheet
917Kb / 112P
   EZ-Host??Programmable Embedded USB Host and Peripheral Controller with Automotive AEC Grade Support
CY7C67300-100AXIT CYPRESS-CY7C67300-100AXIT Datasheet
1Mb / 99P
   EZ-Host Programmable Embedded USB Host and Peripheral Controller with Automotive AEC Grade Support
CY7C67300-100AXIT CYPRESS-CY7C67300-100AXIT Datasheet
1Mb / 102P
   EZ-Host Programmable Embedded USB Host and Peripheral Controller
More results

Similar Description - CY7C67300-100AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C67300 CYPRESS-CY7C67300_06 Datasheet
268Kb / 9P
   EZ-Host??Programmable Embedded USB Host and Peripheral Controller with Automotive AEC Grade Support
CY7C67300 CYPRESS-CY7C67300_13 Datasheet
917Kb / 112P
   EZ-Host??Programmable Embedded USB Host and Peripheral Controller with Automotive AEC Grade Support
CY7C67300 CYPRESS-CY7C67300_08 Datasheet
1Mb / 99P
   EZ-Host Programmable Embedded USB Host and Peripheral Controller with Automotive AEC Grade Support
CY7C67300 CYPRESS-CY7C67300_11 Datasheet
1Mb / 102P
   EZ-Host Programmable Embedded USB Host and Peripheral Controller
CY7C67300 CYPRESS-CY7C67300 Datasheet
668Kb / 119P
   EZ-Host Programmable Embedded USB Host/Peripheral Controller
CY7C67200 CYPRESS-CY7C67200_13 Datasheet
1Mb / 92P
   EZ-OTG??Programmable USB On-The-Go Host/Peripheral Controller
CY7C67200 CYPRESS-CY7C67200 Datasheet
618Kb / 98P
   EZ-OTG Programmable USB On-The-Go Host/Peripheral Controller
logo
Maxim Integrated Produc...
MAX3421E MAXIM-MAX3421E_07 Datasheet
371Kb / 32P
   USB Peripheral/Host Controller with SPI Interface
Rev 3; 7/07
MAX3421E MAXIM-MAX3421E_14 Datasheet
260Kb / 28P
   USB Peripheral/Host Controller with SPI Interface
Rev 4; 7/13
MAX3421E MAXIM-MAX3421E_13 Datasheet
290Kb / 28P
   USB Peripheral/Host Controller with SPI Interface
Rev 4; 7/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com