Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C67300-100AXAT Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C67300-100AXAT
Description  EZ-Host??Programmable Embedded USB Host and Peripheral Controller with Automotive AEC Grade Support
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C67300-100AXAT Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C67300-100AXAT Datasheet HTML 1Page - Cypress Semiconductor CY7C67300-100AXAT Datasheet HTML 2Page - Cypress Semiconductor CY7C67300-100AXAT Datasheet HTML 3Page - Cypress Semiconductor CY7C67300-100AXAT Datasheet HTML 4Page - Cypress Semiconductor CY7C67300-100AXAT Datasheet HTML 5Page - Cypress Semiconductor CY7C67300-100AXAT Datasheet HTML 6Page - Cypress Semiconductor CY7C67300-100AXAT Datasheet HTML 7Page - Cypress Semiconductor CY7C67300-100AXAT Datasheet HTML 8Page - Cypress Semiconductor CY7C67300-100AXAT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 98 page
background image
CY7C67300
Document #: 38-08015 Rev. *H
Page 5 of 98
External Memory Interface Features
• Supports 8-bit or 16-bit SRAM or ROM
• SRAM or ROM can be used for code or data space
• Direct addressing of SRAM or ROM
• Two external memory mapped page registers
External Memory Access Strobes
Access to external memory is sampled asynchronously on the
rising edge of strobes with a minimum of one wait state cycle.
Up to seven wait state cycles may be inserted for external
memory access. Each additional wait state cycle stretches the
external memory access time by 21 ns (you must be running
in internal memory when changing wait states). An external
memory device with 12 ns access time is necessary to support
48 MHz code execution.
Page Registers
EZ-Host allows extended data or program code to be stored in
external SRAM, or ROM. The total size of extended memory
can be up to 512K bytes. The CY16 processor can access
extended memory via two address regions of 0x8000-0x9FFF
and 0xA000-0xBFFF. The page register 0xC018 can be used
to control the address region 0x8000-0x9FFF and the page
register
0xC01A
controls
the
address
region
of
0xA000-0xBFFF.
Figure 1 illustrates that when the nXMEMSEL pin is asserted
the upper CPU address pins are driven by the contents of the
Page x registers.
Merge Mode
Merge modes enabled through the External Memory Control
register [0xC03A] allow combining of external memory regions
in accordance with the following:
• nXMEMSEL is active from 0x8000 to 0xBFFF
• nXRAMSEL is active from 0x4000 to 0x7FFF when RAM
Merge is disabled; nXRAMSEL is active from 0x4000 to
0xBFFF when RAM Merge is enabled
• nXROMSEL is active from 0xC100 to 0xDFFF when ROM
Merge is disabled; nXROMSEL is active from 0x8000 to
0xDFFF (excluding the 0xC000 to 0xC0FF area) when ROM
Merge is enabled
Program Memory Hole Description
Code residing in the 0xC000-0xC0FF address space is not
accessible by the CPU.
DMA to External Memory Prohibited
EZ-Host supports an internal DMA engine to rapidly move data
between different functional blocks within the chip. This DMA
engine is used for SIE1, SIE2, HPI, SPI, HSS, and IDE but it
can only transfer data between the specified block and internal
RAM or ROM. Setting up the DMA engine to transfer to or from
an external memory space might result in internal RAM data
corruption
because
the
hardware
(for
example,
HSS/HPI/SIE1/SIE2/IDE) does not explicitly check the
address range. For example, setting up a DMA transfer to
external address 0x8000 might result in a DMA transfer into
address 0x0000.
External Memory Related Resource Considerations:
• By default A[18:15] are not available for general addressing
and are driven high on power up. The Upper Address
Enable register must be written appropriately to enable
A[18:15] for general addressing purposes.
• 47K ohm external pull up on pin A15 for 12 MHz crystal
operation.
• During the 3 ms BIOS boot procedure the CPU external
memory bus is active.
• ROM boot load value 0xC3B6 located at 0xC100.
• HPI, HSS, SPI, SIE1, SIE2, and IDE cannot DMA to external
memory arrays.
• Page 1 banking is always enabled and is in effect from
0x8000 to 0x9FFF.
• Page 2 banking is always enabled and is in effect from
0xA000 to 0xBFFF.
• CPU memory bus strobes may wiggle when chip selects
are inactive.
Figure 1. Page n Registers External Address Pins Logic
0000 + PC[14:0]
1
0
PAGEx Register[5:0] + PC[12:0]
nXMEMSEL Pin
A[18:0]
PC = Program Counter
x = 1 or 2
A = CPU Address Bus
Where:
PAGE 1 Register Active Range = 8000h to 9FFFh
PAGE 2 Register Active Range = A000h to BFFFh
Note:
nXMEMSEL Pin Active Range = 8000h to BFFFh


Similar Part No. - CY7C67300-100AXAT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C67300-100AXAT CYPRESS-CY7C67300-100AXAT Datasheet
1Mb / 99P
   EZ-Host Programmable Embedded USB Host and Peripheral Controller with Automotive AEC Grade Support
CY7C67300-100AXAT CYPRESS-CY7C67300-100AXAT Datasheet
1Mb / 102P
   EZ-Host Programmable Embedded USB Host and Peripheral Controller
CY7C67300-100AXAT CYPRESS-CY7C67300-100AXAT Datasheet
917Kb / 112P
   EZ-Host??Programmable Embedded USB Host and Peripheral Controller with Automotive AEC Grade Support
More results

Similar Description - CY7C67300-100AXAT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C67300 CYPRESS-CY7C67300_06 Datasheet
268Kb / 9P
   EZ-Host??Programmable Embedded USB Host and Peripheral Controller with Automotive AEC Grade Support
CY7C67300 CYPRESS-CY7C67300_13 Datasheet
917Kb / 112P
   EZ-Host??Programmable Embedded USB Host and Peripheral Controller with Automotive AEC Grade Support
CY7C67300 CYPRESS-CY7C67300_08 Datasheet
1Mb / 99P
   EZ-Host Programmable Embedded USB Host and Peripheral Controller with Automotive AEC Grade Support
CY7C67300 CYPRESS-CY7C67300_11 Datasheet
1Mb / 102P
   EZ-Host Programmable Embedded USB Host and Peripheral Controller
CY7C67300 CYPRESS-CY7C67300 Datasheet
668Kb / 119P
   EZ-Host Programmable Embedded USB Host/Peripheral Controller
CY7C67200 CYPRESS-CY7C67200_13 Datasheet
1Mb / 92P
   EZ-OTG??Programmable USB On-The-Go Host/Peripheral Controller
CY7C67200 CYPRESS-CY7C67200 Datasheet
618Kb / 98P
   EZ-OTG Programmable USB On-The-Go Host/Peripheral Controller
logo
Maxim Integrated Produc...
MAX3421E MAXIM-MAX3421E_07 Datasheet
371Kb / 32P
   USB Peripheral/Host Controller with SPI Interface
Rev 3; 7/07
MAX3421E MAXIM-MAX3421E_14 Datasheet
260Kb / 28P
   USB Peripheral/Host Controller with SPI Interface
Rev 4; 7/13
MAX3421E MAXIM-MAX3421E_13 Datasheet
290Kb / 28P
   USB Peripheral/Host Controller with SPI Interface
Rev 4; 7/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com