Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C68016A Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C68016A
Description  EZ-USB FX2LP??USB Microcontroller
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C68016A Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY7C68016A Datasheet HTML 2Page - Cypress Semiconductor CY7C68016A Datasheet HTML 3Page - Cypress Semiconductor CY7C68016A Datasheet HTML 4Page - Cypress Semiconductor CY7C68016A Datasheet HTML 5Page - Cypress Semiconductor CY7C68016A Datasheet HTML 6Page - Cypress Semiconductor CY7C68016A Datasheet HTML 7Page - Cypress Semiconductor CY7C68016A Datasheet HTML 8Page - Cypress Semiconductor CY7C68016A Datasheet HTML 9Page - Cypress Semiconductor CY7C68016A Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 60 page
background image
CY7C68013A/CY7C68014A
CY7C68015A/CY7C68016A
Document #: 38-08032 Rev. *K
Page 6 of 60
If Autovectoring is enabled (AV4EN = 1 in the INTSET-UP
register), the FX 2LP substitutes its INT4VEC byte. Therefore,
if the high byte (“page”) of a jump-table address is preloaded
at location 0x0054, the automatically-inserted INT4VEC byte
at 0x0055 will direct the jump to the correct address out of the
14 addresses within the page. When the ISR occurs, the
FX2LP pushes the program counter onto its stack then jumps
to address 0x0053, where it expects to find a “jump” instruction
to the ISR Interrupt service routine.
3.9
Reset and Wakeup
3.9.1
Reset Pin
The input pin, RESET#, will reset the FX2LP when asserted.
This pin has hysteresis and is active LOW. When a crystal is
used with the CY7C680xxA the reset period must allow for the
stabilization of the crystal and the PLL. This reset period
should be approximately 5 ms after VCC has reached 3.0V. If
the crystal input pin is driven by a clock signal the internal PLL
stabilizes in 200
µs after VCC has reached 3.0V[3]. Figure 3-2
shows a power-on reset condition and a reset applied during
operation. A power-on reset is defined as the time reset is
asserted while power is being applied to the circuit. A powered
reset is defined to be when the FX2LP has previously been
powered on and operating and the RESET# pin is asserted.
Cypress provides an application note which describes and
recommends power on reset implementation and can be found
on the Cypress web site. For more information on reset imple-
mentation
for
the
FX2
family
of
products
visit
the
http://www.cypress.com.
Table 3-4. Individual FIFO/GPIF Interrupt Sources
Priority
INT4VEC Value
Source
Notes
1
80
EP2PF
Endpoint 2 Programmable Flag
2
84
EP4PF
Endpoint 4 Programmable Flag
3
88
EP6PF
Endpoint 6 Programmable Flag
4
8C
EP8PF
Endpoint 8 Programmable Flag
5
90
EP2EF
Endpoint 2 Empty Flag
6
94
EP4EF
Endpoint 4 Empty Flag
7
98
EP6EF
Endpoint 6 Empty Flag
8
9C
EP8EF
Endpoint 8 Empty Flag
9
A0
EP2FF
Endpoint 2 Full Flag
10
A4
EP4FF
Endpoint 4 Full Flag
11
A8
EP6FF
Endpoint 6 Full Flag
12
AC
EP8FF
Endpoint 8 Full Flag
13
B0
GPIFDONE
GPIF Operation Complete
14
B4
GPIFWF
GPIF Waveform
Note:
3.
If the external clock is powered at the same time as the CY7C680xxA and has a stabilization wait period, it must be added to the 200
µs.
[+] Feedback
[+] Feedback


Similar Part No. - CY7C68016A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C68016A CYPRESS-CY7C68016A Datasheet
1Mb / 55P
   EZ-USB FX2LP USB Microcontroller
CY7C68016A CYPRESS-CY7C68016A Datasheet
1Mb / 62P
   EZ-USB FX2LP??USB Microcontroller High-Speed USB Peripheral Controller
CY7C68016A CYPRESS-CY7C68016A Datasheet
1Mb / 62P
   EZ-USB FX2LP USB Microcontroller High Speed USB Peripheral Controller
CY7C68016A CYPRESS-CY7C68016A Datasheet
1Mb / 62P
   EZ-USB FX2LP??USB Microcontroller High Speed USB Peripheral Controller
CY7C68016A-56LFXC CYPRESS-CY7C68016A-56LFXC Datasheet
1Mb / 62P
   EZ-USB FX2LP??USB Microcontroller High-Speed USB Peripheral Controller
More results

Similar Description - CY7C68016A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C68013A CYPRESS-CY7C68013A Datasheet
1Mb / 55P
   EZ-USB FX2LP USB Microcontroller
CY7C68013A-128AXC CYPRESS-CY7C68013A-128AXC Datasheet
909Kb / 66P
   EZ-USB FX2LP USB Microcontroller High-Speed USB Peripheral Controller
CY7C68013A_0905 CYPRESS-CY7C68013A_0905 Datasheet
1Mb / 62P
   EZ-USB FX2LP??USB Microcontroller High Speed USB Peripheral Controller
CY7C68013A CYPRESS-CY7C68013A_08 Datasheet
1Mb / 62P
   EZ-USB FX2LP??USB Microcontroller High-Speed USB Peripheral Controller
CY7C68013A CYPRESS-CY7C68013A_09 Datasheet
1Mb / 62P
   EZ-USB FX2LP USB Microcontroller High Speed USB Peripheral Controller
CY7C68014A CYPRESS-CY7C68014A Datasheet
1Mb / 62P
   EZ-USB FX2LP??USB Microcontroller High Speed USB Peripheral Controller
CY7C68013 CYPRESS-CY7C68013 Datasheet
1Mb / 48P
   EZ-USB FX2 USB Microcontroller
CY7C64613 CYPRESS-CY7C64613 Datasheet
288Kb / 42P
   EZ-USB FX USB Microcontroller
CY7C64601 CYPRESS-CY7C64601 Datasheet
220Kb / 42P
   EZ-USB FX USB Microcontroller Data Sheet
CY7C68013 CYPRESS-CY7C68013_02 Datasheet
568Kb / 50P
   EZ-USB FX USB Microcontroller High-Speed USB Peripheral Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com