Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C68013A Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY7C68013A
Description  EZ-USB FX2LP??USB Microcontroller
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C68013A Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY7C68013A Datasheet HTML 1Page - Cypress Semiconductor CY7C68013A Datasheet HTML 2Page - Cypress Semiconductor CY7C68013A Datasheet HTML 3Page - Cypress Semiconductor CY7C68013A Datasheet HTML 4Page - Cypress Semiconductor CY7C68013A Datasheet HTML 5Page - Cypress Semiconductor CY7C68013A Datasheet HTML 6Page - Cypress Semiconductor CY7C68013A Datasheet HTML 7Page - Cypress Semiconductor CY7C68013A Datasheet HTML 8Page - Cypress Semiconductor CY7C68013A Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 60 page
background image
CY7C68013A/CY7C68014A
CY7C68015A/CY7C68016A
Document #: 38-08032 Rev. *K
Page 2 of 60
1.1
Features (CY7C68013A/14A only)
• CY7C68014A: Ideal for battery powered applications
— Suspend current: 100
µA (typ)
• CY7C68013A: Ideal for non-battery powered applica-
tions
— Suspend current: 300
µA (typ)
• Available in five lead-free packages with up to 40 GPIOs
— 128-pin TQFP (40 GPIOs), 100-pin TQFP (40 GPIOs),
56-pin QFN (24 GPIOs), 56-pin SSOP (24 GPIOs), and
56-pin VFBGA (24 GPIOs)
1.2
Features (CY7C68015A/16A only)
• CY7C68016A: Ideal for battery powered applications
— Suspend current: 100
µA (typ)
• CY7C68015A: Ideal for non-battery powered applica-
tions
— Suspend current: 300
µA (typ)
• Available in lead-free 56-pin QFN package (26 GPIOs)
— 2 more GPIOs than CY7C68013A/14A enabling addi-
tional features in same footprint
Cypress Semiconductor Corporation’s (Cypress’s) EZ-USB
FX2LP
™ (CY7C68013A/14A) is a low-power version of the
EZ-USB FX2
™ (CY7C68013), which is a highly integrated,
low-power USB 2.0 microcontroller. By integrating the USB 2.0
transceiver, serial interface engine (SIE), enhanced 8051
microcontroller, and a programmable peripheral interface in a
single chip, Cypress has created a very cost-effective solution
that provides superior time-to-market advantages with low
power to enable bus powered applications.
The ingenious architecture of FX2LP results in data transfer
rates of over 53 Mbytes per second, the maximum-allowable
USB 2.0 bandwidth, while still using a low-cost 8051 microcon-
troller in a package as small as a 56 VFBGA (5mm x 5mm).
Because it incorporates the USB 2.0 transceiver, the FX2LP is
more economical, providing a smaller footprint solution than
USB 2.0 SIE or external transceiver implementations. With
EZ-USB FX2LP, the Cypress Smart SIE handles most of the
USB 1.1 and 2.0 protocol in hardware, freeing the embedded
microcontroller
for
application-specific
functions
and
decreasing development time to ensure USB compatibility.
The
General
Programmable
Interface
(GPIF)
and
Master/Slave Endpoint FIFO (8- or 16-bit data bus) provides
an easy and glueless interface to popular interfaces such as
ATA, UTOPIA, EPP, PCMCIA, and most DSP/processors.
The FX2LP draws considerably less current than the FX2
(CY7C68013), has double the on-chip code/data RAM and is
fit, form and function compatible with the 56-, 100-, and
128-pin FX2.
Five packages are defined for the family: 56VFBGA, 56 SSOP,
56 QFN, 100 TQFP, and 128 TQFP.
2.0
Applications
• Portable video recorder
• MPEG/TV conversion
• DSL modems
• ATA interface
• Memory card readers
• Legacy conversion devices
• Cameras
• Scanners
• Home PNA
• Wireless LAN
• MP3 players
• Networking
The “Reference Designs” section of the Cypress web site
provides additional tools for typical USB 2.0 applications. Each
reference design comes complete with firmware source and
object code, schematics, and documentation. Please visit
http://www.cypress.com for more information.
[+] Feedback
[+] Feedback


Similar Part No. - CY7C68013A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C68013A CYPRESS-CY7C68013A Datasheet
1Mb / 55P
   EZ-USB FX2LP USB Microcontroller
CY7C68013A CYPRESS-CY7C68013A Datasheet
1Mb / 62P
   EZ-USB FX2LP??USB Microcontroller High-Speed USB Peripheral Controller
CY7C68013A CYPRESS-CY7C68013A Datasheet
1Mb / 62P
   EZ-USB FX2LP??USB Microcontroller High Speed USB Peripheral Controller
CY7C68013A-100AXC CYPRESS-CY7C68013A-100AXC Datasheet
1Mb / 55P
   EZ-USB FX2LP USB Microcontroller
CY7C68013A-100AXC CYPRESS-CY7C68013A-100AXC Datasheet
1Mb / 62P
   EZ-USB FX2LP??USB Microcontroller High-Speed USB Peripheral Controller
More results

Similar Description - CY7C68013A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C68013A CYPRESS-CY7C68013A Datasheet
1Mb / 55P
   EZ-USB FX2LP USB Microcontroller
CY7C68013A-128AXC CYPRESS-CY7C68013A-128AXC Datasheet
909Kb / 66P
   EZ-USB FX2LP USB Microcontroller High-Speed USB Peripheral Controller
CY7C68013A_0905 CYPRESS-CY7C68013A_0905 Datasheet
1Mb / 62P
   EZ-USB FX2LP??USB Microcontroller High Speed USB Peripheral Controller
CY7C68013A CYPRESS-CY7C68013A_08 Datasheet
1Mb / 62P
   EZ-USB FX2LP??USB Microcontroller High-Speed USB Peripheral Controller
CY7C68013A CYPRESS-CY7C68013A_09 Datasheet
1Mb / 62P
   EZ-USB FX2LP USB Microcontroller High Speed USB Peripheral Controller
CY7C68014A CYPRESS-CY7C68014A Datasheet
1Mb / 62P
   EZ-USB FX2LP??USB Microcontroller High Speed USB Peripheral Controller
CY7C68013 CYPRESS-CY7C68013 Datasheet
1Mb / 48P
   EZ-USB FX2 USB Microcontroller
CY7C64613 CYPRESS-CY7C64613 Datasheet
288Kb / 42P
   EZ-USB FX USB Microcontroller
CY7C64601 CYPRESS-CY7C64601 Datasheet
220Kb / 42P
   EZ-USB FX USB Microcontroller Data Sheet
CY7C68013 CYPRESS-CY7C68013_02 Datasheet
568Kb / 50P
   EZ-USB FX USB Microcontroller High-Speed USB Peripheral Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com