Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1510AV18-167BZI Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C1510AV18-167BZI
Description  72-Mbit QDR-II??SRAM 2-Word Burst Architecture
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1510AV18-167BZI Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C1510AV18-167BZI Datasheet HTML 1Page - Cypress Semiconductor CY7C1510AV18-167BZI Datasheet HTML 2Page - Cypress Semiconductor CY7C1510AV18-167BZI Datasheet HTML 3Page - Cypress Semiconductor CY7C1510AV18-167BZI Datasheet HTML 4Page - Cypress Semiconductor CY7C1510AV18-167BZI Datasheet HTML 5Page - Cypress Semiconductor CY7C1510AV18-167BZI Datasheet HTML 6Page - Cypress Semiconductor CY7C1510AV18-167BZI Datasheet HTML 7Page - Cypress Semiconductor CY7C1510AV18-167BZI Datasheet HTML 8Page - Cypress Semiconductor CY7C1510AV18-167BZI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
PRELIMINARY
72-Mbit QDR-II™ SRAM 2-Word Burst
Architecture
CY7C1510AV18
CY7C1525AV18
CY7C1512AV18
CY7C1514AV18
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document #: 001-06984 Rev. *B
Revised September 20, 2006
Features
• Separate Independent Read and Write Data Ports
— Supports concurrent transactions
• 250-MHz clock for high bandwidth
• 2-Word Burst on all accesses
• Double Data Rate (DDR) interfaces on both Read and
Write ports (data transferred at 500 MHz) @ 250 MHz
• Two input clocks (K and K) for precise DDR timing
— SRAM uses rising edges only
• Two input clocks for output data (C and C) to minimize
clock-skew and flight-time mismatches
• Echo clocks (CQ and CQ) simplify data capture in high
speed systems
• Single multiplexed address input bus latches address
inputs for both Read and Write ports
• Separate Port Selects for depth expansion
• Synchronous internally self-timed writes
• QDR-II operates with 1.5 cycle read latency when DLL
is enabled
• Operates like a QDR I device with 1 cycle read latency
in DLL off mode
• Available in x8, x9, x18, and x36 configurations
• Full data coherency, providing most current data
•Core VDD = 1.8V (±0.1V); I/O VDDQ = 1.4V to VDD
• Available in 165-ball FBGA package (15 x 17 x 1.4 mm)
• Offered in lead-free and non-lead free packages
• Variable drive HSTL output buffers
• JTAG 1149.1 compatible test access port
• Delay Lock Loop (DLL) for accurate data placement
Configurations
CY7C1510AV18 – 8M x 8
CY7C1525AV18 – 8M x 9
CY7C1512AV18 – 4M x 18
CY7C1514AV18 – 2M x 36
Functional Description
The CY7C1510AV18, CY7C1525AV18, CY7C1512AV18 and
CY7C1514AV18 are 1.8V Synchronous Pipelined SRAMs,
equipped with QDR-II architecture. QDR-II architecture
consists of two separate ports to access the memory array.
The Read port has dedicated Data Outputs to support Read
operations and the Write Port has dedicated Data Inputs to
support Write operations. QDR-II architecture has separate
data inputs and data outputs to completely eliminate the need
to “turn-around” the data bus required with common I/O
devices. Access to each port is accomplished through a
common address bus. The Read address is latched on the
rising edge of the K clock and the Write address is latched on
the rising edge of the K clock. Accesses to the QDR-II Read
and Write ports are completely independent of one another. In
order to maximize data throughput, both Read and Write ports
are equipped with Double Data Rate (DDR) interfaces. Each
address
location
is
associated
with
two
8-bit
words
(CY7C1510AV18) or 9-bit words (CY7C1525AV18) or 18-bit
words (CY7C1512AV18) or 36-bit words (CY7C1514AV18)
that burst sequentially into or out of the device. Since data can
be transferred into and out of the device on every rising edge
of both input clocks (K and K and C and C), memory bandwidth
is maximized while simplifying system design by eliminating
bus “turn-arounds.”
Depth expansion is accomplished with Port Selects for each
port. Port selects allow each port to operate independently.
All synchronous inputs pass through input registers controlled
by the K or K input clocks. All data outputs pass through output
registers controlled by the C or C (or K or K in a single clock
domain) input clocks. Writes are conducted with on-chip
synchronous self-timed write circuitry.
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1510AV18-167BZI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1510AV18-167BZI CYPRESS-CY7C1510AV18-167BZI Datasheet
646Kb / 28P
   72-Mbit QDR??II SRAM 2-Word Burst Architecture
CY7C1510AV18-167BZI CYPRESS-CY7C1510AV18-167BZI Datasheet
711Kb / 28P
   72-Mbit QDR-II SRAM 2-Word Burst Architecture
More results

Similar Description - CY7C1510AV18-167BZI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1510KV18 CYPRESS-CY7C1510KV18_09 Datasheet
836Kb / 30P
   72-Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1510JV18 CYPRESS-CY7C1510JV18_09 Datasheet
654Kb / 26P
   72-Mbit QDR??II SRAM 2-Word Burst Architecture
CY7C1512KV18 CYPRESS-CY7C1512KV18 Datasheet
814Kb / 30P
   72-Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1510AV18 CYPRESS-CY7C1510AV18_07 Datasheet
646Kb / 28P
   72-Mbit QDR??II SRAM 2-Word Burst Architecture
CY7C1510V18 CYPRESS-CY7C1510V18_06 Datasheet
494Kb / 27P
   72-Mbit QDR-II??SRAM 2-Word Burst Architecture
CY7C1510AV18 CYPRESS-CY7C1510AV18_09 Datasheet
711Kb / 28P
   72-Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1510V18 CYPRESS-CY7C1510V18 Datasheet
369Kb / 24P
   72-Mbit QDR-II??SRAM 2-Word Burst Architecture
CY7C1510JV18 CYPRESS-CY7C1510JV18 Datasheet
628Kb / 26P
   72-Mbit QDR??II SRAM 2-Word Burst Architecture
CY7C1510V18 CYPRESS-CY7C1510V18_09 Datasheet
675Kb / 29P
   72-Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1511KV18 CYPRESS-CY7C1511KV18_09 Datasheet
837Kb / 31P
   72-Mbit QDR II SRAM 4-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com