Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY8C29466 Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY8C29466
Description  PSoC짰 Mixed-Signal Array
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C29466 Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY8C29466 Datasheet HTML 7Page - Cypress Semiconductor CY8C29466 Datasheet HTML 8Page - Cypress Semiconductor CY8C29466 Datasheet HTML 9Page - Cypress Semiconductor CY8C29466 Datasheet HTML 10Page - Cypress Semiconductor CY8C29466 Datasheet HTML 11Page - Cypress Semiconductor CY8C29466 Datasheet HTML 12Page - Cypress Semiconductor CY8C29466 Datasheet HTML 13Page - Cypress Semiconductor CY8C29466 Datasheet HTML 14Page - Cypress Semiconductor CY8C29466 Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
December 11, 2006
Document No. 38-12026 Rev. *D
11
CY8C29x66 Automotive Data Sheet
2. Register Reference
Register Map Bank 0 Table: User Space
PRT0DR
00
RW
DBB20DR0
40
#
ASC10CR0
80
RW
RDI2RI
C0
RW
PRT0IE
01
RW
DBB20DR1
41
W
ASC10CR1
81
RW
RDI2SYN
C1
RW
PRT0GS
02
RW
DBB20DR2
42
RW
ASC10CR2
82
RW
RDI2IS
C2
RW
PRT0DM2
03
RW
DBB20CR0
43
#
ASC10CR3
83
RW
RDI2LT0
C3
RW
PRT1DR
04
RW
DBB21DR0
44
#
ASD11CR0
84
RW
RDI2LT1
C4
RW
PRT1IE
05
RW
DBB21DR1
45
W
ASD11CR1
85
RW
RDI2RO0
C5
RW
PRT1GS
06
RW
DBB21DR2
46
RW
ASD11CR2
86
RW
RDI2RO1
C6
RW
PRT1DM2
07
RW
DBB21CR0
47
#
ASD11CR3
87
RW
C7
PRT2DR
08
RW
DCB22DR0
48
#
ASC12CR0
88
RW
RDI3RI
C8
RW
PRT2IE
09
RW
DCB22DR1
49
W
ASC12CR1
89
RW
RDI3SYN
C9
RW
PRT2GS
0A
RW
DCB22DR2
4A
RW
ASC12CR2
8A
RW
RDI3IS
CA
RW
PRT2DM2
0B
RW
DCB22CR0
4B
#
ASC12CR3
8B
RW
RDI3LT0
CB
RW
PRT3DR
0C
RW
DCB23DR0
4C
#
ASD13CR0
8C
RW
RDI3LT1
CC
RW
PRT3IE
0D
RW
DCB23DR1
4D
W
ASD13CR1
8D
RW
RDI3RO0
CD
RW
PRT3GS
0E
RW
DCB23DR2
4E
RW
ASD13CR2
8E
RW
RDI3RO1
CE
RW
PRT3DM2
0F
RW
DCB23CR0
4F
#
ASD13CR3
8F
RW
CF
PRT4DR
10
RW
DBB30DR0
50
#
ASD20CR0
90
RW
CUR_PP
D0
RW
PRT4IE
11
RW
DBB30DR1
51
W
ASD20CR1
91
RW
STK_PP
D1
RW
PRT4GS
12
RW
DBB30DR2
52
RW
ASD20CR2
92
RW
D2
PRT4DM2
13
RW
DBB30CR0
53
#
ASD20CR3
93
RW
IDX_PP
D3
RW
PRT5DR
14
RW
DBB31DR0
54
#
ASC21CR0
94
RW
MVR_PP
D4
RW
PRT5IE
15
RW
DBB31DR1
55
W
ASC21CR1
95
RW
MVW_PP
D5
RW
PRT5GS
16
RW
DBB31DR2
56
RW
ASC21CR2
96
RW
I2C_CFG
D6
RW
PRT5DM2
17
RW
DBB31CR0
57
#
ASC21CR3
97
RW
I2C_SCR
D7
#
18
DCB32DR0
58
#
ASD22CR0
98
RW
I2C_DR
D8
RW
19
DCB32DR1
59
W
ASD22CR1
99
RW
I2C_MSCR
D9
#
1A
DCB32DR2
5A
RW
ASD22CR2
9A
RW
INT_CLR0
DA
RW
1B
DCB32CR0
5B
#
ASD22CR3
9B
RW
INT_CLR1
DB
RW
1C
DCB33DR0
5C
#
ASC23CR0
9C
RW
INT_CLR2
DC
RW
1D
DCB33DR1
5D
W
ASC23CR1
9D
RW
INT_CLR3
DD
RW
1E
DCB33DR2
5E
RW
ASC23CR2
9E
RW
INT_MSK3
DE
RW
1F
DCB33CR0
5F
#
ASC23CR3
9F
RW
INT_MSK2
DF
RW
DBB00DR0
20
#
AMX_IN
60
RW
A0
INT_MSK0
E0
RW
DBB00DR1
21
W
61
A1
INT_MSK1
E1
RW
DBB00DR2
22
RW
62
A2
INT_VC
E2
RC
DBB00CR0
23
#
ARF_CR
63
RW
A3
RES_WDT
E3
W
DBB01DR0
24
#
CMP_CR0
64
#
A4
DEC_DH
E4
RC
DBB01DR1
25
W
ASY_CR
65
#
A5
DEC_DL
E5
RC
DBB01DR2
26
RW
CMP_CR1
66
RW
A6
DEC_CR0
E6
RW
DBB01CR0
27
#
67
A7
DEC_CR1
E7
RW
DCB02DR0
28
#
68
MUL1_X
A8
W
MUL0_X
E8
W
DCB02DR1
29
W
69
MUL1_Y
A9
W
MUL0_Y
E9
W
DCB02DR2
2A
RW
6A
MUL1_DH
AA
R
MUL0_DH
EA
R
DCB02CR0
2B
#
6B
MUL1_DL
AB
R
MUL0_DL
EB
R
DCB03DR0
2C
#
TMP_DR0
6C
RW
ACC1_DR1
AC
RW
ACC0_DR1
EC
RW
DCB03DR1
2D
W
TMP_DR1
6D
RW
ACC1_DR0
AD
RW
ACC0_DR0
ED
RW
DCB03DR2
2E
RW
TMP_DR2
6E
RW
ACC1_DR3
AE
RW
ACC0_DR3
EE
RW
DCB03CR0
2F
#
TMP_DR3
6F
RW
ACC1_DR2
AF
RW
ACC0_DR2
EF
RW
DBB10DR0
30
#
ACB00CR3
70
RW
RDI0RI
B0
RW
F0
DBB10DR1
31
W
ACB00CR0
71
RW
RDI0SYN
B1
RW
F1
DBB10DR2
32
RW
ACB00CR1
72
RW
RDI0IS
B2
RW
F2
DBB10CR0
33
#
ACB00CR2
73
RW
RDI0LT0
B3
RW
F3
DBB11DR0
34
#
ACB01CR3
74
RW
RDI0LT1
B4
RW
F4
DBB11DR1
35
W
ACB01CR0
75
RW
RDI0RO0
B5
RW
F5
DBB11DR2
36
RW
ACB01CR1
76
RW
RDI0RO1
B6
RW
F6
DBB11CR0
37
#
ACB01CR2
77
RW
B7
CPU_F
F7
RL
DCB12DR0
38
#
ACB02CR3
78
RW
RDI1RI
B8
RW
F8
DCB12DR1
39
W
ACB02CR0
79
RW
RDI1SYN
B9
RW
F9
DCB12DR2
3A
RW
ACB02CR1
7A
RW
RDI1IS
BA
RW
FA
DCB12CR0
3B
#
ACB02CR2
7B
RW
RDI1LT0
BB
RW
FB
DCB13DR0
3C
#
ACB03CR3
7C
RW
RDI1LT1
BC
RW
FC
DCB13DR1
3D
W
ACB03CR0
7D
RW
RDI1RO0
BD
RW
FD
DCB13DR2
3E
RW
ACB03CR1
7E
RW
RDI1RO1
BE
RW
CPU_SCR1
FE
#
DCB13CR0
3F
#
ACB03CR2
7F
RW
BF
CPU_SCR0
FF
#
Blank fields are Reserved and should not be accessed.
# Access is bit specific.
[+] Feedback
[+] Feedback


Similar Part No. - CY8C29466

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C29466 CYPRESS-CY8C29466 Datasheet
474Kb / 40P
   Mixed Signal Array
CY8C29466 CYPRESS-CY8C29466 Datasheet
709Kb / 48P
   PSoC짰 Mixed-Signal Array
CY8C29466 CYPRESS-CY8C29466 Datasheet
668Kb / 49P
   PSoC짰 Mixed-Signal Array
CY8C29466 CYPRESS-CY8C29466 Datasheet
1Mb / 47P
   PSoC짰 Programmable System-on-Chip?
CY8C29466 CYPRESS-CY8C29466 Datasheet
1Mb / 61P
   PSoC Programmable System-on-Chip Low power at high speed
More results

Similar Description - CY8C29466

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C21234 CYPRESS-CY8C21234_08 Datasheet
1Mb / 43P
   PSoC짰 Mixed-Signal Array
CY8C24223A CYPRESS-CY8C24223A_06 Datasheet
492Kb / 33P
   PSoC짰 Mixed-Signal Array
CY8C20234 CYPRESS-CY8C20234 Datasheet
469Kb / 32P
   PSoC짰 Mixed-Signal Array
CY8C29466 CYPRESS-CY8C29466_07 Datasheet
709Kb / 48P
   PSoC짰 Mixed-Signal Array
CY8C27143 CYPRESS-CY8C27143_06 Datasheet
809Kb / 51P
   PSoC짰 Mixed-Signal Array
CY8C21234 CYPRESS-CY8C21234_07 Datasheet
612Kb / 42P
   PSoC짰 Mixed-Signal Array
CY8C20534 CYPRESS-CY8C20534 Datasheet
1Mb / 34P
   PSoC짰 Mixed-Signal Array
CY8C21634 CYPRESS-CY8C21634 Datasheet
1Mb / 42P
   PSoC짰 Mixed-Signal Array
CY8C21323 CYPRESS-CY8C21323_08 Datasheet
956Kb / 37P
   PSoC짰 Mixed Signal Array
CY8C29866 CYPRESS-CY8C29866 Datasheet
668Kb / 49P
   PSoC짰 Mixed-Signal Array
CY8C27243 CYPRESS-CY8C27243_06 Datasheet
510Kb / 34P
   PSoC짰 Mixed-Signal Array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com