Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY14B101K-SP45XIT Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY14B101K-SP45XIT
Description  1 Mbit (128K x 8) nvSRAM With Real-Time Clock
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B101K-SP45XIT Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY14B101K-SP45XIT Datasheet HTML 5Page - Cypress Semiconductor CY14B101K-SP45XIT Datasheet HTML 6Page - Cypress Semiconductor CY14B101K-SP45XIT Datasheet HTML 7Page - Cypress Semiconductor CY14B101K-SP45XIT Datasheet HTML 8Page - Cypress Semiconductor CY14B101K-SP45XIT Datasheet HTML 9Page - Cypress Semiconductor CY14B101K-SP45XIT Datasheet HTML 10Page - Cypress Semiconductor CY14B101K-SP45XIT Datasheet HTML 11Page - Cypress Semiconductor CY14B101K-SP45XIT Datasheet HTML 12Page - Cypress Semiconductor CY14B101K-SP45XIT Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
CY14B101K
PRELIMINARY
Document #: 001-06401 Rev. *E
Page 9 of 24
when the register is READ. If the INT pin is programmed for
level mode, then the condition clears and the INT pin returns
to its inactive state. If the pin is programmed for pulse mode,
then reading the flag also clears the flag and the pin. The pulse
will not complete its specified duration if the Flags/Control
register is READ. If the INT pin is used as a host reset, then
the Flags/Control register should not be READ during a reset.
During a power on reset with no battery, the interrupt register
is automatically loaded with the value 24h. This causes power
fail interrupt to be enabled with an active LOW pulse.
Flags Register – The Flags register has three flag bits: WDF,
AF, and PF. These flag bits are initialized to 00h. These flags
are set by the watchdog timeout, alarm match, or power fail
monitor respectively. The processor can either poll this register
or enable interrupts to be informed when a flag is set. The flags
are automatically reset once the register is READ.
RTC Recommended Component Configuration
Figure 4. Interrupt Block Diagram
Recommended Values
Y1 = 32.768 KHz
RF = 10 M
C1 = 0
C2 = 56 pF
WDF - Watchdog Timer Flag
WIE - Watchdog Interrupt
PF - Power F ail Flag
PFE - Power Fail Enable
AF - Alarm Flag
AIE - Alarm Interrupt Enable
P/L - Pulse Level
H/L - High/Low
Watchdog
Timer
Power
Monitor
Clock
Alarm
VINT
WDF
WIE
PF
PFE
AF
AIE
P/L
Pin
Driver
H/L
INT
VCC
VSS
Enable
[+] Feedback
[+] Feedback


Similar Part No. - CY14B101K-SP45XIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B101K-SP45XIT CYPRESS-CY14B101K-SP45XIT Datasheet
717Kb / 24P
   1 Mbit (128K x 8) nvSRAM With Real Time Clock
More results

Similar Description - CY14B101K-SP45XIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B101K CYPRESS-CY14B101K_09 Datasheet
796Kb / 28P
   1 Mbit (128K x 8) nvSRAM With Real Time Clock
CY14B101K_0711 CYPRESS-CY14B101K_0711 Datasheet
717Kb / 24P
   1 Mbit (128K x 8) nvSRAM With Real Time Clock
CY14B101P CYPRESS-CY14B101P Datasheet
1Mb / 33P
   1 Mbit (128K x 8) Serial SPI nvSRAM with Real Time Clock
CY14C101I CYPRESS-CY14C101I Datasheet
2Mb / 42P
   1 Mbit (128K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14B101KA CYPRESS-CY14B101KA Datasheet
972Kb / 29P
   1 Mbit (128K x 8/64K x 16) nvSRAM with Real Time Clock
CY14B101KA CYPRESS-CY14B101KA_11 Datasheet
1Mb / 34P
   1 Mbit (128K x 8/64K x 16) nvSRAM with Real Time Clock
STK17TA8 CYPRESS-STK17TA8 Datasheet
787Kb / 23P
   128k X 8 AutoStore nvSRAM with Real Time Clock
CY14V101PS CYPRESS-CY14V101PS Datasheet
1Mb / 67P
   1-Mbit (128K 횞 8) Quad SPI nvSRAM with Real Time Clock
CY14B108K CYPRESS-CY14B108K Datasheet
1Mb / 29P
   8 Mbit (1024K x 8/512K x 16) nvSRAM with Real Time Clock
CY14C101PA_1105 CYPRESS-CY14C101PA_1105 Datasheet
1Mb / 44P
   1-Mbit (128 K x 8) Serial (SPI) nvSRAM with Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com