Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY14B256K-SP35XCT Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY14B256K-SP35XCT
Description  256-Kbit (32K x 8) nvSRAM with Real-Time-Clock
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B256K-SP35XCT Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY14B256K-SP35XCT Datasheet HTML 5Page - Cypress Semiconductor CY14B256K-SP35XCT Datasheet HTML 6Page - Cypress Semiconductor CY14B256K-SP35XCT Datasheet HTML 7Page - Cypress Semiconductor CY14B256K-SP35XCT Datasheet HTML 8Page - Cypress Semiconductor CY14B256K-SP35XCT Datasheet HTML 9Page - Cypress Semiconductor CY14B256K-SP35XCT Datasheet HTML 10Page - Cypress Semiconductor CY14B256K-SP35XCT Datasheet HTML 11Page - Cypress Semiconductor CY14B256K-SP35XCT Datasheet HTML 12Page - Cypress Semiconductor CY14B256K-SP35XCT Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
PRELIMINARY
CY14B256K
Document Number: 001-06431 Rev. *E
Page 9 of 23
Table 3. RTC Register Map
Register
BCD Format Data
Function/Range
D7
D6
D5
D4
D3
D2
D1
D0
0x7FFF
10s Years
Years
Years: 00–99
0x7FFE
0
0
0
10s
Months
Months
Months: 01–12
0x7FFD
0
0
10s Day of Month
Day Of Month
Day of Month: 01–31
0x7FFC
0
0
0
0
0
Day of week
Day of week: 01–07
0x7FFB
0
0
10s Hours
Hours
Hours: 00–23
0x7FFA
0
10s Minutes
Minutes
Minutes: 00–59
0x7FF9
10s Seconds
Seconds
Seconds: 00–59
0x7FF8 OSCEN
0
Cal Sign
Calibration
Calibration Values [4]
0x7FF7
WDS
WDW
WDT
Watchdog [4]
0x7FF6
WIE
AIE
PFE
0
H/L
P/L
0
0
Interrupts [4]
0x7FF5
M
0
10s Alarm Date
Alarm Day
Alarm, Day of Month: 01–31
0x7FF4
M
0
10s Alarm Hours
Alarm Hours
Alarm, Hours: 00–23
0x7FF3
M
10 Alarm Minutes
Alarm Minutes
Alarm, Minutes: 00–59
0x7FF2
M
10 Alarm Minutes
Alarm, Seconds
Alarm, Seconds: 00–59
0x7FF1
10s Centuries
Centuries
Centuries: 00–99
0x7FF0
WDF
AF
PF
OSCF
0
CAL
W
R
Flags [4]
Table 4. Register Map Detail
0x7FFF
Time Keeping - Years
D7
D6
D5
D4
D3
D2
D1
D0
10s Years
Years
Contains the lower two BCD digits of the year. Lower nibble contains the value for years; upper nibble contains the
value for 10s of years. Each nibble operates from 0 to 9. The range for the register is 0–99.
0x7FFE
Time Keeping - Months
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
10s Month
Months
Contains the BCD digits of the month. Lower nibble contains the lower digit and operates from 0 to 9; upper nibble
(one bit) contains the upper digit and operates from 0 to 1. The range for the register is 1–12.
0x7FFD
Time Keeping - Date
D7
D6
D5
D4
D3
D2
D1
D0
0
0
10s Day of Month
Day of Month
Contains the BCD digits for the date of the month. Lower nibble contains the lower digit and operates from 0 to 9;
upper nibble contains the upper digit and operates from 0 to 3. The range for the register is 1–31. Leap years are
automatically adjusted for.
0x7FFC
Time Keeping - Day
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
0
Day of Week
Lower nibble contains a value that correlates to day of the week. Day of the week is a ring counter that counts from
1 to 7 then returns to 1. The user must assign meaning to the day value, as the day is not integrated with the date.
Note:
4. Is a binary value, not a BCD value.
[+] Feedback
[+] Feedback


Similar Part No. - CY14B256K-SP35XCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B256K-SP35XCT CYPRESS-CY14B256K-SP35XCT Datasheet
796Kb / 28P
   256 Kbit (32K x 8) nvSRAM with Real Time Clock
More results

Similar Description - CY14B256K-SP35XCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B256KA CYPRESS-CY14B256KA Datasheet
755Kb / 26P
   256 Kbit (32K x 8) nvSRAM with Real Time Clock
CY14B256K CYPRESS-CY14B256K_09 Datasheet
796Kb / 28P
   256 Kbit (32K x 8) nvSRAM with Real Time Clock
CY14C256PA CYPRESS-CY14C256PA_13 Datasheet
1Mb / 43P
   256-Kbit (32 K x 8) SPI nvSRAM with Real Time Clock
STK17T88 CYPRESS-STK17T88 Datasheet
603Kb / 22P
   32K x 8 AutoStore nvSRAM with Real Time Clock
CY14B256LA CYPRESS-CY14B256LA Datasheet
648Kb / 21P
   256 Kbit (32K x 8) nvSRAM
logo
List of Unclassifed Man...
STK1744 ETC-STK1744 Datasheet
315Kb / 12P
   32K x 8 AutoStore nvSRAM with Real-Time Clock
logo
Simtek Corporation
STK17T88 SIMTEK-STK17T88_08 Datasheet
535Kb / 29P
   32K x 8 AutoStore nvSRAM with Real-Time Clock
logo
Cypress Semiconductor
CY14E256L CYPRESS-CY14E256L Datasheet
799Kb / 16P
   256-Kbit (32K x 8) nvSRAM
CY14E256L CYPRESS-CY14E256L_09 Datasheet
1Mb / 18P
   256 Kbit (32K x 8) nvSRAM
CY14B256L CYPRESS-CY14B256L Datasheet
1Mb / 17P
   256-Kbit (32K x 8) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com