Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY14B101L-SZ45XIT Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY14B101L-SZ45XIT
Description  1-Mbit (128K x 8) nvSRAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B101L-SZ45XIT Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY14B101L-SZ45XIT Datasheet HTML 6Page - Cypress Semiconductor CY14B101L-SZ45XIT Datasheet HTML 7Page - Cypress Semiconductor CY14B101L-SZ45XIT Datasheet HTML 8Page - Cypress Semiconductor CY14B101L-SZ45XIT Datasheet HTML 9Page - Cypress Semiconductor CY14B101L-SZ45XIT Datasheet HTML 10Page - Cypress Semiconductor CY14B101L-SZ45XIT Datasheet HTML 11Page - Cypress Semiconductor CY14B101L-SZ45XIT Datasheet HTML 12Page - Cypress Semiconductor CY14B101L-SZ45XIT Datasheet HTML 13Page - Cypress Semiconductor CY14B101L-SZ45XIT Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
CY14B101L
PRELIMINARY
Document #: 001-06400 Rev. *E
Page 10 of 18
AutoStore/Power Up RECALL
Parameter
Description
CY14B101L
Unit
Min
Max
tHRECALL [13]
Power Up RECALL Duration
20
ms
tSTORE [14, 15]
STORE Cycle Duration
12.5
ms
VSWITCH
Low Voltage Trigger Level
2.65
V
tVCCRISE
VCC Rise Time
150
µs
Software Controlled STORE/RECALL Cycle [16, 17, 18]
Parameter
Description
25 ns part
35 ns part
45 ns part
Unit
Min
Max
Min
Max
Min
Max
tRC
STORE/RECALL Initiation Cycle Time
25
35
45
ns
tAS
Address SetUp Time
0
0
0
ns
tCW
Clock Pulse Width
20
25
30
ns
tGHAX
Address Hold Time
1
1
1
ns
tRECALL
RECALL Duration
50
50
50
µs
tSS [19, 20]
Soft Sequence Processing Time
70
70
70
µs
Hardware STORE Cycle
Parameter
Description
CY14B101L
Unit
Min
Max
tDELAY [21]
Time allowed to complete SRAM Cycle
1
70
µs
tHLHX
Hardware STORE Pulse Width
15
ns
Notes
13. tHRECALL starts from the time VCC rises above VSWITCH.
14. If an SRAM write has not taken place since the last nonvolatile cycle, no STORE takes place.
15. Industrial grade devices require 15 ms max.
16. The software sequence is clocked with CE controlled or OE controlled READs.
17. The six consecutive addresses must be read in the order listed in the Table 1, “Mode Selection,” on page 5. WE must be HIGH during all six consecutive cycles.
18. A 600
Ω resistor must be connected to HSB to use the software command.
19. This is the amount of time it takes to take action on a soft sequence command. Vcc power must remain HIGH to effectively register the command.
20. Commands like STORE and RECALL lock out IO until operation is complete, which further increases this time. See the specific command.
21. READ and WRITE cycles in progress before HSB are given this amount of time to complete.
[+] Feedback
[+] Feedback


Similar Part No. - CY14B101L-SZ45XIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B101L-SZ45XIT CYPRESS-CY14B101L-SZ45XIT Datasheet
550Kb / 18P
   1 Mbit (128K x 8) nvSRAM
More results

Similar Description - CY14B101L-SZ45XIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14E101LA CYPRESS-CY14E101LA Datasheet
602Kb / 19P
   1 Mbit (128K x 8) nvSRAM
CY14B101L CYPRESS-CY14B101L_09 Datasheet
550Kb / 18P
   1 Mbit (128K x 8) nvSRAM
CY14B101Q1 CYPRESS-CY14B101Q1_10 Datasheet
914Kb / 24P
   1 Mbit (128K x 8) Serial SPI nvSRAM
CY14B101Q1 CYPRESS-CY14B101Q1 Datasheet
1Mb / 22P
   1 Mbit (128K x 8) Serial SPI nvSRAM
CY14B101LA CYPRESS-CY14B101LA Datasheet
810Kb / 24P
   1 Mbit (128K x 8/64K x 16) nvSRAM
CY14B101LA_1107 CYPRESS-CY14B101LA_1107 Datasheet
1Mb / 28P
   1 Mbit (128K x 8/64K x 16) nvSRAM
CY14B101K CYPRESS-CY14B101K_09 Datasheet
796Kb / 28P
   1 Mbit (128K x 8) nvSRAM With Real Time Clock
CY14B101K_0711 CYPRESS-CY14B101K_0711 Datasheet
717Kb / 24P
   1 Mbit (128K x 8) nvSRAM With Real Time Clock
CY14B101K CYPRESS-CY14B101K Datasheet
1Mb / 24P
   1 Mbit (128K x 8) nvSRAM With Real-Time Clock
CY14E102L CYPRESS-CY14E102L Datasheet
634Kb / 21P
   2-Mbit (256K x 8/128K x 16) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com