Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY14B101L-SZ45XI Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY14B101L-SZ45XI
Description  1-Mbit (128K x 8) nvSRAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B101L-SZ45XI Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY14B101L-SZ45XI Datasheet HTML 1Page - Cypress Semiconductor CY14B101L-SZ45XI Datasheet HTML 2Page - Cypress Semiconductor CY14B101L-SZ45XI Datasheet HTML 3Page - Cypress Semiconductor CY14B101L-SZ45XI Datasheet HTML 4Page - Cypress Semiconductor CY14B101L-SZ45XI Datasheet HTML 5Page - Cypress Semiconductor CY14B101L-SZ45XI Datasheet HTML 6Page - Cypress Semiconductor CY14B101L-SZ45XI Datasheet HTML 7Page - Cypress Semiconductor CY14B101L-SZ45XI Datasheet HTML 8Page - Cypress Semiconductor CY14B101L-SZ45XI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
CY14B101L
PRELIMINARY
Document #: 001-06400 Rev. *E
Page 5 of 18
Table 1. Mode Selection
CE
WE
OE
A15 – A0
Mode
IO
Power
H
X
X
X
Not Selected
Output High-Z
Standby
L
H
L
X
Read SRAM
Output Data
Active
L
L
X
X
Write SRAM
Input Data
Active
L
H
L
0x4E38
0xB1C7
0x83E0
0x7C1F
0x703F
0x8B45
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Autostore
Disable
Output Data
Output Data
Output Data
Output Data
Output Data
Output Data
Active[1, 2, 3]
L
H
L
0x4E38
0xB1C7
0x83E0
0x7C1F
0x703F
0x4B46
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Autostore
Enable
Output Data
Output Data
Output Data
Output Data
Output Data
Output Data
Active[1, 2, 3]
L
H
L
0x4E38
0xB1C7
0x83E0
0x7C1F
0x703F
0x8FC0
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Nonvolatile
Store
Output Data
Output Data
Output Data
Output Data
Output Data
Output High-Z
Active ICC2[1, 2, 3]
L
H
L
0x4E38
0xB1C7
0x83E0
0x7C1F
0x703F
0x4C63
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Nonvolatile
Recall
Output Data
Output Data
Output Data
Output Data
Output Data
Output High-Z
Active[1, 2, 3]
Notes
1. The six consecutive address locations must be in the order listed. WE must be HIGH during all six cycles to enable a nonvolatile cycle.
2. While there are 17 address lines on the CY14B101L, only the lower 16 lines are used to control software modes.
3. IO state depends on the state of OE. The IO table shown is based on OE Low.
[+] Feedback
[+] Feedback


Similar Part No. - CY14B101L-SZ45XI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B101L-SZ45XI CYPRESS-CY14B101L-SZ45XI Datasheet
550Kb / 18P
   1 Mbit (128K x 8) nvSRAM
CY14B101L-SZ45XIT CYPRESS-CY14B101L-SZ45XIT Datasheet
550Kb / 18P
   1 Mbit (128K x 8) nvSRAM
More results

Similar Description - CY14B101L-SZ45XI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14E101LA CYPRESS-CY14E101LA Datasheet
602Kb / 19P
   1 Mbit (128K x 8) nvSRAM
CY14B101L CYPRESS-CY14B101L_09 Datasheet
550Kb / 18P
   1 Mbit (128K x 8) nvSRAM
CY14B101Q1 CYPRESS-CY14B101Q1_10 Datasheet
914Kb / 24P
   1 Mbit (128K x 8) Serial SPI nvSRAM
CY14B101Q1 CYPRESS-CY14B101Q1 Datasheet
1Mb / 22P
   1 Mbit (128K x 8) Serial SPI nvSRAM
CY14B101LA CYPRESS-CY14B101LA Datasheet
810Kb / 24P
   1 Mbit (128K x 8/64K x 16) nvSRAM
CY14B101LA_1107 CYPRESS-CY14B101LA_1107 Datasheet
1Mb / 28P
   1 Mbit (128K x 8/64K x 16) nvSRAM
CY14B101K CYPRESS-CY14B101K_09 Datasheet
796Kb / 28P
   1 Mbit (128K x 8) nvSRAM With Real Time Clock
CY14B101K_0711 CYPRESS-CY14B101K_0711 Datasheet
717Kb / 24P
   1 Mbit (128K x 8) nvSRAM With Real Time Clock
CY14B101K CYPRESS-CY14B101K Datasheet
1Mb / 24P
   1 Mbit (128K x 8) nvSRAM With Real-Time Clock
CY14E102L CYPRESS-CY14E102L Datasheet
634Kb / 21P
   2-Mbit (256K x 8/128K x 16) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com