Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY14B104N-BV45XCT Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY14B104N-BV45XCT
Description  4-Mbit (512K x 8/256K x 16) nvSRAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B104N-BV45XCT Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY14B104N-BV45XCT Datasheet HTML 1Page - Cypress Semiconductor CY14B104N-BV45XCT Datasheet HTML 2Page - Cypress Semiconductor CY14B104N-BV45XCT Datasheet HTML 3Page - Cypress Semiconductor CY14B104N-BV45XCT Datasheet HTML 4Page - Cypress Semiconductor CY14B104N-BV45XCT Datasheet HTML 5Page - Cypress Semiconductor CY14B104N-BV45XCT Datasheet HTML 6Page - Cypress Semiconductor CY14B104N-BV45XCT Datasheet HTML 7Page - Cypress Semiconductor CY14B104N-BV45XCT Datasheet HTML 8Page - Cypress Semiconductor CY14B104N-BV45XCT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
4-Mbit (512K x 8/256K x 16) nvSRAM
PRELIMINARY
CY14B104L/CY14B104N
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document #: 001-07102 Rev. *E
Revised June 29, 2007
Feature
• 15 ns, 25 ns, and 45 ns access times
• Internally organized as 512K x 8 or 256K x 16
• Hands-off automatic STORE on power down with only a
small capacitor
• STORE to QuantumTrap® nonvolatile elements is initiated
by software, device pin or Autostore® on power down
• RECALL to SRAM initiated by software or power up
• Infinite read, write, and recall cycles
• 8 mA typical ICC at 200 ns cycle time
• 200,000 STORE cycles to QuantumTrap
• 20 year data retention
• Single 3V +20%, –10% operation
• Commercial and industrial temperatures
• FBGA and TSOP - II packages
• RoHS compliance
Functional Description
The Cypress CY14B104L/CY14B104N is a fast static RAM,
with a nonvolatile element in each memory cell. The memory
is organized as 512K words of 8 bits each or 256K words of 16
bits each. The embedded nonvolatile elements incorporate
QuantumTrap technology producing the world’s most reliable
nonvolatile memory. The SRAM provides infinite read and
write cycles, while independent, nonvolatile data resides in the
highly reliable QuantumTrap cell. Data transfers from the
SRAM to the nonvolatile elements (the STORE operation)
takes place automatically at power down. On power up, data
is restored to the SRAM (the RECALL operation) from the
nonvolatile
memory.
Both
the
STORE
and
RECALL
operations are also available under software control.
Logic Block Diagram
A0 - A18
Address
WE
OE
CE
VCC
VSS
VCAP
DQ0 - DQ15
HSB
CY14B104L/CY14B104N
BHE
BLE
[+] Feedback
[+] Feedback


Similar Part No. - CY14B104N-BV45XCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B104N-BA15XCT CYPRESS-CY14B104N-BA15XCT Datasheet
664Kb / 22P
   4-Mbit (512K x 8/256K x 16) nvSRAM
CY14B104N-BA15XI CYPRESS-CY14B104N-BA15XI Datasheet
664Kb / 22P
   4-Mbit (512K x 8/256K x 16) nvSRAM
CY14B104N-BA15XIT CYPRESS-CY14B104N-BA15XIT Datasheet
664Kb / 22P
   4-Mbit (512K x 8/256K x 16) nvSRAM
CY14B104N-BA20XCT CYPRESS-CY14B104N-BA20XCT Datasheet
797Kb / 25P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14B104N-BA20XI CYPRESS-CY14B104N-BA20XI Datasheet
797Kb / 25P
   4 Mbit (512K x 8/256K x 16) nvSRAM
More results

Similar Description - CY14B104N-BV45XCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B104L CYPRESS-CY14B104L_08 Datasheet
664Kb / 22P
   4-Mbit (512K x 8/256K x 16) nvSRAM
CY14B104L CYPRESS-CY14B104L_09 Datasheet
797Kb / 25P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14E104L CYPRESS-CY14E104L Datasheet
649Kb / 22P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14B104LA CYPRESS-CY14B104LA Datasheet
863Kb / 23P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14B104KA CYPRESS-CY14B104KA Datasheet
1,000Kb / 31P
   4 Mbit (512K x 8/256K x 16) nvSRAM with Real-Time-Clock
CY14B104K CYPRESS-CY14B104K Datasheet
905Kb / 33P
   4 Mbit (512K x 8/256K x 16) nvSRAM with Real Time Clock
CY14E104K CYPRESS-CY14E104K Datasheet
732Kb / 28P
   4 Mbit (512K x 8 / 256K x 16) nvSRAM with Real-Time-Clock
CY14B108L CYPRESS-CY14B108L Datasheet
860Kb / 24P
   8 Mbit (1024K x 8/512K x 16) nvSRAM
CY14E108L CYPRESS-CY14E108L Datasheet
611Kb / 20P
   8 Mbit (1024K x 8/512K x 16) nvSRAM
CY14E102L CYPRESS-CY14E102L Datasheet
634Kb / 21P
   2-Mbit (256K x 8/128K x 16) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com