Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1576V18-333BZXI Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C1576V18-333BZXI
Description  72-Mbit QDR??II SRAM 4-Word Burst Architecture (2.5 Cycle Read Latency)
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1576V18-333BZXI Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C1576V18-333BZXI Datasheet HTML 1Page - Cypress Semiconductor CY7C1576V18-333BZXI Datasheet HTML 2Page - Cypress Semiconductor CY7C1576V18-333BZXI Datasheet HTML 3Page - Cypress Semiconductor CY7C1576V18-333BZXI Datasheet HTML 4Page - Cypress Semiconductor CY7C1576V18-333BZXI Datasheet HTML 5Page - Cypress Semiconductor CY7C1576V18-333BZXI Datasheet HTML 6Page - Cypress Semiconductor CY7C1576V18-333BZXI Datasheet HTML 7Page - Cypress Semiconductor CY7C1576V18-333BZXI Datasheet HTML 8Page - Cypress Semiconductor CY7C1576V18-333BZXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
72-Mbit QDR™-II+ SRAM 4-Word Burst
Architecture (2.5 Cycle Read Latency)
CY7C1561V18
CY7C1576V18
CY7C1563V18
CY7C1565V18
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 001-05384 Rev. *E
Revised July 24, 2007
Features
Separate independent read and write data ports
Supports concurrent transactions
300 MHz to 400 MHz clock for high bandwidth
4-Word Burst for reducing address bus frequency
Double Data Rate (DDR) interfaces on both Read and Write
Ports (data transferred at 800 MHz) at 400 MHz
Read latency of 2.5 clock cycles
Two input clocks (K and K) for precise DDR timing
SRAM uses rising edges only
Echo clocks (CQ and CQ) simplify data capture in high speed
systems
Data valid pin (QVLD) to indicate valid data on the output
Single multiplexed address input bus latches address inputs
for both Read and Write Ports
Separate port selects for depth expansion
Synchronous internally self-timed writes
Available in x8, x9, x18, and x36 configurations
Full data coherency providing most current data
Core VDD = 1.8V ± 0.1V; IO VDDQ = 1.4V to VDD
[1]
HSTL inputs and Variable drive HSTL output buffers
Available in 165-ball FBGA package (15 x 17 x 1.4 mm)
Offered in both Pb-free and non Pb-free packages
JTAG 1149.1 compatible test access port
Delay Lock Loop (DLL) for accurate data placement
Configurations
With Read Cycle Latency of 2.5 cycles:
CY7C1561V18 – 8M x 8
CY7C1576V18 – 8M x 9
CY7C1563V18 – 4M x 18
CY7C1565V18 – 2M x 36
Functional Description
The CY7C1561V18, CY7C1576V18, CY7C1563V18, and
CY7C1565V18 are 1.8V Synchronous Pipelined SRAMs,
equipped with QDR-II+ architecture. Similar to QDR-II archi-
tecture, QDR-II+ SRAMs consists of two separate ports to
access the memory array. The Read Port has dedicated data
outputs to support read operations and the Write Port has
dedicated data inputs to support write operations. QDR-II+ archi-
tecture has separate data inputs and data outputs to completely
eliminate the need to “turn-around” the data bus required with
common IO devices. Access to each port is accomplished
through a common address bus. Addresses for read and write
addresses are latched on alternate rising edges of the input (K)
clock. Accesses to the QDR-II+ Read and Write Ports are
completely independent of one another. In order to maximize
data throughput, both Read and Write Ports are equipped with
Double Data Rate (DDR) interfaces. Each address location is
associated with four 8-bit words (CY7C1561V18), 9-bit words
(CY7C1576V18), 18-bit words (CY7C1563V18), or 36-bit words
(CY7C1565V18) that burst sequentially into or out of the device.
Since data can be transferred into and out of the device on every
rising edge of both input clocks (K and K), memory bandwidth is
maximized while simplifying system design by eliminating bus
“turn-arounds”.
Depth expansion is accomplished with port selects for each port.
Port selects allow each port to operate independently.
All synchronous inputs pass through input registers controlled by
the K or K input clocks. All data outputs pass through output
registers controlled by the K or K input clocks. Writes are
conducted with on-chip synchronous self-timed write circuitry.
Selection Guide
400 MHz
375 MHz
333 MHz
300 MHz
Unit
Maximum Operating Frequency
400
375
333
300
MHz
Maximum Operating Current
x8
1400
1300
1200
1100
mA
x9
1400
1300
1200
1100
x18
1400
1300
1200
1100
x36
1400
1300
1200
1100
Note
1. The QDR consortium specification for VDDQ is 1.5V + 0.1V. The Cypress QDR devices exceed the QDR consortium specification and are capable of supporting
VDDQ = 1.4V to VDD.


Similar Part No. - CY7C1576V18-333BZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1576V18-333BZXI CYPRESS-CY7C1576V18-333BZXI Datasheet
676Kb / 28P
   72-Mbit QDR??II SRAM 4-Word Burst Architecture (2.5 Cycle Read Latency)
More results

Similar Description - CY7C1576V18-333BZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1561V18 CYPRESS-CY7C1561V18_08 Datasheet
676Kb / 28P
   72-Mbit QDR??II SRAM 4-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1561KV18 CYPRESS-CY7C1561KV18_11 Datasheet
856Kb / 29P
   72-Mbit QDR II SRAM 4-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1541V18 CYPRESS-CY7C1541V18 Datasheet
1Mb / 28P
   72-Mbit QDR??II SRAM 4-Word Burst Architecture (2.0 Cycle Read Latency)
logo
Renesas Technology Corp
RMQSAA3636DGBA RENESAS-RMQSAA3636DGBA_15 Datasheet
832Kb / 30P
   36-Mbit QDR??II SRAM 4-word Burst Architecture (2.5 Cycle Read latency)
logo
Cypress Semiconductor
CY7C1541V18 CYPRESS-CY7C1541V18_08 Datasheet
665Kb / 28P
   72-Mbit QDR??II SRAM 4-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1261V18 CYPRESS-CY7C1261V18 Datasheet
1Mb / 28P
   36-Mbit QDR??II SRAM 4-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1161V18 CYPRESS-CY7C1161V18 Datasheet
1Mb / 29P
   18-Mbit QDR??II SRAM 4-Word Burst Architecture (2.5 Cycle Read Latency)
logo
Renesas Technology Corp
RMQSAA3636DGBA RENESAS-RMQSAA3636DGBA Datasheet
363Kb / 30P
   36-Mbit QDR™ II SRAM 4-word Burst Architecture (2.5 Cycle Read latency)
May 25, 2015
logo
Cypress Semiconductor
CY7C15632KV18 CYPRESS-CY7C15632KV18_12 Datasheet
783Kb / 30P
   72-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1566KV18 CYPRESS-CY7C1566KV18_11 Datasheet
921Kb / 31P
   72-Mbit DDR II SRAM 2-Word Burst Architecture (2.5 Cycle Read Latency)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com