Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY2545 Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY2545
Description  Quad PLL Programmable Spread Spectrum Clock Generator with Serial I2C Interface
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2545 Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY2545 Datasheet HTML 2Page - Cypress Semiconductor CY2545 Datasheet HTML 3Page - Cypress Semiconductor CY2545 Datasheet HTML 4Page - Cypress Semiconductor CY2545 Datasheet HTML 5Page - Cypress Semiconductor CY2545 Datasheet HTML 6Page - Cypress Semiconductor CY2545 Datasheet HTML 7Page - Cypress Semiconductor CY2545 Datasheet HTML 8Page - Cypress Semiconductor CY2545 Datasheet HTML 9Page - Cypress Semiconductor CY2545 Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
PRELIMINARY
CY2545
CY2547
Document #: 001-13196 Rev. **
Page 6 of 17
Output Drive Strength
The DC drive strength of the individual clock output can be
programmed for different values. Table 3 shows the typical rise
and fall times for different drive strength settings.
Generic Configuration and Custom Frequency
There is a generic set of output frequencies available from the
factory that can be used for the device evaluation purposes. The
device, CY2545/CY2547 can be custom programmed to any
desired frequencies and listed features. For customer specific
programming and I2C programmable memory bitmap definitions,
please contact your local Cypress Field Application Engineer
(FAE) or sales representative.
Table 3. Output Drive Strength
Output Drive Strength
Rise/Fall Time (ns)
(Typical Value)
Low
6.8
Mid Low
3.4
Mid High
2.0
High
1.0
[+] Feedback


Similar Part No. - CY2545

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2545 CYPRESS-CY2545 Datasheet
334Kb / 15P
   Quad PLL Programmable Spread Spectrum Clock Generator with Serial I2C Interface
CY2545 CYPRESS-CY2545 Datasheet
436Kb / 17P
   Quad PLL Programmable Spread Spectrum Clock Generator with Serial I2C Interface
CY2545CXXX CYPRESS-CY2545CXXX Datasheet
334Kb / 15P
   Quad PLL Programmable Spread Spectrum Clock Generator with Serial I2C Interface
CY2545CXXX CYPRESS-CY2545CXXX Datasheet
436Kb / 17P
   Quad PLL Programmable Spread Spectrum Clock Generator with Serial I2C Interface
CY2545CXXXT CYPRESS-CY2545CXXXT Datasheet
334Kb / 15P
   Quad PLL Programmable Spread Spectrum Clock Generator with Serial I2C Interface
More results

Similar Description - CY2545

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2545_0710 CYPRESS-CY2545_0710 Datasheet
334Kb / 15P
   Quad PLL Programmable Spread Spectrum Clock Generator with Serial I2C Interface
CY2545 CYPRESS-CY2545_11 Datasheet
436Kb / 17P
   Quad PLL Programmable Spread Spectrum Clock Generator with Serial I2C Interface
CY2544 CYPRESS-CY2544 Datasheet
318Kb / 11P
   Quad PLL Programmable Clock Generator with Spread Spectrum
CY25404 CYPRESS-CY25404 Datasheet
216Kb / 13P
   Quad PLL Programmable Clock Generator with Spread Spectrum
CY24488 CYPRESS-CY24488 Datasheet
292Kb / 15P
   Quad PLL Clock Generator with Serial Interface (I2C)
CY25402 CYPRESS-CY25402_07 Datasheet
258Kb / 10P
   Two PLL Programmable Clock Generator with Spread Spectrum
CY25403 CYPRESS-CY25403_11 Datasheet
253Kb / 14P
   Three PLL Programmable Clock Generator with Spread Spectrum
CY25403 CYPRESS-CY25403 Datasheet
261Kb / 8P
   Three PLL Programmable Clock Generator with Spread Spectrum
CY25402 CYPRESS-CY25402_11 Datasheet
215Kb / 14P
   Two PLL Programmable Clock Generator with Spread Spectrum
CY25402 CYPRESS-CY25402 Datasheet
260Kb / 8P
   Two PLL Programmable Clock Generator with Spread Spectrum
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com