Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY2907F14 Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY2907F14
Description  Single-PLL General Purpose EPROM Programmable Clock Generator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2907F14 Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY2907F14 Datasheet HTML 1Page - Cypress Semiconductor CY2907F14 Datasheet HTML 2Page - Cypress Semiconductor CY2907F14 Datasheet HTML 3Page - Cypress Semiconductor CY2907F14 Datasheet HTML 4Page - Cypress Semiconductor CY2907F14 Datasheet HTML 5Page - Cypress Semiconductor CY2907F14 Datasheet HTML 6Page - Cypress Semiconductor CY2907F14 Datasheet HTML 7Page - Cypress Semiconductor CY2907F14 Datasheet HTML 8Page - Cypress Semiconductor CY2907F14 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
CY2907
Document #: 38-07137 Rev. *A
Page 4 of 11
Electrical Characteristics at 3.3V Commercial VDD = 3.0V to 3.6V, TA = 0°C to +70°C
Parameter
Description
Test Conditions
Min
Max
Unit
VIH
High-level Input Voltage
Except Crystal Inputs
0.7*VDD
V
VIL
Low-level Input Voltage
Except Crystal Inputs
0.2*VDD
V
VOH
[4]
High-level Output Voltage
CLKA, IOH = –5 mA
0.85*VDD
V
VOL
[4]
Low-level Output Voltage
CLKA, IOL = 6 mA
0.1*VDD
V
IOH
[4]
Output High Current
VOH = 0.7*VDD
–10
mA
IOL
[4]
Output Low Current
VOL = 0.2*VDD
15
mA
IIH
Input High Current
VIH = VDD
–2
2
μA
IIL
Input Low Current
VIL = 0V
10
μA
IDD
[5]
Power Supply Current
PD HIGH, CLKA = 50 MHz
40
mA
IDD
Power Supply Current
PD LOW, Logic Inputs LOW
40
μA
IDD
Power Supply Current
PD LOW, Logic Inputs HIGH
12
μA
RPU
[4]
Pull Up Resistor
VIN = VDD – 0.5V
900
k
Ω
6.
Electrical Characteristics at 5.0V Industrial VDD = 4.5V to 5.5V, TA = –40°C to +85°C
Parameter
Description
Test Conditions
Min
Max
Unit
VIH
High-level Input Voltage
Except Crystal Inputs
2.0
V
VIL
Low-level Input Voltage
Except Crystal Inputs
0.8
V
VOH
[4]
High-level Output Voltage
VDD = VDD Min. IOH = –30 mA
CLKA
2.4
V
VOL
[4]
Low-level Output Voltage
VDD = VDD Min. IOL = 10 mA
CLKA
0.4
V
IOH
[4]
Output High Current
VOH = 2.0V
–45
mA
IOL
[4]
Output Low Current
VOL = 0.8V
20
mA
IIH
Input High Current
VIH = VDD
–2
2
μA
IIL
Input Low Current
VIL = 0V
20
μA
IDD
[5]
Power Supply Current
PD HIGH, CLKA = 50 MHz
54
mA
IDD
Power Supply Current
PD LOW, Logic Inputs LOW
110
μA
IDD
Power Supply Current
PD LOW, Logic Inputs HIGH
45
μA
RPU
[4]
Pull Up Resistor
VIN = VDD – 1.0 V
700
k
Ω
[+] Feedback
[+] Feedback


Similar Part No. - CY2907F14

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2907F14 CYPRESS-CY2907F14 Datasheet
148Kb / 10P
   Single-PLL General-Purpose EPROM Programmable Clock Generator
CY2907F14I CYPRESS-CY2907F14I Datasheet
148Kb / 10P
   Single-PLL General-Purpose EPROM Programmable Clock Generator
More results

Similar Description - CY2907F14

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2071A CYPRESS-CY2071A_06 Datasheet
230Kb / 9P
   Single-PLL General-Purpose EPROM Programmable Clock Generator
CY2907 CYPRESS-CY2907 Datasheet
148Kb / 10P
   Single-PLL General-Purpose EPROM Programmable Clock Generator
CY2071A CYPRESS-CY2071A Datasheet
118Kb / 8P
   Single-PLL General-Purpose EPROM Programmable Clock Generator
CY2907 CYPRESS-CY2907_13 Datasheet
565Kb / 13P
   Single-PLL General Purpose EPROM Programmable Clock Generator
CY2292 CYPRESS-CY2292_05 Datasheet
190Kb / 11P
   Three-PLL General-Purpose EPROM Programmable Clock Generator
CY2292 CYPRESS-CY2292 Datasheet
189Kb / 11P
   Three-PLL General-Purpose EPROM Programmable Clock Generator
CY2081 CYPRESS-CY2081 Datasheet
102Kb / 6P
   Three-PLL General-Purpose EPROM-Programmable Clock Generator
CY2291 CYPRESS-CY2291 Datasheet
121Kb / 13P
   Three-PLL General Purpose EPROM Programmable Clock Generator
CY2291 CYPRESS-CY2291_08 Datasheet
346Kb / 12P
   Three-PLL General Purpose EPROM Programmable Clock Generator
CY2291 CYPRESS-CY2291_02 Datasheet
133Kb / 14P
   Three-PLL General Purpose EPROM Programmable Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com