Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5581 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS5581
Description  짹2.5 V / 5 V, 200 kSps, 16-bit, High-throughput ?誇 ADC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5581 Datasheet(HTML) 1 Page - Cirrus Logic

  CS5581 Datasheet HTML 1Page - Cirrus Logic CS5581 Datasheet HTML 2Page - Cirrus Logic CS5581 Datasheet HTML 3Page - Cirrus Logic CS5581 Datasheet HTML 4Page - Cirrus Logic CS5581 Datasheet HTML 5Page - Cirrus Logic CS5581 Datasheet HTML 6Page - Cirrus Logic CS5581 Datasheet HTML 7Page - Cirrus Logic CS5581 Datasheet HTML 8Page - Cirrus Logic CS5581 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Advance Product Information
This document contains information for a new product.
Cirrus Logic reserves the right to modify this product without notice.
Copyright
© Cirrus Logic, Inc. 2007
(All Rights Reserved)
http://www.cirrus.com
8/21/07
15:56
CS5581
±
2.5 V / 5 V, 200 kSps, 16-bit, High-throughput
∆Σ ADC
Features & Description
Single-ended Analog Input
On-chip Buffers for High Input Impedance
Conversion Time = 5
µS
Settles in One Conversion
Linearity Error = 0.0007%
Signal-to-Noise = 81 dB
S/(N + D) = 81 dB
DNL = ±0.1 LSB Max.
Self-calibration:
- Maintains accuracy over time & temperature.
Simple three/four-wire serial interface
Power Supply Configurations:
- Analog: +5V/GND; IO: +1.8V to +3.3V
- Analog: ±2.5V; IO: +1.8V to +3.3V
Power Consumption:
- ADC Input Buffers On: 85 mW
- ADC Input Buffers Off: 60 mW
General Description
The CS5581 is a single-channel, 16-bit analog-to-digital
converter capable of 200 kSps conversion rate. The input
accepts a single-ended analog input signal. On-chip buff-
ers provide high input impedance for both the AIN input
and the VREF+ input. This significantly reduces the drive
requirements of signal sources and reduces errors due to
source impedances. The CS5581 is a delta-sigma convert-
er capable of switching multiple input channels at a high
rate with no loss in throughput. The ADC uses a low-laten-
cy digital filter architecture. The filter is designed for fast
settling and settles to full accuracy in one conversion. The
converter's 16-bit data output is in serial format, with the
serial port acting as either a master or a slave. The convert-
er is designed to support bipolar, ground-referenced
signals when operated from ±2.5V analog supplies.
The CS5581 uses self-calibration to achieve low offset and
gain errors. The converter achieves a S/N of 81 dB. Linear-
ity is 0.0007% of full scale.
The converter can operate from an analog supply of 0-5V
or from ±2.5V. The digital interface supports standard logic
operating from 1.8, 2.5, or 3.3 V.
ORDERING INFORMATION:
See Ordering Information on page 31.
AIN
ACOM
CS
SCLK
SMODE
VREF+
VREF-
RDY
OSC/CLOCK
GENERATOR
CONV
CAL
BP/UP
CALIBRATION
MICROCONTROLLER
SERIAL
INTERFACE
ADC
DIGITAL
FILTER
LOGIC
VL
MCLK
SDO
RST
DCR
VLR
V1-
V2-
BUFEN
V2+
V1+
CS5581
TST
VLR2
AUG ‘07
DS796A1


Similar Part No. - CS5581

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5581 CIRRUS-CS5581 Datasheet
517Kb / 32P
   짹2.5 V / 5 V, 200 kSps, 16-bit, High-throughput ?誇 ADC
CS5581-ISZ CIRRUS-CS5581-ISZ Datasheet
517Kb / 32P
   짹2.5 V / 5 V, 200 kSps, 16-bit, High-throughput ?誇 ADC
CS5581 CIRRUS-CS5581_08 Datasheet
517Kb / 32P
   짹2.5 V / 5 V, 200 kSps, 16-bit, High-throughput ?誇 ADC
More results

Similar Description - CS5581

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5581 CIRRUS-CS5581_08 Datasheet
517Kb / 32P
   짹2.5 V / 5 V, 200 kSps, 16-bit, High-throughput ?誇 ADC
CS5571 CIRRUS-CS5571_08 Datasheet
617Kb / 34P
   짹2.5 V / 5 V, 100 kSps, 16-bit, High-throughput ?誇 ADC
CS5571 CIRRUS-CS5571 Datasheet
607Kb / 32P
   짹2.5 V / 5 V, 100 kSps, 16-bit, High-throughput ?誇 ADC
CS5560 CIRRUS-CS5560_08 Datasheet
583Kb / 32P
   짹2.5 V / 5 V, 50 kSps, 24-bit, High-throughput ?誇 ADC
CS5560 CIRRUS-CS5560 Datasheet
693Kb / 32P
   짹2.5 V / 5 V, 50 kSps, 24-bit, High-throughput ?誇 ADC
CS5560 CIRRUS-CS5560_09 Datasheet
556Kb / 32P
   짹2.5 V / 5 V, 50 kSps, 24-bit, High-throughput ?誇 ADC
CS5566 CIRRUS-CS5566 Datasheet
493Kb / 30P
   짹2.5 V / 5 V, 5 kSps, 24-bit ?誇 ADC
CS5566 CIRRUS-CS5566_09 Datasheet
492Kb / 30P
   짹2.5 V / 5 V, 5 kSps, 24-bit ?誇 ADC
CDB5581 CIRRUS-CDB5581 Datasheet
636Kb / 26P
   200 kSps, 16-bit, High-throughput ADC
logo
Analog Devices
AD7732BRUZ AD-AD7732BRUZ Datasheet
417Kb / 32P
   2-Channel, 짹10 V Input Range, High Throughput, 24-Bit 誇-? ADC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com