Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY22388 Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY22388
Description  Factory Programmable Quad PLL Clock Generator with VCXO
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY22388 Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY22388_06 Datasheet HTML 2Page - Cypress Semiconductor CY22388_06 Datasheet HTML 3Page - Cypress Semiconductor CY22388_06 Datasheet HTML 4Page - Cypress Semiconductor CY22388_06 Datasheet HTML 5Page - Cypress Semiconductor CY22388_06 Datasheet HTML 6Page - Cypress Semiconductor CY22388_06 Datasheet HTML 7Page - Cypress Semiconductor CY22388_06 Datasheet HTML 8Page - Cypress Semiconductor CY22388_06 Datasheet HTML 9Page - Cypress Semiconductor CY22388_06 Datasheet HTML 10Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
CY22388/89/91
Document #: 38-07734 Rev. *B
Page 6 of 10
DC Parameters[4]
Parameter
Description
Conditions
Min.
Typ.
Max.
Unit
IOH
[5]
Output High Current
VOH = VDD –0.
5,V
DD = 3.3V
12
mA
IOL
[5]
Output Low Current
VOL = 0.5, VDD = 3.3V
12
mA
IIH
Input High Current
VIH = VDD, excluding Vin, Xin
5
10
µA
IIL
Input Low Current
VIL = 0V, excluding Vin, Xin
5
10
µA
VIH
Input High Voltage
FS0/1/2 OE input CMOS levels
0.7xAVDD
V
VIL
Input Low Voltage
FS0/1/2 OE input CMOS levels
– 0.3xA
VDD
V
VVCXO
VIN Input Range
0
AVDD
V
CIN
Input Capacitance
FS0/1/2 and OE Pins only
7
pF
IVDD
Supply Current
VDD/AVDD/VDDL Current
60
mA
CINXIN
Input Capacitance at XIN VCXO Disabled External Reference
15
pF
CINXTAL
Input Capacitance at
Crystal
VCXO Disabled Fixed Freq. Oscillator
12
pF
Notes
4. Parameters are guaranteed by design and characterization. Not 100% tested in production. All parameters specified with fully loaded outputs.
5. Custom Drive level and is available upon request
AC Parameters
Parameter[4]
Description
Conditions
Min.
Typ. Max. Units
1/t1
Output Frequency
PLL minmax/Dividermaximum
4.2
166
MHz
DC1
Output Duty Cycle
(excluding REFOUT
Duty Cycle is defined in Figure 4; t2/t1, 50% of VDD
External reference duty cycle between 40% and 60% measured at
VDD/2 (Clock output is
125 MHz)
45
50
55
%
DC2
Output Duty Cycle
Duty Cycle is defined in Figure 4; t2/t1, 50% of VDD
External reference duty cycle between 40% and 60% measured at
VDD/2 (Clock output is
125 MHz)
40
50
60
%
DCREFOUT
Output Duty Cycle
Duty Cycle is defined in Figure 4; t2/t1, 50% of VDD
(XIN Duty Cycle = 45/55%)
40
50
60
%
ER
Rising Edge Rate
Output Clock Edge Rate. Measured from 20% to 80% of
VDD. CLOAD = 15 pF. See Figure 5.
0.75
1.2
V/ns
EF
Falling Edge Rate
Output Clock Edge Rate. Measured from 80% to 20% of
VDD. CLOAD = 15pF See Figure 5.
0.75
1.2
V/ns
T9
Clock Jitter
Period Jitter
±250
ps
T10
PLL Lock Time
1
5
ms
fXO
VCXO Crystal Pull
Range
Using non-
SMD-49 crystal specified in
CY22388Appl
i
cat
i
on
Not
e,ANC0002”
Nominal Crystal Frequency Input assumed (0 ppm)@25°C and 3.3V
±110 ±120
ppm
Using
SMD-49 crystal specified in
CY22388Appl
i
cat
i
on
Not
e,ANC0002”
Nominal Crystal Frequency Input assumed (0 ppm)@25°C and 3.3V
±105 ±120
ppm
[+] Feedback
[+] Feedback


Similar Part No. - CY22388_06

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY22388 CYPRESS-CY22388 Datasheet
182Kb / 8P
   Universal Programmable Clock Generator (UPCG)
More results

Similar Description - CY22388_06

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY244ZXC CYPRESS-CY244ZXC Datasheet
164Kb / 9P
   Factory Programmable Quad PLL Clock Generator with VCXO
logo
Maxim Integrated Produc...
MAX9491 MAXIM-MAX9491 Datasheet
303Kb / 11P
   Factory-Programmable, Single PLL Clock Generator
Rev 0; 1/06
logo
Silicon Laboratories
SI5350B SILABS-SI5350B Datasheet
280Kb / 24P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR VCXO
logo
Skyworks Solutions Inc.
SI5350B-B SKYWORKS-SI5350B-B Datasheet
1Mb / 40P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR VCXO
Rev. 1.2
SI5350C-B SKYWORKS-SI5350C-B Datasheet
1Mb / 40P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR PLL
Rev. 1.2
logo
Cypress Semiconductor
CY25404 CYPRESS-CY25404 Datasheet
216Kb / 13P
   Quad PLL Programmable Clock Generator with Spread Spectrum
CY2544 CYPRESS-CY2544 Datasheet
318Kb / 11P
   Quad PLL Programmable Clock Generator with Spread Spectrum
logo
List of Unclassifed Man...
FS6128-01 ETC1-FS6128-01 Datasheet
66Kb / 7P
   PLL Clock Generator IC with VCXO
FS6128-04 ETC-FS6128-04 Datasheet
65Kb / 7P
   PLL CLOCK GENERATOR IC WITH VCXO
FS6128-07 ETC-FS6128-07 Datasheet
65Kb / 7P
   PLL Clock Generator IC with VCXO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com