Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY2071AFXIT Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY2071AFXIT
Description  Single-PLL General-Purpose EPROM Programmable Clock Generator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2071AFXIT Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY2071AFXIT Datasheet HTML 1Page - Cypress Semiconductor CY2071AFXIT Datasheet HTML 2Page - Cypress Semiconductor CY2071AFXIT Datasheet HTML 3Page - Cypress Semiconductor CY2071AFXIT Datasheet HTML 4Page - Cypress Semiconductor CY2071AFXIT Datasheet HTML 5Page - Cypress Semiconductor CY2071AFXIT Datasheet HTML 6Page - Cypress Semiconductor CY2071AFXIT Datasheet HTML 7Page - Cypress Semiconductor CY2071AFXIT Datasheet HTML 8Page - Cypress Semiconductor CY2071AFXIT Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
CY2071A
Document #: 38-07139 Rev. *D
Page 5 of 9
Switching Characteristics, Commercial 3.3V[11]
Parameter
Name
Description
Min.
Typ.
Max.
Unit
t1
Output Period
Clock output range 3.3V operation
15-pF load
CY2071AS
10
[100 MHz]
2000
[500 kHz]
ns
CY2071AF
12.50
[80 MHz]
2000
[500 kHz]
ns
t1A
Clock Jitter
Peak-to-peak period jitter (t1 max. – t1 min.), % of
clock period, fOUT ≤ 16 MHz
0.8
1
%
t1B
Clock Jitter
Peak-to-peak period jitter
(16 MHz
≤ f
OUT ≤ 50 MHz)
350
500
ps
t1C
Clock Jitter[12]
Peak-to-peak period jitter (fOUT > 50 MHz)
250
350
ps
Output Duty Cycle
Duty cycle[13, 14] for outputs, (t2 ÷ t1)
fOUT ≤ 60 MHz
45%
50%
55%
Output Duty
Cycle[12]
Duty cycle[14] for outputs, (t2 ÷ t1),
fOUT > 60 MHz
40%
50%
60%
t3
Rise Time[12]
Output clock rise time
1.5
2.5
ns
t4
Fall Time[12]
Output clock fall time
1.5
2.5
ns
t5
Skew
Skew delay between any two outputs with
identical frequencies (generated by the PLL)
0.5
ns
Switching Characteristics, Industrial 5.0V[11]
Parameter
Name
Description
Min.
Typ.
Max.
Unit
t1
Output Period
Clock output range 5.0V operation
25-pF load
CY2071AI
10
[100 MHz]
2000
[500 kHz]
ns
CY2071AFI
11.1
[90 MHz]
2000
[500 kHz]
ns
t1A
Clock Jitter
Peak-to-peak period jitter (t1 max. –
t1 min.),
% of clock period, fOUT ≤ 16 MHz
0.8
1
%
t1B
Clock Jitter
Peak-to-peak period jitter
(16 MHz
≤ f
OUT ≤ 50 MHz)
350
500
ps
t1C
Clock Jitter[12]
Peak-to-peak period jitter
(fOUT > 50 MHz)
250
350
ps
Output Duty Cycle
Duty cycle[13, 14] for outputs, (t2 ÷ t1)
fOUT ≤ 60 MHz
45%
50%
55%
Output Duty
Cycle[12]
Duty cycle[14] for outputs, (t2 ÷ t1),
fOUT > 60 MHz
40%
50%
60%
t3
Rise time[12]
Output clock rise time
1.5
2.5
ns
t4
Fall time[12]
Output clock fall time
1.5
2.5
ns
t5
Skew
Skew delay between any two
outputs with identical frequencies
(generated by the PLL)
0.5
ns
[+] Feedback
[+] Feedback


Similar Part No. - CY2071AFXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2071AF CYPRESS-CY2071AF Datasheet
118Kb / 8P
   Single-PLL General-Purpose EPROM Programmable Clock Generator
CY2071AFI CYPRESS-CY2071AFI Datasheet
118Kb / 8P
   Single-PLL General-Purpose EPROM Programmable Clock Generator
More results

Similar Description - CY2071AFXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2907 CYPRESS-CY2907 Datasheet
148Kb / 10P
   Single-PLL General-Purpose EPROM Programmable Clock Generator
CY2071A CYPRESS-CY2071A Datasheet
118Kb / 8P
   Single-PLL General-Purpose EPROM Programmable Clock Generator
CY2907 CYPRESS-CY2907_07 Datasheet
355Kb / 11P
   Single-PLL General Purpose EPROM Programmable Clock Generator
CY2907 CYPRESS-CY2907_13 Datasheet
565Kb / 13P
   Single-PLL General Purpose EPROM Programmable Clock Generator
CY2292 CYPRESS-CY2292_05 Datasheet
190Kb / 11P
   Three-PLL General-Purpose EPROM Programmable Clock Generator
CY2292 CYPRESS-CY2292 Datasheet
189Kb / 11P
   Three-PLL General-Purpose EPROM Programmable Clock Generator
CY2081 CYPRESS-CY2081 Datasheet
102Kb / 6P
   Three-PLL General-Purpose EPROM-Programmable Clock Generator
CY2291 CYPRESS-CY2291 Datasheet
121Kb / 13P
   Three-PLL General Purpose EPROM Programmable Clock Generator
CY2291 CYPRESS-CY2291_08 Datasheet
346Kb / 12P
   Three-PLL General Purpose EPROM Programmable Clock Generator
CY2291 CYPRESS-CY2291_02 Datasheet
133Kb / 14P
   Three-PLL General Purpose EPROM Programmable Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com