Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY24271 Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY24271
Description  Rambus짰 XDR??Clock Generator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY24271 Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY24271 Datasheet HTML 1Page - Cypress Semiconductor CY24271 Datasheet HTML 2Page - Cypress Semiconductor CY24271 Datasheet HTML 3Page - Cypress Semiconductor CY24271 Datasheet HTML 4Page - Cypress Semiconductor CY24271 Datasheet HTML 5Page - Cypress Semiconductor CY24271 Datasheet HTML 6Page - Cypress Semiconductor CY24271 Datasheet HTML 7Page - Cypress Semiconductor CY24271 Datasheet HTML 8Page - Cypress Semiconductor CY24271 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
CY24271
Document Number: 001-00411 Rev. *B
Page 4 of 13
SMBus Protocol
The CY24271 is a slave receiver supporting operations in the
word and byte modes described in sections 5.5.4 and 5.5.5 of
the SMBus Specification 2.0.
DC specifications are modified to RAMBUS standard to support
1.8, 2.5, and 3.3 volt devices. Time-out detection and packet
error protocol SMBus features are not supported.
Input Clock Signal
The XCG receives either a differential (REFCLK/REFCLKB) or a
single-ended reference clocking input (REFCLK).
When the reference input clock is from a different clock source,
it must meet the voltage levels and timing requirements listed in
DC Operating Conditions on page 7 and AC Operating Condi-
tions on page 8.
For a single-ended clock input, an external voltage divider and a
supply voltage, as shown in Figure 2, provide a reference
voltage VTH at the REFCLKB pin. This determines the proper trip
point of REFCLK. For the range of VTH specified in DC Operating
Conditions on page 7, the outputs also meet the DC and AC
Operating Conditions tables.
SMBus Data Byte Definitions
Three data bytes are defined for the CY24271. Byte 0 is for
programming the PLL multiplier registers and clock output
registers.
The definition of Byte 2 is shown in Table 5, Table 6, and Table 7
on page 5. The upper five bits are the revision numbers of the
device and the lower three bits are the ID numbers assigned to
the vendor by Rambus.
Notes
4. Bypass Mode: REFCLK bypasses the PLL to the output drivers.
5. Default mode of operation is at power up.
Table 4. Modes of Operation for CY24271
EN
/BYPASS RegTest RegA
RegB
RegC
RegD CLK0/CLK0B
CLK1/CLK1B
CLK2/CLK2B CLK3/CLK3B
L
X
X
X
X
X
X
High Z
High Z
High Z
High Z
H
X
1
X
X
X
X
Reserved for Vendor Test
H
L
0
X
X
X
X
REFCLK/
REFCLKB[4]
REFCLK/
REFCLKB
REFCLK/
REFCLKB
REFCLK/
REFCLKB
H
H
0
0
0
0
0
High Z
High Z
High Z
High Z
H
H
0
0
0
0
1
High Z
High Z
High Z
CLK/CLKB
H
H
0
0
0
1
0
High Z
High Z
CLK/CLKB
High Z
H
H
0
0
0
1
1
High Z
High Z
CLK/CLKB
CLK/CLKB
H
H
0
0
1
0
0
High Z
CLK/CLKB
High Z
High Z
H
H
0
0
1
0
1
High Z
CLK/CLKB
High Z
CLK/CLKB
H
H
0
0
1
1
0
High Z
CLK/CLKB
CLK/CLKB
High Z
H
H
0
0
1
1
1
High Z
CLK/CLKB
CLK/CLKB
CLK/CLKB
H
H
0
1
0
0
0
CLK/CLKB
High Z
High Z
High Z
H
H
0
1
0
0
1
CLK/CLKB
High Z
High Z
CLK/CLKB
H
H
0
1
0
1
0
CLK/CLKB
High Z
CLK/CLKB
High Z
H
H
0
1
0
1
1
CLK/CLKB
High Z
CLK/CLKB
CLK/CLKB
H
H
0
1
1
0
0
CLK/CLKB
CLK/CLKB
High Z
High Z
H
H
0
1
1
0
1
CLK/CLKB
CLK/CLKB
High Z
CLK/CLKB
H
H
0
1
1
1
0
CLK/CLKB
CLK/CLKB
CLK/CLKB
High Z
HH
0[5]
1[5]
1[5]
1[5]
1[5]
CLK/CLKB
CLK/CLKB
CLK/CLKB
CLK/CLKB
[+] Feedback


Similar Part No. - CY24271

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY24271 CYPRESS-CY24271_11 Datasheet
533Kb / 16P
   Rambus XDR??Clock Generator
More results

Similar Description - CY24271

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY24272 CYPRESS-CY24272 Datasheet
342Kb / 13P
   Rambus짰 XDR??Clock Generator with Zero SDA Hold Time
logo
Texas Instruments
CDCD5704 TI-CDCD5704_07 Datasheet
309Kb / 19P
[Old version datasheet]   Rambus XDR CLOCK GENERATOR
logo
Integrated Circuit Syst...
ICS9214 ICST-ICS9214 Datasheet
216Kb / 16P
   Rambus XDR Clock Generator
logo
Cypress Semiconductor
CY24271 CYPRESS-CY24271_11 Datasheet
533Kb / 16P
   Rambus XDR??Clock Generator
logo
Texas Instruments
CDCD5704 TI-CDCD5704 Datasheet
306Kb / 17P
[Old version datasheet]   Rambus TM XDR TM CLOCK GENERATOR
logo
Cypress Semiconductor
CY24272 CYPRESS-CY24272_11 Datasheet
548Kb / 16P
   Rambus XDR??Clock Generator with Zero SDA Hold Time
logo
Xilinx, Inc
DS614 XILINX-DS614 Datasheet
289Kb / 9P
   Clock Generator
logo
ON Semiconductor
NB3N51044 ONSEMI-NB3N51044 Datasheet
135Kb / 13P
   Clock Generator
July, 2014 ??Rev. 1
logo
Integrated Device Techn...
5L35023 IDT-5L35023 Datasheet
547Kb / 38P
   Clock Generator
logo
Rohm
BU2280FV ROHM-BU2280FV Datasheet
272Kb / 6P
   Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com