Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMF0805 Datasheet(PDF) 1 Page - Willow Technologies Ltd

Part # CMF0805
Description  Precision Chip Resistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

CMF0805 Datasheet(HTML) 1 Page - Willow Technologies Ltd

  CMF0805 Datasheet HTML 1Page - Willow Technologies Ltd CMF0805 Datasheet HTML 2Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
rev.03/2006A
Type
0603
0805
1206
Power Rating ( W )1
0.065
0.125
0.25
Working Voltage
( VAC )
75
100
200
Resistance Range
( W )
TolerancesAvailable(%)
Temperature Coefficients Available ( ± ppm/K ) 2
5.1W - <10W
-
-
1%
50
10W - <47W
0.1%to1%
25/50
0.1%to1%
25/50
0.1%to1%
25/50
47W - <100W
0.1%to1%
10/15/25/50
0.1%to1%
10/15/25/50
0.1%to1%
10/15/25/50
100W - 332k
0.1%to1%
5/10/15/25/50
0.05%to1%
5/10/15/25/50
0.05%to1%
5/10/15/25/50
>332k - 1M
-
0.1%to1%
10/15/25/50
0.05%to1%
10/15/25/50
>1M - 2M
-
-
0.25%to1%
50
>2M - 10M
-
-
-
CMF Series
Resistances from 5.1Ohm to 10MOhms
Power Rating 0.065 to 0.75 Watts
Resistance Tolerances to ± 0.05%
TCR’s to ± 5 ppm/K
Extreme Low Noise
Precision / Thin Film Resistance Element
Sizes: 0603 / 0805 / 1206 / 1210 / 2512
SPECIFICATIONS
PrecisionChipResistors
1
W@70°C/0W@125°C
2
5/10/15PPM:+25°Cto+85°C
3
1000VAvailable/contactfactory
Willow Technologies Ltd. Shawlands Court, Newchapel Road, Lingfield, Surrey, RH7 6BL, United Kingdom.
+ 44 (0) 1342 835234
+ 44 (0) 1342 834306
info@willow.co.uk
http://www.willow.co.uk


Similar Part No. - CMF0805

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
CMF0805 RIEDON-CMF0805 Datasheet
264Kb / 2P
   Precision Chip Resistors
CMF0805 RIEDON-CMF0805 Datasheet
168Kb / 2P
   Precision Chip Resistors
More results

Similar Description - CMF0805

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CRP0603-BZ-7871ELF BOURNS-CRP0603-BZ-7871ELF Datasheet
217Kb / 3P
   Precision Chip Resistors
logo
Riedon Powertron
CMF0603 RIEDON-CMF0603 Datasheet
264Kb / 2P
   Precision Chip Resistors
CMF0603 RIEDON-CMF0603_13 Datasheet
168Kb / 2P
   Precision Chip Resistors
logo
List of Unclassifed Man...
RC02 ETC1-RC02 Datasheet
644Kb / 15P
   Precision chip resistors
SMV ETC-SMV Datasheet
640Kb / 1P
   PRECISION SHUNT CHIP RESISTORS
logo
UNIOHM CORPORATION
RP25 UNIOHM-RP25 Datasheet
2Mb / 7P
   High Precision Chip Resistors
logo
Bourns Electronic Solut...
CRP1206-LF BOURNS-CRP1206-LF Datasheet
286Kb / 2P
   High precision chip resistors
logo
RCD COMPONENTS INC.
BLU1206P-10R0-FB RCD-BLU1206P-10R0-FB Datasheet
358Kb / 1P
   ULTRA PRECISION CHIP RESISTORS
logo
List of Unclassifed Man...
AR01 ETC-AR01 Datasheet
1Mb / 2P
   HIGH PRECISION CHIP RESISTORS
MCT0603 ETC1-MCT0603 Datasheet
763Kb / 13P
   Precision flat chip resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com