Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY22393FXIT Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY22393FXIT
Description  Three-PLL Serial-Programmable Flash-Programmable Clock Generator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY22393FXIT Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY22393FXIT Datasheet HTML 2Page - Cypress Semiconductor CY22393FXIT Datasheet HTML 3Page - Cypress Semiconductor CY22393FXIT Datasheet HTML 4Page - Cypress Semiconductor CY22393FXIT Datasheet HTML 5Page - Cypress Semiconductor CY22393FXIT Datasheet HTML 6Page - Cypress Semiconductor CY22393FXIT Datasheet HTML 7Page - Cypress Semiconductor CY22393FXIT Datasheet HTML 8Page - Cypress Semiconductor CY22393FXIT Datasheet HTML 9Page - Cypress Semiconductor CY22393FXIT Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
CY22395
CY22394
Document #: 38-07186 Rev. *C
Page 6 of 17
CY22393
program an inactive register, and then transition to that
register. This allows these resources to stay active during
programming.
The serial interface is active even with the SHUTDOWN/OE
pin LOW as the serial interface logic uses static components
and is completely self timed. The part will not meet the IDDS
current limit with transitioning inputs.
Memory Bitmap Definitions
Clk{A–D}_Div[6:0]
Each of the four main output clocks (CLKA–CLKD) features a
7-bit linear output divider. Any divider setting between 1 and
127 may be used by programming the value of the desired
divider into this register. Odd divide values are automatically
duty cycle corrected. Setting a divide value of zero powers
down the divider and forces the output to a tri-state condition.
CLKA and CLKB have two divider registers, selected by the
DivSel bit (which in turn is selected by S2, S1, and S0). This
allows the output divider value to change dynamically. For the
CY22394 device, ClkD_Div = 000001.
ClkE_Div[1:0]
CLKE has a simpler divider (see Table 1). For the CY22394,
set ClkE_Div = 01.
Clk*_FS[2:0]
Each of the four main output clocks (CLKA–CLKD) has a
three-bit code that determines the clock sources for the output
divider. The available clock sources are: Reference, PLL1,
PLL2, and PLL3. Each PLL provides both positive and
negative phased outputs, for a total of seven clock sources
(see Table 2). Note that the phase is a relative measure of the
PLL output phases. No absolute phase relation exists at the
outputs. )
Xbuf_OE
This bit enables the XBUF output when HIGH. For the
CY22395, Xbuf_OE = 0.
PdnEn
This bit selects the function of the SHUTDOWN/OE pin. When
this bit is HIGH, the pin is an active LOW shutdown control.
When this bit is LOW, this pin is an active HIGH output enable
control.
Clk*_ACAdj[1:0]
These bits modify the output predrivers, changing the duty
cycle through the pads. These are nominally set to 01, with a
higher value shifting the duty cycle higher. The performance of
the nominal setting is guaranteed.
Clk*_DCAdj[1:0]
These bits modify the DC drive of the outputs. The perfor-
mance of the nominal setting is guaranteed.
PLL*_Q[7:0]
PLL*_P[9:0]
PLL*_P0
These are the 8-bit Q value and 11-bit P values that determine
the PLL frequency. The formula is:
PLL*_LF[2:0]
These bits adjust the loop filter to optimize the stability of the
PLL. Table 4 can be used to guarantee stability. However,
CyClocksRT uses a more complicated algorithm to set the
loop filter for enhanced jitter performance. Use the Print
Preview function in CyClocksRT to determine the charge
pump settings for optimal jitter performance.
Table 1.
ClkE_Div[1:0]
ClkE Output
00
Off
01
PLL1 0
° Phase/4
10
PLL1 0
° Phase/2
11
PLL1 0
° Phase/3
Table 2.
Clk*_FS[2:0]
Clock Source
000
Reference Clock
001
Reserved
010
PLL1 0
° Phase
011
PLL1 180
° Phase
100
PLL2 0
° Phase
101
PLL2 180
° Phase
110
PLL3 0
° Phase
111
PLL3 180
° Phase
Table 3.
Clk*_DCAdj[1:0]
Output Drive Strength
00
–30% of nominal
01
Nominal
10
+15% of nominal
11
+50% of nominal
Table 4.
PLL*_LF[2:0]
PT Min
PT Max
00016231
001
232
626
010
627
834
011
835
1043
100
1044
1600
F
PLL
F
REF
P
T
Q
T
-------
⎝⎠
⎛⎞
×
=
P
T
2P
3
+
()
×
() PO
+
=
Q
T
Q2
+
=
[+] Feedback
[+] Feedback


Similar Part No. - CY22393FXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY22393FXIT CYPRESS-CY22393FXIT Datasheet
512Kb / 19P
   Three-PLL Serial-Programmable Flash-Programmable Clock Generator
More results

Similar Description - CY22393FXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY22393 CYPRESS-CY22393_09 Datasheet
418Kb / 19P
   Three-PLL Serial-Programmable Flash-Programmable Clock Generator
CY22395 CYPRESS-CY22395 Datasheet
512Kb / 19P
   Three-PLL Serial-Programmable Flash-Programmable Clock Generator
CY22381 CYPRESS-CY22381_08 Datasheet
346Kb / 9P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22381 CYPRESS-CY22381 Datasheet
143Kb / 8P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22392 CYPRESS-CY22392_08 Datasheet
344Kb / 9P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22392 CYPRESS-CY22392_13 Datasheet
504Kb / 13P
   Three-PLL General Purpose Flash Programmable Clock Generator
CY22381 CYPRESS-CY22381_11 Datasheet
344Kb / 11P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22392 CYPRESS-CY22392 Datasheet
157Kb / 8P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22381_1105 CYPRESS-CY22381_1105 Datasheet
450Kb / 11P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY25403 CYPRESS-CY25403 Datasheet
261Kb / 8P
   Three PLL Programmable Clock Generator with Spread Spectrum
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com