Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61026DRCT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61026DRCT
Description  96% EFFICIENT SYNCHRONOUS BOOST CONVERTER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61026DRCT Datasheet(HTML) 3 Page - Texas Instruments

  TPS61026DRCT Datasheet HTML 1Page - Texas Instruments TPS61026DRCT Datasheet HTML 2Page - Texas Instruments TPS61026DRCT Datasheet HTML 3Page - Texas Instruments TPS61026DRCT Datasheet HTML 4Page - Texas Instruments TPS61026DRCT Datasheet HTML 5Page - Texas Instruments TPS61026DRCT Datasheet HTML 6Page - Texas Instruments TPS61026DRCT Datasheet HTML 7Page - Texas Instruments TPS61026DRCT Datasheet HTML 8Page - Texas Instruments TPS61026DRCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
TPS61020
,, TPS61024,, TPS61025
TPS61026, TPS61027, TPS61028
TPS61029
SLVS451D – SEPTEMBER 2003 – REVISED FEBRUARY 2006
over recommended free-air temperature range and over recommended input voltage range (typical at an ambient
temperature range of 25
°C) (unless otherwise noted)
DC/DC STAGE
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Minimum input voltage for start-up
RL = 120 Ω
0.9
1.2
V
Input voltage range, after start-up (TPS61020,
0.9
6.5
V
VI
TPS61024, TPS61025, TPS61027, TPS61028)
Input voltage range, after start-up (TPS61026,
0.9
5.5
V
TPS61029)
TPS61020, TPS61028 and TPS61029 output
VO
1.8
5.5
V
voltage range
TPS61020, TPS61028 and TPS61029 feedback
VFB
490
500
510
mV
voltage
f
Oscillator frequency
480
600
720
kHz
Switch current limit (TPS61020, TPS61024,
ISW
VOUT= 3.3 V
1200
1500
1800
mA
TPS61025, TPS61027)
ISW
Switch current limit (TPS61028)
VOUT= 3.3 V
800
mA
ISW
Switch current limit (TPS61026, TPS61029)
VOUT= 3.3 V
1500
1800
2100
mA
Start-up current limit
0.4 x ISW
mA
SWN switch on resistance
VOUT= 3.3 V
260
m
SWP switch on resistance
VOUT= 3.3 V
290
m
Total accuracy (including line and load regulation)
±3%
Line regulation
0.6%
Load regulation
0.6%
VBAT
1
3
µA
IO = 0 mA, VEN = VBAT = 1.2 V,
Quiescent current
VOUT = 3.3 V, TA = 25°C
VOUT
25
45
µA
VEN = 0 V, VBAT = 1.2 V,
Shutdown current
0.1
1
µA
TA = 25°C
CONTROL STAGE
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VUVLO Under voltage lockout threshold
VLBI voltage decreasing
0.8
V
VIL
LBI voltage threshold
VLBI voltage decreasing
490
500
510
mV
LBI input hysteresis
10
mV
LBI input current
EN = VBAT or GND
0.01
0.1
µA
VOL
LBO output low voltage
VO = 3.3 V, IOI = 100 µA
0.04
0.4
V
Vlkg
LBO output leakage current
VLBO = 7 V
0.01
0.1
µA
VIL
EN, PS input low voltage
0.2
× VBAT
V
VIH
EN, PS input high voltage
0.8
× VBAT
V
EN, PS input current
Clamped on GND or VBAT
0.01
0.1
µA
Overtemperature protection
140
°C
Overtemperature hysteresis
20
°C
3
Submit Documentation Feedback


Similar Part No. - TPS61026DRCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61026 TI-TPS61026 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6102x 96% Efficient Synchronous Boost Converter
More results

Similar Description - TPS61026DRCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61020 TI-TPS61020_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6102x 96% Efficient Synchronous Boost Converter
TPS61029-Q1 TI1-TPS61029-Q1 Datasheet
764Kb / 27P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTERS
TPS61030 TI-TPS61030_10 Datasheet
878Kb / 28P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 4A SWITCH
TPS61030 TI-TPS61030 Datasheet
375Kb / 20P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 4A SWITCH
TPS61030 TI1-TPS61030_17 Datasheet
1Mb / 33P
[Old version datasheet]   96% Efficient Synchronous Boost Converter With 4A Switch
TPS61025-Q1 TI1-TPS61025-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6102x 96 Efficient Synchronous Boost Converters
TPS61020 TI-TPS61020 Datasheet
638Kb / 22P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 1.5-A SWITCH
TPS61030 TI-TPS61030_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6103x 96% Efficient Synchronous Boost Converter With 4A Switch
TPS61029-Q1 TI-TPS61029-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6102x 96% Efficient Synchronous Boost Converters
TPS61071-Q1 TI1-TPS61071-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   Efficient Synchronous Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com