Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY25701FJXC Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY25701FJXC
Description  Programmable High-Frequency Crystal Oscillator with Spread Spectrum (SSXO) and No-Spread Spectrum (XO) Option
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY25701FJXC Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY25701FJXC Datasheet HTML 1Page - Cypress Semiconductor CY25701FJXC Datasheet HTML 2Page - Cypress Semiconductor CY25701FJXC Datasheet HTML 3Page - Cypress Semiconductor CY25701FJXC Datasheet HTML 4Page - Cypress Semiconductor CY25701FJXC Datasheet HTML 5Page - Cypress Semiconductor CY25701FJXC Datasheet HTML 6Page - Cypress Semiconductor CY25701FJXC Datasheet HTML 7Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
CY25701JXC/FJXC
Document #: 38-07684 Rev. *E
Page 4 of 7
Application Circuit
Switching Waveforms
0.1 µF
VDD
1
2
3
4
OE
VSS
SSCLK
VDD
Power
CY25701
Figure 1. Application Circuit Diagram
Duty Cycle Timing (DC = t1A/t1B)
t1A
t1B
SSCLK
Figure 2. Duty Cycle Waveform
Output Rise/Fall Time
SSCLK
Tr
VDD
0V
Tf
Output Rise time (Tr) = (0.6 x VDD)/SR1 (or SR3)
Output Fall time (Tf) = (0.6 x VDD)/SR2 (or SR4)
Refer to AC Electrical Characteristics table for SR (Slew Rate) values.
Figure 3. Output Rise/Fall Time Waveform
Output Enable/Disable Timing
SSCLK
VDD
TOE1
VIL
VIH
OUTPUT
ENABLE
0V
(Asynchronous)
High Impedance
TOE2
Figure 4. Output Enable/Disable Timing Waveforms
[+] Feedback
[+] Feedback


Similar Part No. - CY25701FJXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25701FJXC CYPRESS-CY25701FJXC Datasheet
243Kb / 7P
   Programmable High-Frequency Crystal Oscillator with Spread Spectrum (SSXO)
CY25701FJXCT CYPRESS-CY25701FJXCT Datasheet
243Kb / 7P
   Programmable High-Frequency Crystal Oscillator with Spread Spectrum (SSXO)
More results

Similar Description - CY25701FJXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25701 CYPRESS-CY25701_06 Datasheet
317Kb / 8P
   Programmable High-Frequency Crystal Oscillator with Spread Spectrum (SSXO) and No-Spread Spectrum (XO) Option
CY25701 CYPRESS-CY25701_07 Datasheet
275Kb / 8P
   Programmable High Frequency Crystal Oscillator with Spread Spectrum (SSXO) and No Spread Spectrum (XO) Option
CY25701 CYPRESS-CY25701 Datasheet
243Kb / 7P
   Programmable High-Frequency Crystal Oscillator with Spread Spectrum (SSXO)
logo
Epson Company
SG-9001CA EPSON-SG-9001CA Datasheet
130Kb / 1P
   PROGRAMMABLE HIGH-FREQUENCY CRYSTAL OSCILLATOR WITH SPREAD SPECTRUM
logo
List of Unclassifed Man...
SG-9001LB ETC2-SG-9001LB Datasheet
233Kb / 1P
   CRYSTAL OSCILLATOR SPREAD SPECTRUM
logo
Epson Company
SG-9101 EPSON-SG-9101 Datasheet
1Mb / 8P
   CRYSTAL OSCILLATOR (Programmable) SPREAD SPECTRUM OUTPUT: CMOS
logo
auris-GmbH
APSSO7050 AURIS-APSSO7050 Datasheet
376Kb / 2P
   Oscillator SMD, spread spectrum, programmable
logo
Epson Company
SG-9101CGA EPSON-SG-9101CGA Datasheet
1Mb / 8P
   CRYSTAL OSCILLATOR (Programmable) SPREAD SPECTRUM OUTPUT: CMOS
logo
Jauch Quartz Gmbh
JSS53 JAUCH-JSS53 Datasheet
181Kb / 2P
   SMD Spread Spectrum Crystal Oscillator
logo
ECS, Inc.
ECS-3250SS ECS-ECS-3250SS Datasheet
203Kb / 2P
   SPREAD SPECTRUM OSCILLATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com